Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT165PW Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74HCT165PW
Description  8-bit parallel-in/serial-out shift register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT165PW Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT165PW Datasheet HTML 2Page - NXP Semiconductors 74HCT165PW Datasheet HTML 3Page - NXP Semiconductors 74HCT165PW Datasheet HTML 4Page - NXP Semiconductors 74HCT165PW Datasheet HTML 5Page - NXP Semiconductors 74HCT165PW Datasheet HTML 6Page - NXP Semiconductors 74HCT165PW Datasheet HTML 7Page - NXP Semiconductors 74HCT165PW Datasheet HTML 8Page - NXP Semiconductors 74HCT165PW Datasheet HTML 9Page - NXP Semiconductors 74HCT165PW Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
December 1990
10
Philips Semiconductors
Product specification
8-bit parallel-in/serial-out shift register
74HC/HCT165
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
Fig.9
Waveforms showing the set-up and hold times from the serial data input (Ds) to the clock (CP) and clock
enable (CE) inputs, from the clock enable input (CE) to the clock input (CP) and from the clock input (CP)
to the clock enable input (CE).
CE may change only from HIGH-to-LOW while CP
is LOW.
The shaded areas indicate when the input is
permitted to change for predictable output
performance.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.10 Waveforms showing the set-up and hold times from the data inputs (Dn) to the parallel load input (PL).
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.


Similar Part No. - 74HCT165PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT165PW NXP-74HCT165PW Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
logo
Nexperia B.V. All right...
74HCT165PW NEXPERIA-74HCT165PW Datasheet
295Kb / 18P
   8-bit parallel-in/serial out shift register
Rev. 7 - 1 September 2021
74HCT165PW-Q100 NEXPERIA-74HCT165PW-Q100 Datasheet
260Kb / 21P
   8-bit parallel-in/serial out shift register
74HCT165PW-Q100 NEXPERIA-74HCT165PW-Q100 Datasheet
282Kb / 18P
   8-bit parallel-in/serial out shift register
Rev. 3 - 23 April 2020
More results

Similar Description - 74HCT165PW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com