Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC165PW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HC165PW
Description  8-bit parallel-in/serial-out shift register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC165PW Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC165PW Datasheet HTML 1Page - NXP Semiconductors 74HC165PW Datasheet HTML 2Page - NXP Semiconductors 74HC165PW Datasheet HTML 3Page - NXP Semiconductors 74HC165PW Datasheet HTML 4Page - NXP Semiconductors 74HC165PW Datasheet HTML 5Page - NXP Semiconductors 74HC165PW Datasheet HTML 6Page - NXP Semiconductors 74HC165PW Datasheet HTML 7Page - NXP Semiconductors 74HC165PW Datasheet HTML 8Page - NXP Semiconductors 74HC165PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
December 1990
5
Philips Semiconductors
Product specification
8-bit parallel-in/serial-out shift register
74HC/HCT165
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR HC
GND = 0 V; tr = tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CE, CP to Q7, Q7
52
19
15
165
33
28
205
41
35
250
50
43
ns
2.0
4.5
6.0
Fig.6
tPHL/ tPLH
propagation delay
PL to Q7, Q7
50
18
14
165
33
28
205
41
35
250
50
43
ns
2.0
4.5
6.0
Fig.6
tPHL/ tPLH
propagation delay
D7 to Q7, Q7
36
13
10
120
24
20
150
30
26
180
36
31
ns
2.0
4.5
6.0
Fig.6
tTHL/ tTLH
output transition
time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.6
tW
clock pulse width
HIGH or LOW
80
16
14
17
6
5
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.6
tW
parallel load pulse
width; LOW
80
16
14
14
5
4
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.6
trem
removal time
PL to CP, CE
100
20
17
22
8
6
125
25
21
150
30
26
ns
2.0
4.5
6.0
Fig.6
tsu
set-up time
Ds to CP, CE
80
16
14
11
4
3
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.6
tsu
set-up time
CE to CP;
CP to CE
80
16
14
17
6
5
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.6
tsu
set-up time
Dn to PL
80
16
14
22
8
6
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.6


Similar Part No. - 74HC165PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC165PW NXP-74HC165PW Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
logo
Nexperia B.V. All right...
74HC165PW NEXPERIA-74HC165PW Datasheet
295Kb / 18P
   8-bit parallel-in/serial out shift register
Rev. 7 - 1 September 2021
74HC165PW-Q100 NEXPERIA-74HC165PW-Q100 Datasheet
260Kb / 21P
   8-bit parallel-in/serial out shift register
74HC165PW-Q100 NEXPERIA-74HC165PW-Q100 Datasheet
282Kb / 18P
   8-bit parallel-in/serial out shift register
Rev. 3 - 23 April 2020
More results

Similar Description - 74HC165PW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com