Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC166DB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC166DB
Description  8-bit parallel-in/serial-out shift register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC166DB Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC166DB Datasheet HTML 1Page - NXP Semiconductors 74HC166DB Datasheet HTML 2Page - NXP Semiconductors 74HC166DB Datasheet HTML 3Page - NXP Semiconductors 74HC166DB Datasheet HTML 4Page - NXP Semiconductors 74HC166DB Datasheet HTML 5Page - NXP Semiconductors 74HC166DB Datasheet HTML 6Page - NXP Semiconductors 74HC166DB Datasheet HTML 7Page - NXP Semiconductors 74HC166DB Datasheet HTML 8Page - NXP Semiconductors 74HC166DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
December 1990
3
Philips Semiconductors
Product specification
8-bit parallel-in/serial-out shift register
74HC/HCT166
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1Ds
serial data input
2, 3, 4, 5, 10, 11, 12, 14
D0 to D7
parallel data inputs
6
CE
clock enable input (active LOW)
7
CP
clock input (LOW-to-HIGH edge-triggered)
8
GND
ground (0 V)
9
MR
asynchronous master reset (active LOW)
13
Q7
serial output from the last stage
15
PE
parallel enable input (active LOW)
16
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.


Similar Part No. - 74HC166DB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
74HC166D TOSHIBA-74HC166D Datasheet
302Kb / 13P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
logo
Nexperia B.V. All right...
74HC166D NEXPERIA-74HC166D Datasheet
278Kb / 17P
   8-bit parallel-in/serial out shift register
Rev. 5 - 9 August 2021
logo
Burr-Brown (TI)
74HC166D BURR-BROWN-74HC166D Datasheet
285Kb / 13P
   EVALUATION FIXTURE
logo
Nexperia B.V. All right...
74HC166D-Q100 NEXPERIA-74HC166D-Q100 Datasheet
1Mb / 19P
   8-bit parallel-in/serial out shift register
74HC166D-Q100 NEXPERIA-74HC166D-Q100 Datasheet
277Kb / 17P
   8-bit parallel-in/serial out shift register
Rev. 2 - 9 August 2021
More results

Similar Description - 74HC166DB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com