Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JTA1524D01 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # JTA1524D01
Description  15 Watts DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JTA1524D01 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  JTA1524D01 Datasheet HTML 1Page - List of Unclassifed Manufacturers JTA1524D01 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PH: 508 429.9883
FAX: 800 226.2100
Email: sales@xpiq.com
Holliston, MA 01746 USA
www.XPiQ.com
OUTPUT VOLTAGE & CURRENT RATINGS
JTA15
Input
Maximum
Overvoltage
Output1
Output 2
Efficiency
Model
Voltage
Power
Protection
V1nom
Imax
V2nom
Imax
Number
15 W
6.8 V
5.0 V
3.000 A
80%
JTA1524S05
15 W
15.0 V
12.0 V
1.250 A
82%
JTA1524S12
24 V (9-36)
15 W
18.0 V
15.0 V
1.000 A
82%
JTA1524S15
15 W
6.8 V
5.0 V
1.500 A
-5.0 V
1.500 A
80%
JTA1524D01
15 W
15.0 V
12.0 V
0.625 A
-12.0 V
0.625 A
82%
JTA1524D02
15 W
18.0 V
15.0 V
0.500 A
-15.0 V
0.500 A
82%
JTA1524D03
15 W
6.8 V
5.0 V
3.000 A
80%
JTA1548S05
15 W
15.0 V
12.0 V
1.250 A
82%
JTA1548S12
48 V (18-75)
15 W
18.0 V
15.0 V
1.000 A
82%
JTA1548S15
15 W
6.8 V
5.0 V
1.500 A
-5.0 V
1.500 A
80%
JTA1548D01
15 W
15.0 V
12.0 V
0.625 A
-12.0 V
0.625 A
82%
JTA1548D02
15 W
18.0 V
15.0 V
0.500 A
-15.0 V
0.500 A
82%
JTA1548D03
Mechanical Details
Derating Curve
Pin
Single
Dual
Output
Output
1
ON/OFF Control ON/OFF Control
3-Vin
-Vin
4
+Vin
+Vin
5
Trim
Trim
6
-Vout
-Vout
7
+Vout
Common
8
No Pin
+Vout
Dimensions in inches (mm)
* Preliminary datasheet - see website for current specs
Rev 1.0
JTA15.qxd
16/5/03
3:55 pm
Page 2


Similar Part No. - JTA1524D01

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JTA1524D01 XPPOWER-JTA1524D01 Datasheet
123Kb / 4P
   DC-DC Power Supplies
More results

Similar Description - JTA1524D01

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMUA15 WALL-DCMUA15 Datasheet
292Kb / 4P
   15 Watts DC/DC Power Converters
DCMUA15 WALL-DCMUA15_16 Datasheet
385Kb / 4P
   15 Watts DC/DC Power Converters
logo
List of Unclassifed Man...
UM3500 ETC1-UM3500 Datasheet
96Kb / 2P
   40 Watts DC-DC Converters
logo
Wall Industries,Inc.
DMW WALL-DMW Datasheet
161Kb / 6P
   15.3 Watts DC/DC Converters
logo
Total Power Internation...
MKW2500 TOTAL-POWER-MKW2500 Datasheet
187Kb / 8P
   15 Watts 2 :1 Wide Input Range DC/DC Converters
MKW2600 TOTAL-POWER-MKW2600 Datasheet
182Kb / 8P
   15 Watts 4:1 Wide Input Range DC/DC Converters
logo
Power Mate Technology C...
FEC15 P-DUKE-FEC15_14 Datasheet
292Kb / 3P
   15 WATTS DC-DC CONVERTER
FDC15 P-DUKE-FDC15_14 Datasheet
329Kb / 3P
   15 WATTS DC-DC CONVERTER
FEC15W P-DUKE-FEC15W_14 Datasheet
291Kb / 3P
   15 WATTS DC-DC CONVERTER
logo
Bel Fuse Inc.
IMX15 BEL-IMX15 Datasheet
1Mb / 19P
   15 Watt DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com