Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY57V281620HCT-S Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HY57V281620HCT-S
Description  4 Banks x 2M x 16bits Synchronous DRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V281620HCT-S Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HY57V281620HCT-S Datasheet HTML 5Page - Hynix Semiconductor HY57V281620HCT-S Datasheet HTML 6Page - Hynix Semiconductor HY57V281620HCT-S Datasheet HTML 7Page - Hynix Semiconductor HY57V281620HCT-S Datasheet HTML 8Page - Hynix Semiconductor HY57V281620HCT-S Datasheet HTML 9Page - Hynix Semiconductor HY57V281620HCT-S Datasheet HTML 10Page - Hynix Semiconductor HY57V281620HCT-S Datasheet HTML 11Page - Hynix Semiconductor HY57V281620HCT-S Datasheet HTML 12Page - Hynix Semiconductor HY57V281620HCT-S Datasheet HTML 13Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
HY57V281620HC(L)T
Rev. 0.2/Aug. 01
10
IBIS SPECIFICATION
IOH Characteristics (Pull-up)
IOL Characteristics (Pull-down)
Voltage
100MHz
(Min)
100MHz
(Max)
66MHz
(Min)
(V)
I(mA)
I(mA)
I(mA)
3.45
-2.4
3.3
-27.3
3.0
0
-74.1
-0.7
2.6
-21.1
-129.2
-7.5
2.4
-34.1
-153.3
-13.3
2.0
-58.7
-197
-27.5
1.8
-67.3
-226.2
-35.5
1.65
-73
-248
-41.1
1.5
-77.9
-269.7
-47.9
1.4
-80.8
-284.3
-52.4
1.0
-88.6
-344.5
-72.5
0
-93
-502.4
-93
Voltage
100MHz
(Min)
100MHz
(Max)
66MHz
(Min)
(V)
I(mA)
I(mA)
I(mA)
0
0
0
0
0.4
27.5
70.2
17.7
0.65
41.8
107.5
26.9
0.85
51.6
133.8
33.3
1.0
58.0
151.2
37.6
1.4
70.7
187.7
46.6
1.5
72.9
194.4
48.0
1.65
75.4
202.5
49.5
1.8
77.0
208.6
50.7
1.95
77.6
212.0
51.5
3.0
80.3
219.6
54.2
3.45
81.4
222.6
54.9
-600
-500
-400
-300
-200
-100
0
0
0.5
1
1.5
2
2.5
3
3.5
Voltage (V)
IOH Min (66MHz)
66MHz and 100MHz Pull-up
IOH Min (100MHz)
IOH Max (66 /100MHz)
0
50
100
150
200
250
0
0.5
1
1.5
2
2.5
3
3.5
Voltage (V)
66MHz and 100MHz Pull-down
IOL Min (100MHz)
IOL Min (66MHz)
IOL Max (100MHz)


Similar Part No. - HY57V281620HCT-S

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V281620HCT-SI HYNIX-HY57V281620HCT-SI Datasheet
82Kb / 11P
   4 Banks x 2M x 16bits Synchronous DRAM
More results

Similar Description - HY57V281620HCT-S

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V281620A HYNIX-HY57V281620A Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
HY5V26CF HYNIX-HY5V26CF Datasheet
186Kb / 14P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620HCT-6I HYNIX-HY57V281620HCT-6I Datasheet
82Kb / 11P
   4 Banks x 2M x 16bits Synchronous DRAM
HY5Y2B6DLF-HE HYNIX-HY5Y2B6DLF-HE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
HY5S2B6DLF-SE HYNIX-HY5S2B6DLF-SE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
HY5W2B6DLF-HE HYNIX-HY5W2B6DLF-HE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
logo
Samsung semiconductor
KM416S8030 SAMSUNG-KM416S8030 Datasheet
116Kb / 10P
   2M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V64820HG HYNIX-HY57V64820HG Datasheet
134Kb / 11P
   4 Banks x 2M x 8Bit Synchronous DRAM
HY57V64820HGTP HYNIX-HY57V64820HGTP Datasheet
85Kb / 11P
   4 Banks x 2M x 8Bit Synchronous DRAM
logo
Samsung semiconductor
KM48S8030C SAMSUNG-KM48S8030C Datasheet
82Kb / 8P
   2M x 8Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com