Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90C383BMT Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90C383BMT
Description  3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C383BMT Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90C383BMT Datasheet HTML 1Page - National Semiconductor (TI) DS90C383BMT Datasheet HTML 2Page - National Semiconductor (TI) DS90C383BMT Datasheet HTML 3Page - National Semiconductor (TI) DS90C383BMT Datasheet HTML 4Page - National Semiconductor (TI) DS90C383BMT Datasheet HTML 5Page - National Semiconductor (TI) DS90C383BMT Datasheet HTML 6Page - National Semiconductor (TI) DS90C383BMT Datasheet HTML 7Page - National Semiconductor (TI) DS90C383BMT Datasheet HTML 8Page - National Semiconductor (TI) DS90C383BMT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DS90C383B
+3.3V Programmable LVDS Transmitter 24-Bit Flat Panel
Display (FPD) Link-65 MHz
General Description
The DS90C383B transmitter converts 28 bits of CMOS/TTL
data into four LVDS (Low Voltage Differential Signaling) data
streams. A phase-locked transmit clock is transmitted in
parallel with the data streams over a fifth LVDS link. Every
cycle of the transmit clock 28 bits of input data are sampled
and transmitted. At a transmit clock frequency of 65 MHz, 24
bits of RGB data and 3 bits of LCD timing and control data
(FPLINE, FPFRAME, DRDY) are transmitted at a rate of 455
Mbps per LVDS data channel. Using a 65 MHz clock, the
data throughput is 227 Mbytes/sec. The DS90C383B trans-
mitter can be programmed for Rising edge strobe or Falling
edge strobe through a dedicated pin. A Rising edge or
Falling edge strobe transmitter will interoperate with a Falling
edge strobe Receiver (DS90CF386) without any translation
logic.
This chipset is an ideal means to solve EMI and cable size
problems associated with wide, high speed TTL interfaces.
Features
n
No special start-up sequence required between
clock/data and /PD pins. Input signal (clock and data)
can be applied either before or after the device is
powered.
n
Support Spread Spectrum Clocking up to 100kHz
frequency modulation & deviations of ±2.5% center
spread or −5% down spread.
n
"Input Clock Detection" feature will pull all LVDS pairs to
logic low when input clock is missing and when /PD pin
is logic high.
n
18 to 68 MHz shift clock support
n
Best–in–Class Set & Hold Times on TxINPUTs
n
Tx power consumption < 130 mW (typ) @65MHz
Grayscale
n
40% Less Power Dissipation than BiCMOS Alternatives
n
Tx Power-down mode < 60µW (typ)
n
Supports VGA, SVGA, XGA and Dual Pixel SXGA.
n
Narrow bus reduces cable size and cost
n
Up to 1.8 Gbps throughput
n
Up to 227 Megabytes/sec bandwidth
n
345 mV (typ) swing LVDS devices for low EMI
n
PLL requires no external components
n
Compatible with TIA/EIA-644 LVDS standard
n
Low profile 56-lead TSSOP package
n
Improved replacement for:
SN75LVDS83, DS90C383A
Block Diagram
DS90C383B
20098401
Order Number DS90C383BMT
See NS Package Number MTD56
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
PRELIMINARY
July 2004
© 2004 National Semiconductor Corporation
DS200984
www.national.com


Similar Part No. - DS90C383BMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C383BMT TI-DS90C383BMT Datasheet
952Kb / 15P
[Old version datasheet]   Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383BMT-NOPB TI1-DS90C383BMT-NOPB Datasheet
975Kb / 15P
[Old version datasheet]   Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383BMT/NOPB TI1-DS90C383BMT/NOPB Datasheet
1Mb / 17P
[Old version datasheet]   Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383BMTX TI-DS90C383BMTX Datasheet
952Kb / 15P
[Old version datasheet]   Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383BMTX-NOPB TI1-DS90C383BMTX-NOPB Datasheet
975Kb / 15P
[Old version datasheet]   Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
More results

Similar Description - DS90C383BMT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383 NSC-DS90C383 Datasheet
344Kb / 20P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383B NSC-DS90C383B_06 Datasheet
639Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90C383 TI1-DS90C383_11 Datasheet
410Kb / 22P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF383B TI1-DS90CF383B_15 Datasheet
1Mb / 18P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
National Semiconductor ...
DS90CF383B NSC-DS90CF383B Datasheet
640Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90CF383BMTX TI1-DS90CF383BMTX Datasheet
958Kb / 16P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
National Semiconductor ...
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90C383B TI1-DS90C383B_15 Datasheet
1Mb / 17P
[Old version datasheet]   Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com