Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBLS4003V Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PBLS4003V
Description  40 V PNP BISS loadswitch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBLS4003V Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PBLS4003V Datasheet HTML 2Page - NXP Semiconductors PBLS4003V Datasheet HTML 3Page - NXP Semiconductors PBLS4003V Datasheet HTML 4Page - NXP Semiconductors PBLS4003V Datasheet HTML 5Page - NXP Semiconductors PBLS4003V Datasheet HTML 6Page - NXP Semiconductors PBLS4003V Datasheet HTML 7Page - NXP Semiconductors PBLS4003V Datasheet HTML 8Page - NXP Semiconductors PBLS4003V Datasheet HTML 9Page - NXP Semiconductors PBLS4003V Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
9397 750 15222
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 14 July 2005
6 of 11
Philips Semiconductors
PBLS4003Y; PBLS4003V
40 V PNP BISS loadswitch
Tamb =25 °CIC/IB =20
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Fig 5.
TR1 (PNP): Collector current as a function of
collector-emitter voltage; typical values
Fig 6.
TR1 (PNP): Collector-emitter saturation
resistance as a function of collector current;
typical values
Tamb =25 °C
(1) IC/IB = 100
(2) IC/IB =50
(3) IC/IB =10
Tamb =25 °C
(1) IC/IB = 100
(2) IC/IB =50
(3) IC/IB =10
Fig 7.
TR1 (PNP): Collector-emitter saturation voltage
as a function of collector current; typical values
Fig 8.
TR1 (PNP): Collector-emitter saturation
resistance as a function of collector current;
typical values
VCE (V)
0
−5
−4
−2
−3
−1
006aaa394
−0.4
−0.6
−0.2
−0.8
−1
IC
(A)
0
IB (mA) = −30
−3
−6
−9
−12
−15
−27
−24
−21
−18
006aaa393
IC (mA)
−10−1
−103
−102
−1
−10
1
10
102
103
RCEsat
(
Ω)
10−1
(1)
(2)
(3)
006aaa391
IC (mA)
−10−1
−103
−102
−1
−10
−10−1
−1
VCEsat
(mV)
−10−2
(1)
(2)
(3)
006aaa395
IC (mA)
−10−1
−103
−102
−1
−10
1
10
102
103
RCEsat
(
Ω)
10−1
(1)
(2)
(3)


Similar Part No. - PBLS4003V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBLS4003V NXP-PBLS4003V Datasheet
114Kb / 11P
   40 V PNP BISS loadswitch
Rev. 03-13 February 2009
logo
Nexperia B.V. All right...
PBLS4003V NEXPERIA-PBLS4003V Datasheet
229Kb / 12P
   40 V PNP BISS loadswitch
Rev. 03 - 13 February 2009
More results

Similar Description - PBLS4003V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBLS4004Y NXP-PBLS4004Y Datasheet
114Kb / 11P
   40 V PNP BISS loadswitch
Rev. 03-16 February 2009
PBLS4005D NXP-PBLS4005D Datasheet
156Kb / 15P
   40 V PNP BISS loadswitch
Rev. 03-6 January 2009
logo
Nexperia B.V. All right...
PBLS4001Y NEXPERIA-PBLS4001Y Datasheet
450Kb / 12P
   40 V PNP BISS loadswitch
Rev. 03 - 12 February 2009
PBLS4002D NEXPERIA-PBLS4002D Datasheet
271Kb / 16P
   40 V PNP BISS loadswitch
Rev. 03 - 5 January 2009
logo
NXP Semiconductors
PBLS4002Y NXP-PBLS4002Y Datasheet
114Kb / 11P
   40 V PNP BISS loadswitch
Rev. 03-12 February 2009
PBLS4003Y NXP-PBLS4003Y Datasheet
114Kb / 11P
   40 V PNP BISS loadswitch
Rev. 03-13 February 2009
PBLS4004D NXP-PBLS4004D Datasheet
156Kb / 15P
   40 V PNP BISS loadswitch
Rev. 03-6 January 2009
PBLS4002Y PHILIPS-PBLS4002Y Datasheet
86Kb / 14P
   40 V PNP BISS loadswitch
Rev. 01-6 December 2004
PBLS4002D NXP-PBLS4002D Datasheet
156Kb / 15P
   40 V PNP BISS loadswitch
Rev. 03-5 January 2009
logo
Nexperia B.V. All right...
PBLS4003Y NEXPERIA-PBLS4003Y Datasheet
229Kb / 12P
   40 V PNP BISS loadswitch
Rev. 03 - 13 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com