Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT173 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HCT173
Description  Quad D-type flip-flop; positive-edge trigger; 3-state
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT173 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT173 Datasheet HTML 2Page - NXP Semiconductors 74HCT173 Datasheet HTML 3Page - NXP Semiconductors 74HCT173 Datasheet HTML 4Page - NXP Semiconductors 74HCT173 Datasheet HTML 5Page - NXP Semiconductors 74HCT173 Datasheet HTML 6Page - NXP Semiconductors 74HCT173 Datasheet HTML 7Page - NXP Semiconductors 74HCT173 Datasheet HTML 8Page - NXP Semiconductors 74HCT173 Datasheet HTML 9Page - NXP Semiconductors 74HCT173 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
December 1990
6
Philips Semiconductors
Product specification
Quad D-type flip-flop; positive-edge trigger; 3-state
74HC/HCT173
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: bus driver
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL =50pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max. min. max. min.
max.
tPHL/ tPLH
propagation delay
CP to Qn
55
20
16
175
35
30
220
44
37
265
53
45
ns
2.0
4.5
6.0
Fig.6
tPHL
propagation delay
MR to Qn
44
16
13
150
30
26
190
38
33
225
45
38
ns
2.0
4.5
6.0
Fig.7
tPZH/ tPZL
3-state output enable time
OEn to Qn
52
19
15
150
30
26
190
38
33
225
45
38
ns
2.0
4.5
6.0
Fig.8
tPHZ/ tPLZ
3-state output disable time
OEn to Qn
52
19
15
150
30
26
190
38
33
225
45
38
ns
2.0
4.5
6.0
Fig.8
tTHL/ tTLH
output transition time
14
5
4
60
12
10
75
15
13
90
18
15
ns
2.0
4.5
6.0
Fig.6
tW
clock pulse width
HIGH or LOW
80
16
14
14
5
4
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.6
tW
master reset pulse
width; HIGH
80
16
14
14
5
4
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.7
trem
removal time
MR to CP
60
12
10
−8
−3
−2
75
15
13
90
18
15
ns
2.0
4.5
6.0
Fig.7
tsu
set-up time
En to CP
100
20
17
33
12
10
125
25
21
150
30
26
ns
2.0
4.5
6.0
Fig.9
tsu
set-up time
Dn to CP
60
12
10
17
6
5
75
15
13
90
18
15
ns
2.0
4.5
6.0
Fig.9


Similar Part No. - 74HCT173

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT173 NEXPERIA-74HCT173 Datasheet
275Kb / 17P
   Quad D-type flip-flop; positive-edge trigger; 3-state
Rev. 4 - 25 January 2021
74HCT173D NEXPERIA-74HCT173D Datasheet
275Kb / 17P
   Quad D-type flip-flop; positive-edge trigger; 3-state
Rev. 4 - 25 January 2021
More results

Similar Description - 74HCT173

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC173D PHILIPS-74HC173D Datasheet
46Kb / 3P
   Quad D-type flip-flop; positive-edge trigger; 3-state
logo
Nexperia B.V. All right...
74HCT173 NEXPERIA-74HCT173 Datasheet
275Kb / 17P
   Quad D-type flip-flop; positive-edge trigger; 3-state
Rev. 4 - 25 January 2021
logo
NXP Semiconductors
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
logo
Nexperia B.V. All right...
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
logo
NXP Semiconductors
74ALVC574 PHILIPS-74ALVC574 Datasheet
95Kb / 20P
   Octal D-type flip-flop positive edge-trigger 3-state
2002 Mar 04
74LV374 PHILIPS-74LV374 Datasheet
111Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1997 Mar 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com