Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4002ES8 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4002ES8
Description  Standalone Li-Ion Switch Mode Battery Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4002ES8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4002ES8 Datasheet HTML 5Page - Linear Technology LTC4002ES8 Datasheet HTML 6Page - Linear Technology LTC4002ES8 Datasheet HTML 7Page - Linear Technology LTC4002ES8 Datasheet HTML 8Page - Linear Technology LTC4002ES8 Datasheet HTML 9Page - Linear Technology LTC4002ES8 Datasheet HTML 10Page - Linear Technology LTC4002ES8 Datasheet HTML 11Page - Linear Technology LTC4002ES8 Datasheet HTML 12Page - Linear Technology LTC4002ES8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC4002
9
4002f
PI FU CTIO S (DFN/SO-8)
hot temperature or rises above 2.465V at cold temperature,
charging is suspended and the internal timer stops. The
CHRG pin output is not affected during this hold state. To
disable the temperature qualification function, ground the
NTC pin.
NC (Pin 10/NA): No Connect.
BLOCK DIAGRA
+
+ –
CEOC
25mV or 10mV
DRIVER
+–
100mV
SENSE
+
CA
+
VA
+
CLB
+
COV
+
CRQ
+
CCOLD
+
CHOT
+
GATE
BAT
4.2V/CELL
2.9V OR 5V
4.62V/CELL
4.05V/CELL
2.465V
355mV
50mV
4002 BD
NTC
VCC
85µA
TEMP
RQ
UV
LOGIC
NTC_DISABLE
EOC
STOP
SD
C/10
UVLO
4.2V
R
R
S
CLK:
Q
CPWM
RSLOP
IL
ISLOP
100µA
RIL
M1
M2
M3
VCC
COMP
CHRG
GND
+
CSD
360mV
Q4
Q5
25µA
90µA


Similar Part No. - LTC4002ES8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4002ES8-4.2 LINER-LTC4002ES8-4.2 Datasheet
204Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
More results

Similar Description - LTC4002ES8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4002-4.2 LINER-LTC4002-4.2 Datasheet
204Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Bookly Micro electronic
BM0203A BOOKLY-BM0203A Datasheet
1Mb / 10P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Linear Technology
LTC4002 LINER-LTC4002_15 Datasheet
175Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Shanghai Consonance Ele...
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
   Standalone Li-ion Battery Charger
CN3761 CONSONANCE-CN3761 Datasheet
213Kb / 11P
   Standalone Li-ion Battery Charger
logo
Linear Technology
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
LTC4065L LINER-LTC4065L_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
LTC4065 LINER-LTC4065_15 Datasheet
225Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com