Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4002EDD-4.2 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4002EDD-4.2
Description  Standalone Li-Ion Switch Mode Battery Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4002EDD-4.2 Datasheet(HTML) 1 Page - Linear Technology

  LTC4002EDD-4.2 Datasheet HTML 1Page - Linear Technology LTC4002EDD-4.2 Datasheet HTML 2Page - Linear Technology LTC4002EDD-4.2 Datasheet HTML 3Page - Linear Technology LTC4002EDD-4.2 Datasheet HTML 4Page - Linear Technology LTC4002EDD-4.2 Datasheet HTML 5Page - Linear Technology LTC4002EDD-4.2 Datasheet HTML 6Page - Linear Technology LTC4002EDD-4.2 Datasheet HTML 7Page - Linear Technology LTC4002EDD-4.2 Datasheet HTML 8Page - Linear Technology LTC4002EDD-4.2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC4002
1
4002f
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
Portable Computers
Charging Docks
Handheld Instruments
Wide Input Supply Range:
4.7V to 22V – 4.2 Version
8.9V to 22V – 8.4 Version
High Efficiency Current Mode PWM Controller with
500kHz Switching Frequency
±1% Charge Voltage Accuracy
End-of-Charge Current Detection Output
3 Hour Charge Termination Timer
Constant Switching Frequency for Minimum Noise
±5% Charge Current Accuracy
Low 10µA Reverse Battery Drain Current
Automatic Battery Recharge
Automatic Shutdown When Input Supply is Removed
Automatic Trickle Charging of Low Voltage Batteries
Battery Temperature Sensing and Charge
Qualification
Stable with Ceramic Output Capacitor
8-Lead SO and 10-Lead DFN Packages
Standalone Li-Ion
Switch Mode Battery Charger
The LTC
®4002 is a complete battery charger controller for
one (4.2V) or two (8.4V) cell lithium-ion batteries. With a
500kHz switching frequency, the LTC4002 provides a
small, simple and efficient solution to fast charge Li-Ion
batteries from a wide range of supply voltages. An external
sense resistor sets the charge current with ±5% accuracy.
An internal resistor divider and precision reference set the
final float voltage to 4.2V per cell with ±1% accuracy.
When the input supply is removed, the LTC4002 automati-
cally enters a low current sleep mode, dropping the battery
drain current to 10µA. An internal comparator detects the
near end-of-charge condition while an internal timer sets
the total charge time and terminates the charge cycle. After
the charge cycle ends, if the battery voltage drops below
4.05V per cell, a new charge cycle will automatically begin.
The LTC4002 is available in the 8-lead SO and 10-lead DFN
packages.
6.8µH
22µF
+
4002 TA01
NTC: DALE NTHS-1206N02
10µF
0.1µF
0.47µF
2.2k
68mΩ
Li-Ion
BATTERY
10k
NTC
SENSE
GATE
BAT
CHRG
LTC4002ES8-4.2
VCC
VIN
5V TO 22V
BAT
NTC
GND
COMP
2k
CHARGE
STATUS
T
1.5A Single Cell Li-Ion Battery Charger
INPUT VOLTAGE (V)
5
80
VBAT = 4V
90
25
4002 TA02
70
60
10
15
20
100
VBAT = 3.8V
(CURVES INCLUDE
INPUT DIODE)
Efficiency vs Input Voltage


Similar Part No. - LTC4002EDD-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4002EDD-4.2 LINER-LTC4002EDD-4.2 Datasheet
204Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
More results

Similar Description - LTC4002EDD-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4002-4.2 LINER-LTC4002-4.2 Datasheet
204Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Bookly Micro electronic
BM0203A BOOKLY-BM0203A Datasheet
1Mb / 10P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Linear Technology
LTC4002 LINER-LTC4002_15 Datasheet
175Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Shanghai Consonance Ele...
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
   Standalone Li-ion Battery Charger
CN3761 CONSONANCE-CN3761 Datasheet
213Kb / 11P
   Standalone Li-ion Battery Charger
logo
Linear Technology
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
LTC4065L LINER-LTC4065L_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
LTC4065 LINER-LTC4065_15 Datasheet
225Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com