Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4002 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4002
Description  Standalone Li-Ion Switch Mode Battery Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4002 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4002 Datasheet HTML 4Page - Linear Technology LTC4002 Datasheet HTML 5Page - Linear Technology LTC4002 Datasheet HTML 6Page - Linear Technology LTC4002 Datasheet HTML 7Page - Linear Technology LTC4002 Datasheet HTML 8Page - Linear Technology LTC4002 Datasheet HTML 9Page - Linear Technology LTC4002 Datasheet HTML 10Page - Linear Technology LTC4002 Datasheet HTML 11Page - Linear Technology LTC4002 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC4002
8
4002f
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C, VCC = 10V unless otherwise noted.
End-of-Charge Ratio
vs Temperature
TEMPERATURE (°C)
–50
25
4002 G30
10
–25
0
50
6
7
8
9
14
13
12
11
75
100
125
LTC4002-8.4
End-of-Charge Ratio
vs VCC
VCC (V)
5
10
15
20
25
4002 G31
10
6
7
8
9
14
13
12
11
LTC4002-8.4
PI FU CTIO S
COMP (Pin 1/Pin 1): Compensation, Soft-Start and Shut-
down Control Pin. The COMP pin is the control signal of the
inner loop of the current mode PWM. Charging begins when
the COMP pin reaches 800mV. The recommended compen-
sation components are a 0.47µF (or larger) capacitor and
a 2.2k series resistor. A 100µA current into the compen-
sation capacitor also sets the soft-start slew rate. Pulling
the COMP pin below 360mV will shut down the charger.
VCC (Pin 2/Pin 2): Positive Supply Voltage Input. VCC can
range from VBAT(FLT) + 0.5V to 22V. A 0.1µF or higher ca-
pacitor is required at the VCC pin with the lead length kept
to a minimum. A 10µF low ESR capacitor is also required
at the source pins of the power P-channel MOSFET.
GATE (Pin 3/Pin 3): Gate Drive Output. Driver Output for
the P-Channel MOSFET. The voltage at this pin is internally
clamped to 8V below VCC, allowing a low voltage MOSFET
with gate-to-source breakdown voltage of 8V or less to be
used.
PGND, SGND, Exposed Pad, GND (Pins 4, 5, 11/Pin 4):
IC Ground. The exposed pad (DFN) must be soldered to PCB
ground to provide both electrical contact and optimum
thermal performance.
CHRG (Pin 6/Pin 5): Open-Drain Charge Status Output.
When the battery is being charged, the CHRG pin is pulled
low by an internal N-channel MOSFET. When the charge
current drops below the End-of-Charge threshold for more
than 120µs, the N-channel MOSFET turns off and a 25µA
current source is connected from the CHRG pin to GND.
When the timer runs out or the input supply is removed,
the 25µA current source is turned off and the CHRG pin
becomes high impedance.
BAT (Pin 7/Pin 6): Battery Sense Input. A bypass capaci-
tor of 22µF is required to minimize ripple voltage. An
internal resistor divider, which is disconnected in sleep
mode, sets the final float voltage at this pin. If the battery
connection is opened when charging, an overvoltage
circuit will limit the charger output voltage to 10% above
the programmed float voltage.
When VBAT is within 250mV of VCC, the LTC4002 is forced
into sleep mode, dropping ICC to 10µA.
SENSE (Pin 8/Pin 7):Current Amplifier Sense Input. A sense
resistor, RSENSE, must be connected between the SENSE
and BAT pins. The maximum charge current is equal to
100mV/RSENSE.
NTC (Pin 9/Pin 8): NTC (Negative Temperature Coefficient)
Thermistor Input. With an external 10kΩ NTC thermistor
to ground, this pin senses the temperature of the battery
pack and stops the charger when the temperature is out of
range. When the voltage at this pin drops below 355mV at
(DFN/SO-8)


Similar Part No. - LTC4002

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4002 LINER-LTC4002 Datasheet
274Kb / 24P
   PWM LED Driver and Boost, Flyback and SEPIC Controller
LTC4002 LINER-LTC4002 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
LTC4002 LINER-LTC4002 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4002 LINER-LTC4002 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4002 LINER-LTC4002 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
More results

Similar Description - LTC4002

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4002-4.2 LINER-LTC4002-4.2 Datasheet
204Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Bookly Micro electronic
BM0203A BOOKLY-BM0203A Datasheet
1Mb / 10P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Linear Technology
LTC4002 LINER-LTC4002_15 Datasheet
175Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Shanghai Consonance Ele...
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
   Standalone Li-ion Battery Charger
CN3761 CONSONANCE-CN3761 Datasheet
213Kb / 11P
   Standalone Li-ion Battery Charger
logo
Linear Technology
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
LTC4065L LINER-LTC4065L_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
LTC4065 LINER-LTC4065_15 Datasheet
225Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com