Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA3010SURC Datasheet(PDF) 2 Page - Kingbright Corporation

Part # APA3010SURC
Description  3.0 x 1.0mm SMD CHIP LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APA3010SURC Datasheet(HTML) 2 Page - Kingbright Corporation

  APA3010SURC Datasheet HTML 1Page - Kingbright Corporation APA3010SURC Datasheet HTML 2Page - Kingbright Corporation APA3010SURC Datasheet HTML 3Page - Kingbright Corporation APA3010SURC Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: CDA0359
REV NO: V.1
DATE: OCT/25/2001
PAGE: 2 OF 4
APPROVED:J.LU
CHECKED:
DRAWN:Y.F.XU
Electrical / Optical Characteristics at T)=25°°°°°C
Absolute Maximum Ratings at T)=25°°°°°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
SelectionGuide
Note:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
l
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sr
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pe
c
i
v
e
De
c
i
v
e
D
e
c
i
v
e
D
e
c
i
v
e
De
c
i
v
e
D.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T.
x
a
M.
x
a
M .
x
a
M .
x
a
M.
x
a
Ms
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
Us
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
λ
k
a
e
p
h
t
g
n
e
l
e
v
a
W
k
a
e
Pd
e
R
r
e
p
y
H0
4
6m
nA
m
0
2
=
F
I
λ D
h
t
g
n
e
l
e
v
a
W
e
t
a
n
i
m
o
Dd
e
R
r
e
p
y
H8
2
6m
nA
m
0
2
=
F
I
λ
2
/
1
h
t
d
i
w
fl
a
H
e
n
i
L
l
a
rt
c
e
p
Sd
e
R
r
e
p
y
H7
2m
nA
m
0
2
=
F
I
Ce
c
n
a
ti
c
a
p
a
Cd
e
R
r
e
p
y
H5
4F
pz
H
M
1
=
f;
V
0
=
F
V
VF
e
g
a
tl
o
V
d
r
a
w
r
o
Fd
e
R
r
e
p
y
H9
.
15
.
2V
A
m
0
2
=
F
I
IR
t
n
e
rr
u
C
e
s
r
e
v
e
Rd
e
R
r
e
p
y
H0
1A
uV
5
=
R
V
.
o
N
t
r
a
P.
o
N
t
r
a
P
.
o
N
t
r
a
P
.
o
N
t
r
a
P.
o
N
t
r
a
Pe
c
i
De
c
i
D e
c
i
D e
c
i
De
c
i
De
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
e
p
y
T
s
n
e
L
e
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
)
d
c
m
(
v
I)
d
c
m
(
v
I
)
d
c
m
(
v
I
)
d
c
m
(
v
I)
d
c
m
(
v
I
A
m
0
2
@
g
n
i
w
e
i
Vg
n
i
w
e
i
V
g
n
i
w
e
i
V
g
n
i
w
e
i
Vg
n
i
w
e
i
V
e
l
g
n
A
.
n
i
M.
n
i
M .
n
i
M .
n
i
M.
n
i
M.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T
2
/
1
θ
22
/
1
θ
2 2
/
1
θ
2 2
/
1
θ
22
/
1
θ
2
C
R
U
S
0
1
0
3
A
P
A)
P
l
A
a
G
n
I(
D
E
R
R
E
P
Y
HR
A
E
L
C
R
E
T
A
W0
50
2
0
2
1
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
d
e
R
r
e
p
y
Hd
e
R
r
e
p
y
H
d
e
R
r
e
p
y
H
d
e
R
r
e
p
y
Hd
e
R
r
e
p
y
Hs
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
U
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P
0
7
1W
m
t
n
e
rr
u
C
d
r
a
w
r
o
F
C
D
0
3A
m
]
1
[
t
n
e
rr
u
C
d
r
a
w
r
o
F
k
a
e
P
5
8
1A
m
e
g
a
tl
o
V
e
s
r
e
v
e
R
5V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
/
g
n
it
a
r
e
p
O
0
4
- °
5
8
+
o
T
C
°C


Similar Part No. - APA3010SURC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APA3010SURCK KINGBRIGHT-APA3010SURCK Datasheet
276Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010SURCK-GX KINGBRIGHT-APA3010SURCK-GX Datasheet
243Kb / 5P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APA3010SURCK-GX TO-GRACE-APA3010SURCK-GX Datasheet
817Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
More results

Similar Description - APA3010SURC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APKA4110SYC KINGBRIGHT-APKA4110SYC Datasheet
154Kb / 5P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZM2BB90W SUNLED-ZM2BB90W Datasheet
194Kb / 4P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APKA4110SURC KINGBRIGHT-APKA4110SURC Datasheet
154Kb / 5P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA4110MGCK KINGBRIGHT-APKA4110MGCK Datasheet
152Kb / 5P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA4110MBC KINGBRIGHT-APKA4110MBC Datasheet
162Kb / 5P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZMD90W SUNLED-ZMD90W Datasheet
189Kb / 4P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APKA4110SECK-F01 KINGBRIGHT-APKA4110SECK-F01 Datasheet
295Kb / 5P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA4110TGC KINGBRIGHT-APKA4110TGC Datasheet
156Kb / 5P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA4110CGCK-F01 KINGBRIGHT-APKA4110CGCK-F01 Datasheet
294Kb / 5P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA4110SYCK-F01 KINGBRIGHT-APKA4110SYCK-F01 Datasheet
294Kb / 5P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com