Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V6301RSP5B Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # V6301RSP5B
Description  Ultra Low Power 3-Pin Power-On Reset IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V6301RSP5B Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  V6301RSP5B Datasheet HTML 1Page - EM Microelectronic - MARIN SA V6301RSP5B Datasheet HTML 2Page - EM Microelectronic - MARIN SA V6301RSP5B Datasheet HTML 3Page - EM Microelectronic - MARIN SA V6301RSP5B Datasheet HTML 4Page - EM Microelectronic - MARIN SA V6301RSP5B Datasheet HTML 5Page - EM Microelectronic - MARIN SA V6301RSP5B Datasheet HTML 6Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
R
V6300
V6301
Copyright © 2006, EM Microelectronic-Marin SA
2
www.emmicroelectronic.com
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Voltage at VDD to VSS
VDD
-0.3V to +10V
Minimum voltage at RES or
RES
Vmin
VSS – 0.3V
Maximum voltage at RES or
RES
Vmax
VDD + 0.3V
Storage Temperature Range
TSTO
-65°C to +150°C
Table 1
Stresses above these listed maximum ratings may cause
permanent damages to the device. Exposure beyond
specified operating conditions may affect device reliability or
cause malfunction.
Handling Procedures
This device has built-in protection against high static
voltages or electric fields; however, it is advised that normal
precautions be taken as for any other CMOS component.
Unless otherwise specified, proper operation can only occur
when all terminal voltages are kept within the voltage range.
Operating Conditions
Parameter
Symbol Min
Max
Unit
Operating Temperature
1)
TA
-40
+125
°C
Positive Supply Voltage
VDD
1
8
V
Table 2
1)The maximum operating temperature is confirmed by
sampling at initial device qualification.
Electrical Characteristics
TA = -40 to +85°C, unless otherwise specified
Parameter
Symbol
Test Conditions
Min.
Min @
25°C
Typ.
Max. @
25°C
Max.
Unit
Supply current
1)
IDD
VDD = 2V
3)
1.5
2.1
3.1
µA
IDD
VDD = 5V
3.0
3.9
5.7
µA
IDD
VDD = 8V
5.2
6.8
10.0
µA
Threshold voltage
VTH
Version: A,G,M
1.77
1.84
1.95
2.04
2.17
V
VTH
Version: B,H,N
2.09
2.18
2.32
2.41
2.55
V
VTH
Version: C,I,O
2.48
2.59
2.73
2.86
3.03
V
VTH
Version: D,J,P
3.11
3.23
3.42
3.59
3.80
V
VTH
Version: E,K,Q
3.55
3.70
3.88
4.08
4.32
V
VTH
Version: F,L,R
4.05
4.22
4.42
4.67
4.95
V
Threshold hysteresis
VHYS
25
mV
RES Output Low Level
VOL
VDD = 5V, IOL = 8mA
175
400
mV
VOL
VDD = 3V, IOL = 4mA
140
300
mV
VOL
VDD = 1V, IOL = 50µA
20
90
mV
RES Output High Level
VOH
VDD = 5V, IOH = -8mA
4.3
4.5
V
VOH
VDD = 3V, IOH = -4mA
2.3
2.6
V
VOH
VDD = 1V, IOH = -100µA
850
950
mV
Output leakage current
2)
ILEAK
VDD = 8V
0.05
1
µA
Table 3
1)
RES or RES open
2)
Only for Open drain versions
3)
Versions A, G and M are tested at VDD = 1.8V
Timing Characteristics
VDD = 5.0V, TA = -40 to +85°C, unless otherwise specified
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Power on reset time:
V6300
V6301
tPOR
V6300
V6301
25
140
50
290
75
560
ms
ms
Sensitivity
4)
tSEN
for VDD = 5V to 3V in 5µs
20
0.8 tR
µs
Reaction time
4)
tR
for VDD = 5V to 3V in 5µs
22
75
150
µs
Table 4
4)
Tested on versions with VTH higher than 3V


Similar Part No. - V6301RSP5B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V6301 ETC-V6301 Datasheet
275Kb / 4P
   Ultra Low Power 3-Pin Voltage Surveillance with Time-out
More results

Similar Description - V6301RSP5B

ManufacturerPart #DatasheetDescription
logo
Shanghai Consonance Ele...
CN803 CONSONANCE-CN803 Datasheet
144Kb / 7P
   Ultra Low Power Microprocessor Reset IC
logo
ACE Technology Co., LTD...
ACE803N ACE-ACE803N Datasheet
651Kb / 8P
   Ultra Low Power Microprocessor Reset IC
VER 1.2
logo
Maxim Integrated Produc...
MAX6332 MAXIM-MAX6332_05 Datasheet
147Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits
Rev 2; 12/05
MAX6332_V3 MAXIM-MAX6332_V3 Datasheet
95Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits
Rev 3; 6/12
logo
NXP Semiconductors
MAX6326 PHILIPS-MAX6326 Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
logo
Maxim Integrated Produc...
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
MAX6800 MAXIM-MAX6800_12 Datasheet
123Kb / 7P
   3-Pin, Low-Power μP Reset Circuits
Rev 4; 3/12
MAX6800 MAXIM-MAX6800_11 Datasheet
130Kb / 7P
   3-Pin, Low-Power uP Reset Circuits
Rev 3; 10/11
MAX6800 MAXIM-MAX6800_05 Datasheet
550Kb / 7P
   3-Pin, Low-Power uP Reset Circuits
19-1933 Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com