Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WMS512K8-15FFM Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WMS512K8-15FFM
Description  512Kx8 MONOLITHIC SRAM, SMD 5962-95613
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WMS512K8-15FFM Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WMS512K8-15FFM Datasheet HTML 1Page - White Electronic Designs Corporation WMS512K8-15FFM Datasheet HTML 2Page - White Electronic Designs Corporation WMS512K8-15FFM Datasheet HTML 3Page - White Electronic Designs Corporation WMS512K8-15FFM Datasheet HTML 4Page - White Electronic Designs Corporation WMS512K8-15FFM Datasheet HTML 5Page - White Electronic Designs Corporation WMS512K8-15FFM Datasheet HTML 6Page - White Electronic Designs Corporation WMS512K8-15FFM Datasheet HTML 7Page - White Electronic Designs Corporation WMS512K8-15FFM Datasheet HTML 8Page - White Electronic Designs Corporation WMS512K8-15FFM Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WMS512K8-XXX
October 2004
Rev. 10
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
512Kx8 MONOLITHIC SRAM, SMD 5962-95613
32 pin, Rectangular Ceramic Leadless Chip
Carrier (Package 601)
Commercial, Industrial and Military
Temperature Range
5V Power Supply
Low Power CMOS
Low Power Data Retention for Battery Back-up
Operation
TTL Compatible Inputs and Outputs
*This product is subject to change without notice.
FEATURES
Access Times 15, 17, 20, 25, 35, 45, 55ns
MIL-STD-883 Compliant Devices Available
Revolutionary, Center Power/Ground Pinout JEDEC
Approved
36 lead Ceramic SOJ (Package 100)
36 lead Ceramic Flat Pack (Package 226)
Evolutionary, Corner Power/Ground Pinout JEDEC
Approved
32 pin Ceramic DIP (Package 300)
32 lead Ceramic SOJ (Package 101)
32 lead Ceramic Thinpack™ Flat Pack
(Package 321)
TOP VIEW
PIN DESCRIPTION
EVOLUTIONARY PINOUT
REVOLUTIONARY PINOUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
A0
A1
A2
A3
A4
CS#
I/O0
I/O1
VCC
VSS
I/O2
I/O3
WE#
A5
A6
A7
A8
A9
NC
A18
A17
A16
A15
OE#
I/O7
I/O6
VSS
VCC
I/O5
I/O4
A14
A13
A12
A11
A10
NC
A18
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
Vss
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
Vcc
A15
A17
WE#
A13
A8
A9
A11
OE#
A10
CS#
I/O7
I/O6
I/O5
I/O4
I/O3
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
4 3 2 1 32 31 30
14 15 16 17 18 19 20
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
WE#
A13
A8
A9
A11
OE#
A10
CS#
I/O7
36 FLAT PACK
36 CSOJ
TOP VIEW
TOP VIEW
32 DIP
32 CSOJ (DE)
32 FLAT PACK (FF)
32 CLCC
A0-18
Address Inputs
I/O 0-7
Data Input/Output
CS#
Chip Select
OE#
Output Enable
WE#
Write Enable
VCC
+5.0V Power
GND
Ground


Similar Part No. - WMS512K8-15FFM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMS512K8-15FC ETC1-WMS512K8-15FC Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
WMS512K8-15FCA ETC1-WMS512K8-15FCA Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
WMS512K8-15FEC ETC1-WMS512K8-15FEC Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
WMS512K8-15FECA ETC1-WMS512K8-15FECA Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
WMS512K8-15FEI ETC1-WMS512K8-15FEI Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
More results

Similar Description - WMS512K8-15FFM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI816256CA WEDC-EDI816256CA Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com