Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC164 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC164
Description  8-bit serial-in/parallel-out shift register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC164 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC164 Datasheet HTML 1Page - NXP Semiconductors 74HC164 Datasheet HTML 2Page - NXP Semiconductors 74HC164 Datasheet HTML 3Page - NXP Semiconductors 74HC164 Datasheet HTML 4Page - NXP Semiconductors 74HC164 Datasheet HTML 5Page - NXP Semiconductors 74HC164 Datasheet HTML 6Page - NXP Semiconductors 74HC164 Datasheet HTML 7Page - NXP Semiconductors 74HC164 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
9397 750 14693
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 4 April 2005
2 of 24
Philips Semiconductors
74HC164; 74HCT164
8-bit serial-in, parallel-out shift register
[1]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD = CPD × VCC2 × fi × N + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
N = number of inputs switching
∑ (C
L × VCC
2
× f
o) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in Volts
[2]
For HC the condition is VI = GND to VCC.
[3]
For HCT the condition is VI = GND to VCC − 1.5 V.
4.
Ordering information
fmax
maximum clock frequency
CL = 15 pF;
VCC = 5 V
-
78
-
MHz
CI
input capacitance
-
3.5
-
pF
CPD
power dissipation
capacitance per package
[1]
[2]
-40
-
pF
Type 74HCT164
tPHL, tPLH
propagation delay
CP to Qn
CL = 15 pF;
VCC = 5 V
-14
-
ns
MR to Qn
CL = 15 pF;
VCC = 5 V
-16
-
ns
fmax
maximum clock frequency
CL = 15 pF;
VCC = 5 V
-
61
-
MHz
CI
input capacitance
-
3.5
-
pF
CPD
power dissipation
capacitance per package
[1]
[3]
-40
-
pF
Table 1:
Quick reference data …continued
GND = 0 V; Tamb = 25 °C; tr = tf = 6 ns.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2:
Ordering information
Type number
Package
Temperature
range
Name
Description
Version
74HC164N
−40 °C to +125 °C
DIP14
plastic dual in-line package; 14 leads (300 mil)
SOT27-1
74HC164D
−40 °C to +125 °C
SO14
plastic small outline package; 14 leads; body width
3.9 mm; body thickness 1.47 mm
SOT108-2
74HC164DB
−40 °C to +125 °C
SSOP14
plastic shrink small outline package; 14 leads; body
width 5.3 mm
SOT337-1
74HC164PW
−40 °C to +125 °C
TSSOP14
plastic thin shrink small outline package; 14 leads; body
width 4.4 mm
SOT402-1
74HCT164N
−40 °C to +125 °C
DIP14
plastic dual in-line package; 14 leads (300 mil)
SOT27-1
74HCT164D
−40 °C to +125 °C
SO14
plastic small outline package; 14 leads; body width
3.9 mm; body thickness 1.47 mm
SOT108-2


Similar Part No. - 74HC164

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74HC164 STMICROELECTRONICS-74HC164 Datasheet
254Kb / 12P
   8 BIT SIPO SHIFT REGISTER
logo
Nexperia B.V. All right...
74HC164 NEXPERIA-74HC164 Datasheet
286Kb / 17P
   8-bit serial-in, parallel-out shift register
logo
Texas Instruments
74HC164 TI-74HC164 Datasheet
109Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
System Logic Semiconduc...
74HC164 SLS-74HC164 Datasheet
50Kb / 5P
   8-Bit Serial-Input/Parallel-Output8-Bit Serial-Input/Parallel-Output Shift Register
logo
Fairchild Semiconductor
74HC164 FAIRCHILD-74HC164 Datasheet
74Kb / 7P
   8-Bit Serial-in/Parallel-out Shift Register
More results

Similar Description - 74HC164

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com