Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6680WP27 Datasheet(PDF) 6 Page - EM Microelectronic - MARIN SA

Part # EM6680WP27
Description  Ultra Low Power 8-pin Microcontroller
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6680WP27 Datasheet(HTML) 6 Page - EM Microelectronic - MARIN SA

Back Button EM6680WP27 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6680WP27 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6680WP27 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6680WP27 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6680WP27 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6680WP27 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6680WP27 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6680WP27 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6680WP27 Datasheet HTML 10Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
R
EM6680
Copyright
© 2005, EM Microelectronic-Marin SA
6
www.emmicroelectronic.com
Table 2.3.1 Shows the Status of different EM6680 blocks in these three main operating modes.
Peripheral
/// EM6680 mode
ACTIVE mode
STAND-BY mode
SLEEP mode
POR (static)
On
On
On
Voltage regulator
On
On
On (Low-Power)
RC-oscillator
On
On
Off
Clocks (Prescaler & RC divider)
On
On
Off
CPU
Running
In HALT – Stopped
Stopped
Peripheral register
“On”
“On” retain value
retain value
RAM
“On”
retain value
retain value
Timer/Counter
“On”
“On” if activated before
stopped
Supply Voltage Level Det.=SVLD can be activated
“On” if activated before
Off
PortA / Reset pad debounced
Yes
Yes
No
Interrupts / events
Yes - possible
Yes - possible
No – not possible
Watch-Dog timer
On / Off (soft
selectable)
On / Off (soft
selectable)
No
Wake Up on Change PortA
No
No
On/Off (soft select.)
Sleep Reset Counter
Off
Off
On/Off (soft select.)
3. Power Supply
The EM6680 is supplied by a single external power supply between Vdd (VBAT) and VSS (ground). A built-in
voltage regulator generates Vreg providing regulated voltage for the oscillator and the internal logic. The output
drivers are supplied directly from the external supply VDD. Internal power configuration is shown in Figure 3 and
Figure 4.
To supply the internal core logic it is possible to use either the internal voltage regulator (Vreg < VDD) or directly
( Vreg = VDD). The selection is done by metal 1 mask option. By default the voltage regulator is used. Refer to
chapter
88H88H
0 for the metal mask selection.
The internal voltage regulator is chosen for high voltage systems. It saves power by reducing the internal core
logic’s power supply to an optimum value. However, due to the inherent voltage drop over the regulator the
minimal VDD value is restricted to 1.4V .
A direct VDD connection can be selected for systems running on a 1.5V battery. The 1k
Ω resistor together with
the external capacitor on Vreg is filtering the Vdd supply to the internal core. In this case the minimum VDD value
can be as low as 1.2 V.


Similar Part No. - EM6680WP27

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM6681 ETC1-EM6681 Datasheet
117Kb / 2P
   EM6681
logo
EM Microelectronic - MA...
EM6682 EMMICRO-EM6682 Datasheet
1Mb / 61P
   Ultra Low Power 8-pin Microcontroller
EM6682 EMMICRO-EM6682 Datasheet
2Mb / 59P
   Ultra Low Power 8-pin Microcontroller
EM6682SO14A EMMICRO-EM6682SO14A Datasheet
1Mb / 61P
   Ultra Low Power 8-pin Microcontroller
EM6682SO14A EMMICRO-EM6682SO14A Datasheet
2Mb / 59P
   Ultra Low Power 8-pin Microcontroller
More results

Similar Description - EM6680WP27

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6682 EMMICRO-EM6682_10 Datasheet
2Mb / 59P
   Ultra Low Power 8-pin Microcontroller
EM6682 EMMICRO-EM6682 Datasheet
1Mb / 61P
   Ultra Low Power 8-pin Microcontroller
EM6580 EMMICRO-EM6580 Datasheet
1Mb / 56P
   Ultra Low Power 8-pin Flash Microcontroller
EM6580 EMMICRO-EM6580_07 Datasheet
1Mb / 55P
   Ultra Low Power 8-pin Flash Microcontroller
EM6812 EMMICRO-EM6812 Datasheet
1Mb / 81P
   Ultra Low Power 8-bit FLASH Microcontroller
logo
ON Semiconductor
AX8052F100 ONSEMI-AX8052F100_18 Datasheet
224Kb / 22P
   Ultra-Low Power Microcontroller
May, 2018 ??Rev. 5
AX8052F100 ONSEMI-AX8052F100 Datasheet
737Kb / 24P
   Ultra-Low Power Microcontroller
Revision 2
AX-SIGFOX ONSEMI-AX-SIGFOX Datasheet
388Kb / 30P
   Ultra-Low Power Microcontroller
Revision 2
AX8052F100 ONSEMI-AX8052F100_16 Datasheet
283Kb / 22P
   Ultra-Low Power Microcontroller
May, 2016 ??Rev. 3
logo
ATMEL Corporation
AT87C5103 ATMEL-AT87C5103_04 Datasheet
697Kb / 64P
   Low-pin Count 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com