Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6640WS11 Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # EM6640WS11
Description  Low Power Microcontroller with EEPROM AND RC Oscillator
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6640WS11 Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  EM6640WS11 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6640WS11 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6640WS11 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6640WS11 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6640WS11 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6640WS11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6640WS11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6640WS11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6640WS11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
EM6640
03/02 REV. C/446
Copyright
 2002, EM Microelectronic-Marin SA
2
www.emmicroelectronic.com
EM6640 at a glance
• Power Supply
- Low voltage, low power architecture
including internal voltage regulator.
- 1.9V ... 5.5V battery voltage.
- 600 kHz RC oscillator.
- 42µA typical in active mode @ 3V, 25C
°.
- 8µA typical in standby mode @ 3V, 25C
°.
- 0.3µA typical in sleep mode @ 3V, 25C
°.
• RAM
- 80 x 4 bit, directly addressable.
• ROM
- 1280 x 16 bit metal mask programmable.
• EEPROM
- 32 x 8 bit, indirectly addressable (6 bits used to
adjust the oscillator frequency).
- Interrupt request at the end of writing operation.
- 60µA typical during read mode @ 3V, 25C
°.
- 45µA typical during erase/write mode @ 3V, 25C
°
• CPU
- 4 bits RISC architecture.
- 2 clock cycles per instruction.
- 72 basics instructions.
• Main Operating Modes and Resets
- Active mode (CPU is running).
- Standby mode (CPU in halt).
- Sleep mode (No clock, reset state).
- Initial reset on power on (POR).
- Watchdog timer (time out) reset.
- Oscillation detection watchdog reset.
- Reset with input combination.
• 4 Bits Input Port A
- Direct input read.
- Reset with input combination (register selectable).
- Debounced or direct input (register selectable).
- Interrupt request on input’s rising or falling
edge (register selectable).
- Pull-up, pull-down or none (register selectable).
- Software test variables for conditional jumps.
- PA[0] and PA[3] are input for the event counter.
4 Bits Input/Output Port B
- Input or Output port bitwise.
- Direct input read.
- CMOS or N-channel open drain outputs.
- Pull-up selectable in N-channel open drain mode.
- Pull-down or pull-up selectable by register.
- Selectable pulse width modulation (PWM).
- PWM output on PB[3].
- Output frequencies 600kHz, 37.5kHz, 2.3kHz.
4 Bits Input/Output Port C
- Input or output port bitwise.
- Direct input read.
- CMOS or N-channel open drain outputs.
- Pull-up selectable in N-channel open drain mode.
- Pull-down or pull-up selectable by register.
- Serial Write Buffer clock and data output.
• Oscillator
- RC Oscillator at f=600kHz
±1% typ (-30°C...40°C).
- Absolute frequency adjustable with 6 bits EEPROM.
- No external components are necessary.
• Serial Write Buffer (SWB)
- Max. 256 bits long clocked with 150kHz; 75kHz
9.4kHz; 2,3kHz. External clock capability in
automatic mode, max: 1.5MHz.
- Automatic send mode: number of clocks of the last
nibble selectable by register and last data level
latched. External clock division capability by 1/1, 1/4,
1/88 and 1/352.
- Interactive send mode: interrupt request when buffer
is empty.
- Data sent at VDD or VregLogic levels selectable by
mask option.
• Prescaler
- 19 stages system clock divider down to 1Hz.
- 3 interrupts requests: 9.4kHz; 586Hz and 1Hz.
- Prescaler reset.
• Supply voltage Level Detector
- 2 levels software selectable (2,2V or 2,5V).
- Busy flag during measurement.
- Interrupt request when measurement is ready.
• 10-Bit Universal Counter
- 10, 8, 6, 4 bit up/down counting.
- 8 different input clocks.
- Event counting with PA[0] and PA[3] as input clocks.
- Full 10 bits or limited (8, 6, 4 bits) compare function.
- 2 interrupt requests (on compare and on 0).
- Pulse width modulation (PWM) output on PB[3].
• Sleep Counter Reset (SCR)
- Wake up automatically the EM6640 from sleep.
- 8 timings selectable by register.
- Inhibit SCR by register.
• Watchdogs
- Oscillation detection circuit.
- Digital watchdog timer reset.
• Interrupt Controller
- 4 external interrupt sources from PortA.
- 5 internal interrupt sources: Prescaler (3),
Timer (2), SVLD (1), EEPROM (1), SWB (1)
NB: All frequencies written in this document are related to a typical system clock of 600 kHz.


Similar Part No. - EM6640WS11

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6640FP32BT-12LL EMLSI-EM6640FP32BT-12LL Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6640FP32BT-12S EMLSI-EM6640FP32BT-12S Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6640FP32BT-55LL EMLSI-EM6640FP32BT-55LL Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6640FP32BT-55S EMLSI-EM6640FP32BT-55S Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6640FP32BW-12LL EMLSI-EM6640FP32BW-12LL Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6640WS11

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6605 EMMICRO-EM6605 Datasheet
662Kb / 43P
   Low Power Microcontroller with 300kHz RC Oscillator
EM6617 EMMICRO-EM6617 Datasheet
694Kb / 65P
   Ultra Low Power Microcontroller with ADC AND EEPROM
EM6635 EMMICRO-EM6635 Datasheet
793Kb / 39P
   Low Power Microcontroller with RC and 32kHz oscillators and 9 high drive outputs
EM6517 EMMICRO-EM6517 Datasheet
728Kb / 64P
   MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
logo
ATMEL Corporation
ATMEGA128RFR2 ATMEL-ATMEGA128RFR2_14 Datasheet
5Mb / 611P
   Microcontroller with Low Power
ATMEGA64RFR2 ATMEL-ATMEGA64RFR2_14 Datasheet
5Mb / 611P
   Microcontroller with Low Power
logo
STMicroelectronics
AN3101 STMICROELECTRONICS-AN3101 Datasheet
435Kb / 24P
   internal RC oscillator calibration
logo
Texas Instruments
LMK61E0M TI1-LMK61E0M Datasheet
856Kb / 47P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator with Internal EEPROM
LMK61E07 TI1-LMK61E07 Datasheet
1Mb / 52P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator With Internal EEPROM
logo
ATMEL Corporation
ATMEGA256RFR2 ATMEL-ATMEGA256RFR2_14 Datasheet
5Mb / 611P
   Microcontroller with Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com