Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6625WS11 Datasheet(PDF) 6 Page - EM Microelectronic - MARIN SA

Part # EM6625WS11
Description  Ultra Low Power Microcontroller with 4x20 LCD Driver
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6625WS11 Datasheet(HTML) 6 Page - EM Microelectronic - MARIN SA

Back Button EM6625WS11 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6625WS11 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6625WS11 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6625WS11 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6625WS11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6625WS11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6625WS11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6625WS11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6625WS11 Datasheet HTML 10Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
R
EM6625
Copyright
© 2005, EM Microelectronic-Marin SA
6
www.emmicroelectronic.com
2. Operating Modes
The EM6625 has two low power dissipation modes, standby and sleep.
Figure 4 is a transition diagram for
these modes.
2.1 Active Mode
The active mode is the actual CPU running mode. Instructions are read from the internal ROM and executed by
the CPU. Leaving active mode via the halt instruction to go into standby mode, the Sleep bit write to go into
Sleep mode or a reset from port A to go into reset mode.
2.2 Standby Mode
Executing a halt instruction puts the EM6625
into standby mode. The voltage regulator,
oscillator, watchdog timer, LCD, interrupts,
timers and counters are operating. However,
the CPU stops since the clock related to
instruction execution stops. Registers, RAM
and I/O pins retain their states prior to
standby mode. A reset or an interrupt
request if enabled cancels standby.
2.3 Sleep Mode
Writing to the Sleep bit in the RegSysCntl1
register puts the EM6625 in sleep mode. The
oscillator stops and most functions of the
EM6625 are inactive. To be able to write to
the
Sleep
bit,
the
SleepEn
bit
in
RegSysCntl2 must first be set to "1". In
sleep mode only the voltage regulator and the reset input are active. The RAM data integrity is maintained.
Sleep mode may be canceled only by a high level of min 10µs at the EM6625 Reset terminal or by the selected
port A input reset combination, if option InpResSleep is turned on.
Due to the cold-start characteristics of the oscillator, waking up from sleep mode may take some time to
guarantee stable oscillation. During sleep mode and the following start up the EM6625 is in reset state. Waking
up from sleep clears the Sleep flag but not the SleepEn bit. Inspecting the SleepEn allows to determine if the
EM6625 was powered up (SleepEn = "0") or woken up from sleep (SleepEn = "1").
Table 2.3.1. Internal State in Standby and Sleep Mode
Function
Standby
Sleep
Oscillator
Active
Stopped
Oscillator Watchdog
Active
Stopped
Instruction Execution
Stopped
Stopped
Interrupt Functions
Active
Stopped
Registers and Flags
Retained
Reset
RAM Data
Retained
Retained
Option Registers
Retained
Retained
Timer & Counter
Active
Reset
Logic Watchdog
Active
Reset
I/O Port B and Serial Port
Active
High Impedance,
Pull’s as defined in option register
Input Port A
Active
No pull-downs and inputs deactivated
except if InpResSleep = "1"
LCD
Active
Stopped (display off)
Strobe Output
Active
Active
Buzzer Output
Active
High Impedance
Voltage Level Detector
Finishes ongoing measure, then stop
Stopped
Reset Pin
Active
Active
Figure 4 Mode transition diagram
Active
Halt
instruction
Sleep bit
write
IRQ
Standby
Sleep
Reset=1
Reset=0
Reset=1
Reset=1
Reset


Similar Part No. - EM6625WS11

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6620 EMMICRO-EM6620 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6620WP11 EMMICRO-EM6620WP11 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6620WP27 EMMICRO-EM6620WP27 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6620WS11 EMMICRO-EM6620WS11 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6620WS27 EMMICRO-EM6620WS27 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
More results

Similar Description - EM6625WS11

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6621 EMMICRO-EM6621 Datasheet
746Kb / 69P
   Ultra Low Power Microcontroller with 4x20 LCD Driver
EM6821 EMMICRO-EM6821 Datasheet
1Mb / 68P
   Ultra Low Power uController with 4x20 LCD Driver
EM6620 EMMICRO-EM6620 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6626 EMMICRO-EM6626 Datasheet
1Mb / 69P
   Ultra Low Power Microcontroller with 4x32 LCD Driver
EM6622 EMMICRO-EM6622 Datasheet
892Kb / 70P
   Ultra Low Power Microcontroller with 4x32 LCD Driver
EM6522 EMMICRO-EM6522 Datasheet
1Mb / 68P
   MFP version of EM6622 Ultra Low Power Microcontroller with 4x32 LCD Driver
logo
List of Unclassifed Man...
EADIP203B-6NLW ETC2-EADIP203B-6NLW Datasheet
330Kb / 5P
   LCD-Modul 4x20 - 6.45mm
logo
EM Microelectronic - MA...
EM6520 EMMICRO-EM6520 Datasheet
685Kb / 55P
   MFP version of EM6620 Ultra Low Power Microcontroller 4x8 LCD Driver
logo
Maxim Integrated Produc...
MAXQ2000 MAXIM-MAXQ2000 Datasheet
1Mb / 39P
   Low-Power LCD Microcontroller
Rev 2; 12/04
MAXQ2000 MAXIM-MAXQ2000_08 Datasheet
496Kb / 39P
   Low-Power LCD Microcontroller
Rev 10; 7/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com