Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2730B-BFSG1 Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # U2730B-BFSG1
Description  L-Band Down-Converter for DAB Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U2730B-BFSG1 Datasheet(HTML) 4 Page - TEMIC Semiconductors

  U2730B-BFSG1 Datasheet HTML 1Page - TEMIC Semiconductors U2730B-BFSG1 Datasheet HTML 2Page - TEMIC Semiconductors U2730B-BFSG1 Datasheet HTML 3Page - TEMIC Semiconductors U2730B-BFSG1 Datasheet HTML 4Page - TEMIC Semiconductors U2730B-BFSG1 Datasheet HTML 5Page - TEMIC Semiconductors U2730B-BFSG1 Datasheet HTML 6Page - TEMIC Semiconductors U2730B-BFSG1 Datasheet HTML 7Page - TEMIC Semiconductors U2730B-BFSG1 Datasheet HTML 8Page - TEMIC Semiconductors U2730B-BFSG1 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
U2730B-B
Rev. A1, 22-Jul-98
Preliminary Information
4 (12)
Reference Divider
Four different scaling factors of the reference divider can
be selected by the input Pin S: 32, 35, 36, 48. Starting
from a reference oscillator frequency of 16.384 MHz/
17.92 MHz/ 18.432 MHz/ 24.576 MHz these scaling
factors result in an output frequency of the reference
divider of 512 kHz. If the input control Pin C is left open
(high-impedance state), a test signal which monitors the
output frequency of the reference divider appears at the
output Pin TRD of the test interface.
LO Divider
The LO divider is operated at the fixed division ratio
2464. Assuming the settings described in the section
‘Reference
divider’,
the
oscillator’s
frequency
is
controlled to be 1261.568 MHz in locked state, the output
frequency of the RF divider is 512 kHz. In analogy to the
reference divider, a test signal which monitors the output
frequency of the RF divider appears at the output
Pin TMD of the test interface if the input control Pin C is
left open (high-impedance state).
Phase Comparator,
Charge Pump and Loop Filter
The tristate phase detector causes the charge pump to
source or to sink current at the output Pin PD depending
on the phase relation of its input signals which are
provided by the reference and the RF divider respectively.
By means of the control Pin C, two different values of this
current can be selected, and furthermore the charge-pump
current can be switched off.
A high-gain amplifier (output Pin CD) which is
implemented to construct a loop filter, as shown in the
application circuit, can be switched off by means of the
control Pin C. In the application circuit figure 3, the loop
filter is completed by connecting the Pins PD and CD by
an appropriate RC network.
An internal lock detector checks if the phase difference of
the input signals of the phase detector is smaller than
approximately 250 ns in seven subsequent comparisons.
If a phase lock is detected, the open collector output
Pin PLCK is set to HIGH. It should be noted that the
output current of this pin must be limited by external
circuitry as it is not limited internally. If the voltage at the
control Pin C is chosen to be half the supply voltage, or
if this control pin is left open, the lock-detector function
is de-activated and the logical value of the PLCK output
is undefined.
Absolute Maximum Ratings
Parameters
Symbol
Value
Unit
Supply voltage
Pins 3, 9, 20 and 28
VCC
–0.3 to +9.5
V
RF input voltage
Pins 25 and 26
VRF
750
mVpp
Voltage at Pin AGC
Pin 18
VAGC
0.5 to 6
V
Voltage at Pin TH
Pin 17
VTH
–0.3 to +4.0
V
Input voltage at Pin TANK
(internal oscillator overdriven)
Pin 5
VTANK
1
Vpp
Current at IF output
Pin 19
IIF
4.0
mA
Reference input voltage (diff.)
Pins 15 and 16
REF, NREF
1
Vpp
Control input voltage
Pins 1, 2 and 27
C, S
–0.3 to +9.5
V
PLCK output current
Pin 14
IPLCK
0.5
mA
PLCK output voltage
Pin 14
VPLCK
–0.3 to +5.5
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
–40 to +125
°C
Operating Range
Parameters
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
Pins 3, 9, 20 and 28
VCC
8.0
8.5
9.35
V
Ambient temperature
Tamb
–40
+85
°C


Similar Part No. - U2730B-BFSG1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2730B-N ATMEL-U2730B-N Datasheet
208Kb / 17P
   L-band Down-converter for DAB Receivers
More results

Similar Description - U2730B-BFSG1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2730B-N ATMEL-U2730B-N Datasheet
208Kb / 17P
   L-band Down-converter for DAB Receivers
ATR2730 ATMEL-ATR2730 Datasheet
287Kb / 18P
   L-band Down-converter for DAB Receivers
logo
Sony Corporation
CXA3068N SONY-CXA3068N Datasheet
144Kb / 11P
   L-band Down Converter for Satellite Tuner
CXA3008N-1 SONY-CXA3008N-1 Datasheet
225Kb / 12P
   L-BAND DOWN CONVERTER IC
logo
NEC
UPC2782GR NEC-UPC2782GR Datasheet
190Kb / 20P
   L BAND DOWN CONVERTER IC
UPG2121TB NEC-UPG2121TB Datasheet
60Kb / 8P
   L-BAND UP/DOWN CONVERTER
UPC2795GV NEC-UPC2795GV Datasheet
133Kb / 12P
   GENERAL PURPOSE L-BAND DOWN CONVERTER
UPC2721 NEC-UPC2721 Datasheet
90Kb / 12P
   GENERAL PURPOSE L-BAND DOWN CONVERTER ICs
logo
Sony Corporation
CXA3108AQ SONY-CXA3108AQ Datasheet
257Kb / 19P
   L-band Down Converter IC with On-Chip PLL
logo
California Eastern Labs
UPC8112TB CEL-UPC8112TB Datasheet
173Kb / 5P
   3 V SILICON MMIC L-BAND FREQUENCY DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com