Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WF512K32N-70G4TM5A Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WF512K32N-70G4TM5A
Description  512Kx32 5V FLASH MODULE, SMD 5962-94612
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WF512K32N-70G4TM5A Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WF512K32N-70G4TM5A Datasheet HTML 1Page - White Electronic Designs Corporation WF512K32N-70G4TM5A Datasheet HTML 2Page - White Electronic Designs Corporation WF512K32N-70G4TM5A Datasheet HTML 3Page - White Electronic Designs Corporation WF512K32N-70G4TM5A Datasheet HTML 4Page - White Electronic Designs Corporation WF512K32N-70G4TM5A Datasheet HTML 5Page - White Electronic Designs Corporation WF512K32N-70G4TM5A Datasheet HTML 6Page - White Electronic Designs Corporation WF512K32N-70G4TM5A Datasheet HTML 7Page - White Electronic Designs Corporation WF512K32N-70G4TM5A Datasheet HTML 8Page - White Electronic Designs Corporation WF512K32N-70G4TM5A Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WF512K32-XXX5
March 2006
Rev. 11
Absolute Maximum Ratings (1)
NOTES:
1. Stresses above the absolute maximum rating may cause permanent damage to the
device. Extended operation at the maximum levels may degrade performance and
affect reliability.
2. Minimum DC voltage on input or I/O pins is -0.5V. During voltage transitions,inputs
may overshoot Vss to -2.0 V for periods of up to 20ns. Maximum DC voltage on
output and I/O pins is Vcc + 0.5V. During voltage transitions, outputs may overshoot
to Vcc + 2.0 V for periods of up to 20ns.
3. Minimum DC input voltage on A9 pin is -0.5V. During voltage transitions, A9 may
overshoot Vss to -2V for periods of up to 20ns. Maximum DC input voltage on A9 is
+13.5V which may overshoot to 14.0 V for periods up to 20ns.
Parameter
Unit
Operating Temperature
-55 to +125
°C
Supply Voltage Range (VCC)
-2.0 to +7.0
V
Signal voltage range (any pin except A9) (2)
-2.0 to +7.0
V
Storage Temperature Range
-65 to +150
°C
Lead Temperature (soldering, 10 seconds)
+300
°C
Data Retention (Mil Temp)
20 years
Endurance - write/erase cycles (Mil Temp)
1,000,000 cycles min.
A9 Voltage for sector protect (VID) (3)
-2.0 to +14.0
V
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
4.5
5.5
V
Input High Voltage
VIH
2.0
VCC + 0.5
V
Input Low Voltage
VIL
-0.5
+0.8
V
Operating Temp. (Mil.)
TA
-55
+125
°C
Operating Temp. (Ind.)
TA
-40
+85
°C
A9 Voltage for Sector Protect
VID
11.5
12.5
V
CAPACITANCE
TA = +25°C
Parameter
Symbol
Conditions
Max Unit
OE# capacitance
COE
VIN = 0V, f = 1.0 MHz
50
pF
WE1-4# capacitance
HIP (PGA)
CWE
VIN = 0V, f = 1.0 MHz
20
pF
CQFP G4T
50
CQFP G2U/G2L
15
CS1-4# capacitance
CCS
VIN = 0V, f = 1.0 MHz
20
pF
Data# I/O capacitance
CI/O
VI/O = 0V, f = 1.0 MHz
20
pF
Address input capacitance
CAD
VIN = 0V, f = 1.0 MHz
50
pF
This parameter is guaranteed by design but not tested.
DC CHARACTERISTICS
VCC = 5.0V, VSS = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Sym
Conditions
Min
Max
Units
Input Leakage Current
ILI
VCC = 5.5, VIN = GND to VCC
10
µA
Output Leakage Current
ILOx32
CS# = VIH, OE# = VIH, VOUT = GND to VCC
10
µA
VCC Active Current for Read (1)
ICC1
CS# = VIL, OE# = VIH, f = 5MHz, VCC = 5.5
190
mA
VCC Active Current for Program or Erase (2)
ICC2
CS# = VIH, OE# = VIH
240
mA
VCC Standby Current
ICC4
VCC = 5.5, CS = VIH, f = 5MHz
6.5
mA
VCC Static Current
ICC3
VCC = 5.5, CS = VIH
0.6
mA
Output Low Voltage
VOL
IOL = 8.0mA, VCC = 4.5
0.45
V
Output High Voltage
VOH1
IOH = 2.5mA, VCC = 4.5
0.85 X VCC
V
Low VCC Lock-Out Voltage
VLKO
3.2
4.2
V
DC test conditions: VIL = 0.3V, VIH = VCC - 0.3V
NOTES:
1. The ICC current listed includes both the DC operating current and the frequency dependent component
(at 5 MHz). The frequency component typically is less than 2 mA/MHz, with OE at VIH.
2. ICC active while Embedded Algorithm (program or erase) is in progress.


Similar Part No. - WF512K32N-70G4TM5A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF512K32N-70G4TM5A ETC1-WF512K32N-70G4TM5A Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
More results

Similar Description - WF512K32N-70G4TM5A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF512K32 ETC1-WF512K32 Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
EDI7F33512V WEDC-EDI7F33512V Datasheet
98Kb / 5P
   512Kx32 FLASH
EDI7F33512C WEDC-EDI7F33512C Datasheet
558Kb / 4P
   512Kx32 Flash
logo
List of Unclassifed Man...
WSF128K16 ETC-WSF128K16 Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com