Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2931BD50 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LM2931BD50
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT FUNCTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2931BD50 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LM2931BD50 Datasheet HTML 3Page - STMicroelectronics LM2931BD50 Datasheet HTML 4Page - STMicroelectronics LM2931BD50 Datasheet HTML 5Page - STMicroelectronics LM2931BD50 Datasheet HTML 6Page - STMicroelectronics LM2931BD50 Datasheet HTML 7Page - STMicroelectronics LM2931BD50 Datasheet HTML 8Page - STMicroelectronics LM2931BD50 Datasheet HTML 9Page - STMicroelectronics LM2931BD50 Datasheet HTML 10Page - STMicroelectronics LM2931BD50 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
LM2931 SERIES
7/19
ELECTRICAL CHARACTERISTICS OF LM2931B 5V (refer to the test circuits, TJ =25°C,
CI =0.1 µF, CO = 100 µF, VI = 14V, IO = 10mA, VINH = 0V, unless otherwise specified).
Note 1: Reference Voltage is measured from VOUT to ADJ pin.
Note 2: Vd measured when the output voltage has dropped 100mV from the nominal value obtained at 14V.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VI
Maximum Operating Input
Voltage
IO =10 mA
TJ = -40 to 125°C
26
37
V
VO
Output Voltage
4.75
5
5.25
V
VO
Output Voltage
IO = 100 mA VI =6to 26 V
TJ = -40 to 125°C
4.5
5
5.5
V
∆V
O
Line Regulation
VI =9 to 16 V
2
10
mV
VI =6 to 26 V
4
30
∆V
O
Load Regulation
IO = 5 to 100 mA
15
50
mV
Vd
Dropout Voltage (Note 1, 2) IO =10 mA
90
200
mV
IO = 100 mA
250
600
Id
Quiescent Current
ON MODE
IO = 100 mA
2.5
30
mA
OFF MODE
VINH =2.5 V
RLOAD = 500 Ω
0.31mA
ISC
Short Circuit Current
100
300
mA
SVR
Supply Voltage Rejection
IO = 100 mA,
VI =14± 2V
f=120Hz,
TJ = -40 to 125°C
55
75
dB
VIL
Control Input Voltage Low
TJ = -40 to 125°C
2
1.2
V
VIH
Control Input Voltage High
TJ = -40 to 125°C
3.25
2
V
IINH
Inhibit Input Current
VINH =2.5 V
22
50
µA
VI
Transient Input Voltage
RLOAD = 500 Ωτ < 100ms
60
70
V
VI
Reverse Polarity Input
Voltage
VO =± 0.3V
RLOAD = 500 Ω
-15
-50
V
VI
Reverse Polarity Input
Voltage Transient
RLOAD = 500 Ωτ < 100ms
-50
V
eN
Output Noise Voltage
B =10 Hz to 100 KHz
500
µV
RMS


Similar Part No. - LM2931BD50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2931BD50R STMICROELECTRONICS-LM2931BD50R Datasheet
884Kb / 23P
   Very low drop voltage regulators with inhibit function
More results

Similar Description - LM2931BD50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2931XX STMICROELECTRONICS-LM2931XX_10 Datasheet
857Kb / 21P
   Very low drop voltage regulators with inhibit function
LM2931XX STMICROELECTRONICS-LM2931XX Datasheet
884Kb / 23P
   Very low drop voltage regulators with inhibit function
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
   Very low drop voltage regulators with inhibit
July 2008 Rev 12
LF00 STMICROELECTRONICS-LF00_06 Datasheet
598Kb / 46P
   Very low drop voltage regulators with inhibit
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
January 2004
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
   Very low drop voltage regulators with inhibit
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
   Very low drop voltage regulators with inhibit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com