Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WV3H2256M72AER403D6MG Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WV3H2256M72AER403D6MG
Description  4GB - 2x256Mx72 DDR2 SDRAM RDIMM, w/PLL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3H2256M72AER403D6MG Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WV3H2256M72AER403D6MG Datasheet HTML 1Page - White Electronic Designs Corporation WV3H2256M72AER403D6MG Datasheet HTML 2Page - White Electronic Designs Corporation WV3H2256M72AER403D6MG Datasheet HTML 3Page - White Electronic Designs Corporation WV3H2256M72AER403D6MG Datasheet HTML 4Page - White Electronic Designs Corporation WV3H2256M72AER403D6MG Datasheet HTML 5Page - White Electronic Designs Corporation WV3H2256M72AER403D6MG Datasheet HTML 6Page - White Electronic Designs Corporation WV3H2256M72AER403D6MG Datasheet HTML 7Page - White Electronic Designs Corporation WV3H2256M72AER403D6MG Datasheet HTML 8Page - White Electronic Designs Corporation WV3H2256M72AER403D6MG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
WV3HG2256M72AER-D6
ADVANCED
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
April 2006
Rev. 1
RECOMMENDED DC OPERATING CONDITIONS
All Voltages Referenced to VSS
Parameter
Symbol
Rating
Units
Notes
Min.
Type
Max.
Supply Voltage
VCC
1.7
1.8
1.9
V
3
I/O Input Reference Voltage
VREF
0.49*VCC
0.50*VCC
0.51*VCC
V1
I/O Termination Voltage
VTT
VREF-0.04
VREF
VREF+0.04
V
2
SPD Supply Voltage
VCCSPD
1.7
3.6
V
Notes:
1. VREF is expected to equal VCCQ/2 of the transmitting device and to track variations in the DC level of the same. Peak-to-peak noise on VREF may not exceed ±1 percent of the
DC value. Peak-to-peak AC noise on VREF may not exceed ±2 percent of VREF. This measurement is to be taken at the nearest VREF bypass capacitor..
2. VTT is not applied directly to the device. VTT is a system supply for signal termination resistors, is expected to be set equal to VREF and must track variations in the DC level of VREF.
3. VCCQ of all IC's are tied to VCC.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min
Max
Units
VCC
Voltage on VCC pin relative to VSS
-0.5
2.3
V
VIN, VOUT
Voltage on any pin relative to VSS
-0.5
2.3
V
TSTG
Storage Temperature
-55
100
°C
IL
Input leakage current; Any input 0V<VIN<VCC; VREF input 0V<VIN<0.95V;
Other pins not under test = 0V
Command/Address,
RAS#, CAS#, WE#,
CS#, CKE
CK, CK#
DM
-10
10
µA
IOZ
Output leakage current; 0V<VOUT<VCCQ; DQs and ODT are disable
DQ, DQS, DQS#
-10
10
µA
IVREF
VREF leakage current; VREF = Valid VREF level
-72
72
µA
CAPACITANCE
TA = 25°C, f = 100MHz, VCC = 1.8V
Parameter
Symbol
Min
Max
Units
Input Capacitance: (A0 ~ A13, BA0 ~ BA2, RAS#, CAS#, WE#)
CIN1
10
12
pF
Input Capacitance: (CKE0, CKE1), (ODT0, ODT1)
CIN2
10
12
pF
Input Capacitance: (CS0#, CS1#)
CIN3
10
12
pF
Input Capacitance: (CK0, CK0#)
CIN4
10
11
pF
Input Capacitance: (DM0 ~ DM8), (DQS0 ~ DQ17)
CIN5 (665)
911
pF
CIN5 (534, 403)
912
pF
Input/Output Capacitance: (DQ0 ~ DQ63), (CB0 ~ CB7)
COUT1 (665)
911
pF
COUT1 (534, 403)
912
pF


Similar Part No. - WV3H2256M72AER403D6MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG128M72AER-AD6 WEDC-WV3HG128M72AER-AD6 Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
WV3HG128M72AER-D6 WEDC-WV3HG128M72AER-D6 Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG128M72AER403AD6EG WEDC-WV3HG128M72AER403AD6EG Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
WV3HG128M72AER403AD6IEG WEDC-WV3HG128M72AER403AD6IEG Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
WV3HG128M72AER403AD6IMG WEDC-WV3HG128M72AER403AD6IMG Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
More results

Similar Description - WV3H2256M72AER403D6MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG2256M72ASSR-JD3 WEDC-W3EG2256M72ASSR-JD3 Datasheet
217Kb / 14P
   4GB - 2x256Mx72 DDR SDRAM REGISTERED ECC, w/PLL
logo
List of Unclassifed Man...
SEG04G72B1BC2MT-30R ETC2-SEG04G72B1BC2MT-30R Datasheet
749Kb / 16P
   4GB DDR2 . SDRAM registered SO-RDIMM
logo
Micron Technology
MT18HTF12872Y MICRON-MT18HTF12872Y Datasheet
261Kb / 18P
   DDR2 SDRAM Registered DIMM (RDIMM)
MT36HTJ51272-P MICRON-MT36HTJ51272-P Datasheet
301Kb / 14P
   DDR2 SDRAM Registered DIMM (RDIMM)
MT9HVF12872KY MICRON-MT9HVF12872KY Datasheet
239Kb / 17P
   DDR2 SDRAM VLP Mini-RDIMM
logo
White Electronic Design...
WV3HG64M72AER-AD6 WEDC-WV3HG64M72AER-AD6 Datasheet
161Kb / 10P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG128M72AER-D6 WEDC-WV3HG128M72AER-D6 Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG2128M72AER-D6 WEDC-WV3HG2128M72AER-D6 Datasheet
152Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL
logo
List of Unclassifed Man...
SEG02G72B1BH2MT-30[W]R ETC2-SEG02G72B1BH2MT-30[W]R Datasheet
908Kb / 14P
   2GB DDR2 . SDRAM registered So-RDIMM
logo
Elpida Memory
EBE41AE4ACWA ELPIDA-EBE41AE4ACWA Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com