Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WF128K32N-120H1I5A Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # WF128K32N-120H1I5A
Description  128KX32 5V FLASH MODULE, SMD 5962-94716
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WF128K32N-120H1I5A Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button WF128K32N-120H1I5A Datasheet HTML 7Page - White Electronic Designs Corporation WF128K32N-120H1I5A Datasheet HTML 8Page - White Electronic Designs Corporation WF128K32N-120H1I5A Datasheet HTML 9Page - White Electronic Designs Corporation WF128K32N-120H1I5A Datasheet HTML 10Page - White Electronic Designs Corporation WF128K32N-120H1I5A Datasheet HTML 11Page - White Electronic Designs Corporation WF128K32N-120H1I5A Datasheet HTML 12Page - White Electronic Designs Corporation WF128K32N-120H1I5A Datasheet HTML 13Page - White Electronic Designs Corporation WF128K32N-120H1I5A Datasheet HTML 14Page - White Electronic Designs Corporation WF128K32N-120H1I5A Datasheet HTML 15Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WF128K32-XXX5
March 2006
Rev. 8
PACKAGE 400: 66 PIN, PGA TYPE, CERAMIC HEX-IN-LINE PACKAGE, HIP (H1)
4.60 (0.181)
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES


Similar Part No. - WF128K32N-120H1I5A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF128K16 ETC1-WF128K16 Datasheet
189Kb / 11P
   5V FLASH MODULE
WF128K16-120CC5 ETC1-WF128K16-120CC5 Datasheet
189Kb / 11P
   5V FLASH MODULE
WF128K16-120CC5A ETC1-WF128K16-120CC5A Datasheet
189Kb / 11P
   5V FLASH MODULE
WF128K16-120CI5 ETC1-WF128K16-120CI5 Datasheet
189Kb / 11P
   5V FLASH MODULE
WF128K16-120CI5A ETC1-WF128K16-120CI5A Datasheet
189Kb / 11P
   5V FLASH MODULE
More results

Similar Description - WF128K32N-120H1I5A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WE128K32-XXX WEDC-WE128K32-XXX Datasheet
620Kb / 14P
   128Kx32 EEPROM MODULE, SMD 5962-94585
logo
List of Unclassifed Man...
WF512K32 ETC1-WF512K32 Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
logo
White Electronic Design...
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WSF128K32-XH2X WEDC-WSF128K32-XH2X Datasheet
441Kb / 12P
   128KX32 SRAM/FLASH MODULE
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
logo
List of Unclassifed Man...
WSF128K16 ETC-WSF128K16 Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com