Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WV3HG2256M72AER-D6 Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # WV3HG2256M72AER-D6
Description  4GB - 2x256Mx72 DDR2 SDRAM RDIMM, w/PLL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG2256M72AER-D6 Datasheet(HTML) 7 Page - White Electronic Designs Corporation

Back Button WV3HG2256M72AER-D6 Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG2256M72AER-D6 Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG2256M72AER-D6 Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG2256M72AER-D6 Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG2256M72AER-D6 Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG2256M72AER-D6 Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG2256M72AER-D6 Datasheet HTML 9Page - White Electronic Designs Corporation WV3HG2256M72AER-D6 Datasheet HTML 10Page - White Electronic Designs Corporation WV3HG2256M72AER-D6 Datasheet HTML 11Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
WV3HG2256M72AER-D6
ADVANCED
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
April 2006
Rev. 1
AC TIMING PARAMETERS
VCC = +1.8V ± 0.1V
AC Characteristics
806
665
534
403
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Unit
Clock cycle time
CL = 6
tCK (6)
TBD
TBD
ps
CL = 5
tCK (5)
TBD
TBD
3,000
8,000
ps
CL = 4
tCK (4)
TBD
TBD
3,750
8,000
3,750
8,000
5,000
8,000
ps
CL = 3
tCK (3)
TBD
TBD
5,000
8,000
5,000
8,000
5,000
8,000
ps
CK high-level width
tCH
TBD
TBD
0.45
0.55
0.45
0.55
0.45
0.55
tCK
CK low-level width
tCL
TBD
TBD
0.45
0.55
0.45
0.55
0.45
0.55
tCK
Half clock period
tHP
TBD
TBD
MIN
(tCH,
tCL)
MIN
(tCH,
tCL)
MIN
(tCH,
tCL)
ps
Clock jitter
tJIT
TBD
-
125
125
-
125
125
-
125
125
ps
DQ output access time from CK/CK#
tAC
TBD
TBD
-450
+450
-500
+500
-600
+600
ps
Data-out high-impedance window from CK/CK#
tHZ
TBD
TBD
tAC
(MAX)
tAC
(MAX)
tAC
(MAX)
ps
Data-out low-impedance window from CK/CK#
tLZ
TBD
TBD
tAC
(MIN)
tAC
(MAX)
tAC
(MIN)
tAC
(MAX)
tAC
(MIN)
tAC
(MAX)
ps
DQ and DM input setup time relative to DQS
tDS
TBD
TBD
100
100
150
tCK
DQ and DM input hold time relative to DQS
tDH
TBD
TBD
175
225
275
ps
DQ…DQS hold, DQS to first DQ to go nonvalid,
per access relative to DQS
tDIPW
TBD
TBD
0.35
0.35
0.35
ps
Data hold skew factor
tQHS
TBD
TBD
340
400
450
DQ–DQS hold, DQS to first DQ to go nonvalid,
per access
tQH
TBD
TBD
tHP-
tQHS
tHP-
tQHS
tHP-
tQHS
Data valid output window (DVW)
tDVW
TBD
TBD
tQH-
tDQSQ
tQH-
tDQSQ
tQH-
tDQSQ
DQS input high pulse width
tDQSH
TBD
TBD
0.35
0.35
0.35
tCK
DQS input low pulse width
tDQSL
TBD
TBD
0.35
0.35
0.35
tCK
DQS output access time from CK/CK#
tDQSCK
TBD
TBD
-400
+400
-450
+450
-500
+500
ps
DQS falling edge to CK rising– setup time
tDSS
TBD
TBD
0.2
0.2
0.2
tCK
DQS falling edge from CK rising – hold time
tDSH
TBD
TBD
0.2
0.2
0.2
tCK
DQS–DQ skew, DQS to last DQ valid, per group,
per access
tDQSQ
TBD
TBD
240
300
350
ps
DQS read preamble
tRPRE
TBD
TBD
0.9
1.1
0.9
1.1
0.9
1.1
tCK
Note:
• AC specification is based on SAMSUNG components. Other DRAM manufactures specification may be different.
Continued on next page


Similar Part No. - WV3HG2256M72AER-D6

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG2128M64EEU-D4 WEDC-WV3HG2128M64EEU-D4 Datasheet
199Kb / 11P
   2GB - 2x128Mx64 DDR2 SDRAM UNBUFFERED
WV3HG2128M64EEU-D6 WEDC-WV3HG2128M64EEU-D6 Datasheet
191Kb / 11P
   2GB - 2x128Mx64 DDR2 SDRAM UNBUFFERED
WV3HG2128M64EEU403D4MG WEDC-WV3HG2128M64EEU403D4MG Datasheet
199Kb / 11P
   2GB - 2x128Mx64 DDR2 SDRAM UNBUFFERED
WV3HG2128M64EEU403D4SG WEDC-WV3HG2128M64EEU403D4SG Datasheet
199Kb / 11P
   2GB - 2x128Mx64 DDR2 SDRAM UNBUFFERED
WV3HG2128M64EEU403D6IMG WEDC-WV3HG2128M64EEU403D6IMG Datasheet
191Kb / 11P
   2GB - 2x128Mx64 DDR2 SDRAM UNBUFFERED
More results

Similar Description - WV3HG2256M72AER-D6

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG2256M72ASSR-JD3 WEDC-W3EG2256M72ASSR-JD3 Datasheet
217Kb / 14P
   4GB - 2x256Mx72 DDR SDRAM REGISTERED ECC, w/PLL
logo
List of Unclassifed Man...
SEG04G72B1BC2MT-30R ETC2-SEG04G72B1BC2MT-30R Datasheet
749Kb / 16P
   4GB DDR2 . SDRAM registered SO-RDIMM
logo
Micron Technology
MT18HTF12872Y MICRON-MT18HTF12872Y Datasheet
261Kb / 18P
   DDR2 SDRAM Registered DIMM (RDIMM)
MT36HTJ51272-P MICRON-MT36HTJ51272-P Datasheet
301Kb / 14P
   DDR2 SDRAM Registered DIMM (RDIMM)
MT9HVF12872KY MICRON-MT9HVF12872KY Datasheet
239Kb / 17P
   DDR2 SDRAM VLP Mini-RDIMM
logo
White Electronic Design...
WV3HG64M72AER-AD6 WEDC-WV3HG64M72AER-AD6 Datasheet
161Kb / 10P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG128M72AER-D6 WEDC-WV3HG128M72AER-D6 Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG2128M72AER-D6 WEDC-WV3HG2128M72AER-D6 Datasheet
152Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL
logo
List of Unclassifed Man...
SEG02G72B1BH2MT-30[W]R ETC2-SEG02G72B1BH2MT-30[W]R Datasheet
908Kb / 14P
   2GB DDR2 . SDRAM registered So-RDIMM
logo
Elpida Memory
EBE41AE4ACWA ELPIDA-EBE41AE4ACWA Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com