Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2931ADT50 Datasheet(PDF) 11 Page - STMicroelectronics

Part # LM2931ADT50
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT FUNCTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2931ADT50 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LM2931ADT50 Datasheet HTML 7Page - STMicroelectronics LM2931ADT50 Datasheet HTML 8Page - STMicroelectronics LM2931ADT50 Datasheet HTML 9Page - STMicroelectronics LM2931ADT50 Datasheet HTML 10Page - STMicroelectronics LM2931ADT50 Datasheet HTML 11Page - STMicroelectronics LM2931ADT50 Datasheet HTML 12Page - STMicroelectronics LM2931ADT50 Datasheet HTML 13Page - STMicroelectronics LM2931ADT50 Datasheet HTML 14Page - STMicroelectronics LM2931ADT50 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
LM2931 SERIES
11/19
Figure 13 : Quiescent Current vs Output Current
Figure 14 : Supply Voltage Rejection vs
Temperature
Figure 15 : Supply Voltage Rejection vs
Frequency
Figure 16 : Supply Voltage Rejection vs
Output Current
Figure 17 : StabilityvsCO
Figure 18 : Line Transient
VI =6to 20 V, RL = 500Ω,TJ =25°C, CI =0, CO = 100µF,
Rise Fall-Time = 200 ns


Similar Part No. - LM2931ADT50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2931ADT50R STMICROELECTRONICS-LM2931ADT50R Datasheet
884Kb / 23P
   Very low drop voltage regulators with inhibit function
LM2931ADT50R STMICROELECTRONICS-LM2931ADT50R Datasheet
857Kb / 21P
   Very low drop voltage regulators with inhibit function
More results

Similar Description - LM2931ADT50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2931XX STMICROELECTRONICS-LM2931XX_10 Datasheet
857Kb / 21P
   Very low drop voltage regulators with inhibit function
LM2931XX STMICROELECTRONICS-LM2931XX Datasheet
884Kb / 23P
   Very low drop voltage regulators with inhibit function
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
   Very low drop voltage regulators with inhibit
July 2008 Rev 12
LF00 STMICROELECTRONICS-LF00_06 Datasheet
598Kb / 46P
   Very low drop voltage regulators with inhibit
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
January 2004
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
   Very low drop voltage regulators with inhibit
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
   Very low drop voltage regulators with inhibit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com