Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WV3HG264M72EER665PD4SG Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WV3HG264M72EER665PD4SG
Description  1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG264M72EER665PD4SG Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WV3HG264M72EER665PD4SG Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG264M72EER665PD4SG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG264M72EER665PD4SG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG264M72EER665PD4SG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG264M72EER665PD4SG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG264M72EER665PD4SG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG264M72EER665PD4SG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG264M72EER665PD4SG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG264M72EER665PD4SG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
WV3HG264M72EER-PD4
April 2006
Rev. 2
ADVANCED
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min
Max
Units
VCC
Voltage on VCC pin relative to VSS
-0.5
2.3
V
VIN, VOUT
Voltage on any pin relative to VSS
-0.5
2.3
V
TSTG
Storage Temperature
-55
100
°C
IL
Input leakage current; Any input 0V<VIN<VCC; VREF input
0V,VIN,0.95V; Other pins not under test = 0V
Command/Address,
RAS#, CAS#, WE#,
-5
5
µA
CK, CK#
-10
10
µA
DM
-10
10
µA
IOZ
Output leakage current; 0V<VIN<VCC; DQs and ODT are disable
DQ, DQS, DQS#
-10
10
µA
IVREF
VREF leakage current; VREF = Valid VREF level
-36
36
µA
DC OPERATING CONDITIONS
All voltages referenced to VSS
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Supply Voltage
VCC
1.7
1.8
1.9
V
3
I/O Reference Voltage
VREF
0.49 x VCC
0.50 x VCC
0.51 x VCC
V1
I/O Termination Voltage
VTT
VREF-0.04
VREF
VREF+0.04
V
2
SPD Supply Voltage
VCCSPD
1.7
-
3.6
V
Notes:
1
VREF is expected to equal VCC/2 of the transmitting device and to track variations in the DC level of the same. Peak-to-peak noise on VREF may not exceed +/-1 percent of the
DC value. Peak-to-peak AC noise on VREF may not exceed +/-2 percent of VREF. This measurement is to be taken at the nearest VREF bypass capacitor.
2. VTT is not applied directly to the device. VTT is a system supply for signal termination resistors, is expected to be set equal to VREF and must track variations in the DC level of VREF.
3. VCCQ of all IC's are tied to VCC.
OPERATING TEMPERATURE CONDITION
Parameter
Symbol
Rating
Units
Notes
Operating Case Temperature (commercial)
TOPER
0 to +85°C
°C
1, 2
NOTE:
1. Operation temperature is the case surface temperature on the center/top side of the DRAM. For the measurement conditions, please refer to JEDEC JESD51.2
2. At 0 to +85
°C, operation temperature range, all DRAM specification will be supported.


Similar Part No. - WV3HG264M72EER665PD4SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG264M72EER665PD4SG WEDC-WV3HG264M72EER665PD4SG Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
More results

Similar Description - WV3HG264M72EER665PD4SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG264M72EER-D7 WEDC-WV3HG264M72EER-D7 Datasheet
235Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG264M72EEU-PD4 WEDC-WV3HG264M72EEU-PD4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UDIMM, SO-DIMM w/PLL
W3HG264M72EER-AD7 WEDC-W3HG264M72EER-AD7 Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
WV3HG264M72EEU-D7 WEDC-WV3HG264M72EEU-D7 Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
logo
List of Unclassifed Man...
SEG01G72A1BH1MT-30[W]R ETC2-SEG01G72A1BH1MT-30[W]R Datasheet
598Kb / 14P
   1GB DDR2 . SDRAM registered So-DIMM
logo
White Electronic Design...
W3EG72129S-JD3 WEDC-W3EG72129S-JD3 Datasheet
171Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED w/PLL
WV3EG264M72ESFR-D4 WEDC-WV3EG264M72ESFR-D4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED, w/PLL
WV3HG128M72EER-D7 WEDC-WV3HG128M72EER-D7 Datasheet
185Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG128M72EEU-PD4 WEDC-WV3HG128M72EEU-PD4 Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com