Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WV3HG264M64EEU403D6SG Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # WV3HG264M64EEU403D6SG
Description  1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG264M64EEU403D6SG Datasheet(HTML) 9 Page - White Electronic Designs Corporation

Back Button WV3HG264M64EEU403D6SG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG264M64EEU403D6SG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG264M64EEU403D6SG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG264M64EEU403D6SG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG264M64EEU403D6SG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG264M64EEU403D6SG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG264M64EEU403D6SG Datasheet HTML 9Page - White Electronic Designs Corporation WV3HG264M64EEU403D6SG Datasheet HTML 10Page - White Electronic Designs Corporation WV3HG264M64EEU403D6SG Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
WV3HG264M64EEU-D6
December 2005
Rev. 0
ADVANCED
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
133.35 (5.25)
133.20 (5.244)
10.00 (0.394)
TYP
17.80 (0.700)
TYP
30.50 (1.201)
29.85 (1.175)
63.00 (2.48) TYP
55.00 (2.165) TYP
3.00
(0.118)
(4x)
4.00
(0.158)
(4x)
2.50 ± 0.20
(0.098 ± 0.007)
1.50 ± 0.10
(0.059 ± 0.004)
4.00 (0.158)
5.00
(0.196)
1.00 (0.039) TYP
0.80 ± 0.05
(0.032 ± 0.002) TYP
PIN 20
PIN 1
0.054 (1.37)
0.046 (1.17)
0.158 (4.00)
MAX
FRONT VIEW
BACK VIEW
+
+
PIN 1
PIN 121
PACKAGE DIMENSIONS FOR D6
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
ORDERING INFORMATION FOR D6
Part Number
Speed/Data Rate
CAS Latency
tRCD
tRP
Height*
WV3HG264M64EEU806D6xG**
400MHz/800Mb/s
6
6
6
30.00mm (1.181") TYP
WV3HG264M64EEU665D6xG**
333MHz/667Mb/s
5
5
5
30.00mm (1.181") TYP
WV3HG264M64EEU534D6xG
266MHz/533Mb/s
4
4
4
30.00mm (1.181") TYP
WV3HG264M64EEU403D6xG
200MHz/400Mb/s
3
3
3
30.00mm (1.181") TYP
** Consult factory for availability
NOTES:
• RoHS compliant product. (G = RoHS Compliant)
• Vendor specific part numbers are used to provide memory component source control. The place holder for this is shown as a lower case "x"
in the part numbers above and is to be replaced with respective vendors code. Consult factory for qualified sourcing options.
(G = Infineon, M = Micron, S = Samsung & consult factory for others)
• Consult factory for availability of industrial temperature (-40°C to 85°C) option


Similar Part No. - WV3HG264M64EEU403D6SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG264M64EEU403D4MG WEDC-WV3HG264M64EEU403D4MG Datasheet
197Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
WV3HG264M64EEU403D4SG WEDC-WV3HG264M64EEU403D4SG Datasheet
197Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
More results

Similar Description - WV3HG264M64EEU403D6SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG264M64EEU-D4 WEDC-WV3HG264M64EEU-D4 Datasheet
197Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
W3DG64126V-D2 WEDC-W3DG64126V-D2 Datasheet
239Kb / 9P
   1GB - 2x64Mx64, SDRAM UNBUFFERED
WV3DG64127V-D2 WEDC-WV3DG64127V-D2 Datasheet
244Kb / 8P
   1GB - 2x64Mx64, SDRAM UNBUFFERED
WV3EG264M64EFSU-D4 WEDC-WV3EG264M64EFSU-D4 Datasheet
149Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
W3EG64128S-D3 WEDC-W3EG64128S-D3 Datasheet
233Kb / 12P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
W3EG264M64EFSU-D4 WEDC-W3EG264M64EFSU-D4 Datasheet
190Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM, UNBUFFERED, FBGA
W3DG64128V-D1 WEDC-W3DG64128V-D1 Datasheet
130Kb / 7P
   1GB - 2x64Mx64 SDRAM, UNBUFFERED w/PLL
WV3HG264M72EEU-D6 WEDC-WV3HG264M72EEU-D6 Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
logo
Elpida Memory
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com