Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WF2M32I-090HI5A Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WF2M32I-090HI5A
Description  2Mx32 5V Flash Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WF2M32I-090HI5A Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WF2M32I-090HI5A Datasheet HTML 1Page - White Electronic Designs Corporation WF2M32I-090HI5A Datasheet HTML 2Page - White Electronic Designs Corporation WF2M32I-090HI5A Datasheet HTML 3Page - White Electronic Designs Corporation WF2M32I-090HI5A Datasheet HTML 4Page - White Electronic Designs Corporation WF2M32I-090HI5A Datasheet HTML 5Page - White Electronic Designs Corporation WF2M32I-090HI5A Datasheet HTML 6Page - White Electronic Designs Corporation WF2M32I-090HI5A Datasheet HTML 7Page - White Electronic Designs Corporation WF2M32I-090HI5A Datasheet HTML 8Page - White Electronic Designs Corporation WF2M32I-090HI5A Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WF2M32-XXX5
October 2004
Rev. 5
FIGURE 1 – PIN CONFIGURATION FOR WF2M32-XHX5
Top View
Block Diagram
2M x 8
8
I/O 0-7
2M x 8
8
I/O 8-15
2M x 8
8
I/O 16-23
2M x 8
8
I/O 24-31
A 0- 20
OE#
WE1# CS1#
WE2# CS2#
WE3# CS3#
WE4# CS4#
2Mx32 5V Flash Module
Organized as 2Mx32
Commercial, Industrial, and Military
Temperature Ranges
5 Volt Read and Write. 5V ± 10% Supply.
Low Power CMOS
Data# Polling and Toggle Bit feature for detection of
program or erase cycle completion.
Supports reading or programming data to a sector
not being erased.
RESET# pin resets internal state machine to the
read mode.
Built in Decoupling Caps and Multiple Ground Pins
for Low Noise Operation, Separate Power and
Ground Planes to improve noise immunity
* This product is subject to change without notice.
Note: For programming information refer to Flash Programming 16M5 Application Note.
FEATURES
Access Time of 90, 120, 150ns
Packaging:
• 66 pin, PGA Type, 1.185" square, Hermetic
Ceramic HIP (Package 401).
• 68 lead, Hermetic CQFP (G2U), 22.4mm (0.880")
square (Package 510) 3.56mm (0.140") height.
Designed to fit JEDEC 68 lead 0.990" CQFJ
footprint (FIGURE 3)
Sector Architecture
• 32 equal size sectors of 64KBytes per each 2Mx8
chip
• Any combination of sectors can be erased. Also
supports full chip erase.
Minimum 100,000 Write/Erase Cycles Minimum
RESET# internally tied to VCC in the HIP package for this pin con-
figuration. See Alternate Pin Configuration with RESET# tied to pin
12 for system control of reset (FIGURE 10, page 11).
I/O8
I/O9
I/O10
A14
A16
A11
A0
A18
I/O0
I/O1
I/O2
WE2#
CS2#
GND
I/O11
A10
A9
A15
VCC
CS1#
A19
I/O3
I/O15
I/O14
I/O13
I/O12
OE#
A17
WE1#
I/O7
I/O6
I/O5
I/O4
I/O24
I/O25
I/O26
A7
A12
A20
A13
A8
I/O16
I/O17
I/O18
VCC
CS4#
WE4#
I/O27
A4
A5
A6
WE3#
CS3#
GND
I/O19
I/O31
I/O30
I/O29
I/O28
A1
A2
A3
I/O23
I/O22
I/O21
I/O20
11
22
33
44
55
66
1
12
23
34
45
56
Pin Description
I/O0-31
Data Inputs/Outputs
A0-20
Address Inputs
WE1-4#
Write Enables
CS1-4#
Chip Selects
OE#
Output Enable
VCC
Power Supply
GND
Ground


Similar Part No. - WF2M32I-090HI5A

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WF2M16W-120C5 WEDC-WF2M16W-120C5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WF2M16W-120C5A WEDC-WF2M16W-120C5A Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WF2M16W-120I5 WEDC-WF2M16W-120I5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WF2M16W-120I5A WEDC-WF2M16W-120I5A Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
More results

Similar Description - WF2M32I-090HI5A

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI7F342MC WEDC-EDI7F342MC Datasheet
306Kb / 3P
   2Mx32 FLASH MODULE
EDI7F342MV WEDC-EDI7F342MV Datasheet
305Kb / 3P
   2Mx32 FLASH MODULE
EDI7F332MC WEDC-EDI7F332MC Datasheet
263Kb / 3P
   2Mx32 FLASH MODULE
EDI7F332MV WEDC-EDI7F332MV Datasheet
121Kb / 3P
   2Mx32 FLASH MODULE
logo
List of Unclassifed Man...
WF128K16 ETC1-WF128K16 Datasheet
189Kb / 11P
   5V FLASH MODULE
logo
White Electronic Design...
WF512K64-XG4WX5 WEDC-WF512K64-XG4WX5 Datasheet
210Kb / 10P
   512Kx64 5V FLASH MODULE
WEDF1M32B-XXX5 WEDC-WEDF1M32B-XXX5 Datasheet
341Kb / 8P
   1Mx32 5V Flash Module
WF4M16-XDTX5 WEDC-WF4M16-XDTX5 Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
WF8M32-XG4DX5 WEDC-WF8M32-XG4DX5 Datasheet
350Kb / 10P
   8Mx32 5V FLASH MODULE
logo
List of Unclassifed Man...
WF128K64-XG4WX5 ETC1-WF128K64-XG4WX5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com