Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WV3HG2128M72AER-D6 Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # WV3HG2128M72AER-D6
Description  2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG2128M72AER-D6 Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  WV3HG2128M72AER-D6 Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG2128M72AER-D6 Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG2128M72AER-D6 Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG2128M72AER-D6 Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG2128M72AER-D6 Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG2128M72AER-D6 Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG2128M72AER-D6 Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG2128M72AER-D6 Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG2128M72AER-D6 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
WV3HG2128M72AER-D6
ADVANCED*
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
September
2005 Rev. 0
OPERATING TEMPERATURE CONDITION
Parameter
Symbol
Rating
Units
Notes
Operating temperature
TOPER
0 to 85
°C
1, 2
Notes:
1. Operating temperature is the case surface temperature on the center/top side of the DRAM. For the measurement conditions, please refer to JEDEC JESD51 .2
2. At 0 - 85°C, operation temperature range, all DRAM specification will be supported.
INPUT DC LOGIC LEVEL
All voltages referenced to VSS
Parameter
Symbol
Min
Max
Unit
Input High (Logic 1 ) Voltage
VIH(DC)
VREF + 0.1 25
VREF + 0.300
V
Input Low (Logic 0) Voltage
VIL(DC)
-0.300
VREF - 0.125
V
INPUT AC LOGIC LEVEL
All voltages referenced to VSS
Parameter
Symbol
Min
Max
Unit
AC Input High (Logic 1 ) Voltage
VIH(AC)
VREF + 0.250
V
AC Input Low (Logic 0) Voltage DDR2-400 & DDR2-533
VIL(AC)
VREF - 0.250
V


Similar Part No. - WV3HG2128M72AER-D6

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG2128M72EEU-AD4 WEDC-WV3HG2128M72EEU-AD4 Datasheet
180Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED, ECC w/PLL
WV3HG2128M72EEU-D6 WEDC-WV3HG2128M72EEU-D6 Datasheet
194Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED DIMM
WV3HG2128M72EEU403AD4MG WEDC-WV3HG2128M72EEU403AD4MG Datasheet
180Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED, ECC w/PLL
WV3HG2128M72EEU403AD4SG WEDC-WV3HG2128M72EEU403AD4SG Datasheet
180Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED, ECC w/PLL
WV3HG2128M72EEU403D6IMG WEDC-WV3HG2128M72EEU403D6IMG Datasheet
194Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED DIMM
More results

Similar Description - WV3HG2128M72AER-D6

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3HG2128M72ACER-AD6 WEDC-W3HG2128M72ACER-AD6 Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
WV3HG2128M72EEU-AD4 WEDC-WV3HG2128M72EEU-AD4 Datasheet
180Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED, ECC w/PLL
W3EG72255S-D3 WEDC-W3EG72255S-D3 Datasheet
247Kb / 15P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG2128M72AFSR-D3 WEDC-W3EG2128M72AFSR-D3 Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
WV3DG72256V-AD2 WEDC-WV3DG72256V-AD2 Datasheet
253Kb / 9P
   2GB - 2x128Mx72 SDRAM, REGISTERED
WV3HG2128M72EEU-D6 WEDC-WV3HG2128M72EEU-D6 Datasheet
194Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED DIMM
W3EG64255S-JD3 WEDC-W3EG64255S-JD3 Datasheet
203Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED, w/PLL
W3EG2128M64ETSR-JD3 WEDC-W3EG2128M64ETSR-JD3 Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
logo
Elpida Memory
EBE21RD4AGFB ELPIDA-EBE21RD4AGFB Datasheet
215Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE21AD4AJFA ELPIDA-EBE21AD4AJFA Datasheet
246Kb / 28P
   2GB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com