Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WV3HG264M64EEU403D6MG Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # WV3HG264M64EEU403D6MG
Description  1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG264M64EEU403D6MG Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  WV3HG264M64EEU403D6MG Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG264M64EEU403D6MG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG264M64EEU403D6MG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG264M64EEU403D6MG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG264M64EEU403D6MG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG264M64EEU403D6MG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG264M64EEU403D6MG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG264M64EEU403D6MG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG264M64EEU403D6MG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
WV3HG264M64EEU-D6
December 2005
Rev. 0
ADVANCED
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
OPERATING TEMPERATURE CONDITION
Parameter
Symbol
Rating
Units
Notes
Operating Temperature
TOPER
0ºC to 85ºC
ºC
1, 2
Notes:
1. Operating temperature is the case surface temperature on the center/top side of the DRAM. For the measurement conditions, please refer to JEDEC JESD51.2.
2. At 0 - 85
ºC, operation temperature range, all DRAM specification will be supported.
INPUT DC LOGIC LEVEL
All voltages referenced to VSS
Parameter
Symbol
Min
Max
Units
Input High (Logic 1) Voltage
VIH(DC)
VREF + 0.125
VREF + 0.300
V
Input Low (Logic 0) Voltage
VIL(DC)
-0.300
VREF - 0.125
V
INPUT AC LOGIC LEVEL
All voltages referenced to VSS
Parameter
Symbol
Min
Max
Units
AC Input High (Logic 1) Voltage
VIH(AC)
VREF+ 0.250
V
AC Input Low (Logic 0) Voltage DDR2-400 & DDR2-533
VIL(AC)
VREF - 0.250
V
AC Input Low (Logic 0) Voltage DDR2-667, DDR2-800 (TBD)
VIL(AC)
VREF - 0.200
V
CAPACITANCE
TA = 25°C, f = 1MHz, VCC = VCCQ = 1.8V
Parameter
Symbol
Min
Max
Units
Input Capacitance: (A0 ~ A13 , BA0 ~ BA1, RAS#, CAS#, WE#)
CIN1
20
36
pF
Input Capacitance: (CKE0, CKE1), (ODT0, ODT1)
CIN2
12
20
pF
Input Capacitance: (CS0#, CS1#)
CIN3
12
20
pF
Input Capacitance: (CK0, CK0# ~ CK2, CK2#)
CIN4
10
16
pF
Input Capacitance: (DM0 ~ DM7)
CIN6 (E6)
911
pF
CIN6 (D5)
912
pF
Input Capacitance: (DQ0 ~ DQ63)
COUT1 (E6)
911
pF
COUT1 (D5)
912
pF


Similar Part No. - WV3HG264M64EEU403D6MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG264M64EEU403D4MG WEDC-WV3HG264M64EEU403D4MG Datasheet
197Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
WV3HG264M64EEU403D4SG WEDC-WV3HG264M64EEU403D4SG Datasheet
197Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
More results

Similar Description - WV3HG264M64EEU403D6MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG264M64EEU-D4 WEDC-WV3HG264M64EEU-D4 Datasheet
197Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
W3DG64126V-D2 WEDC-W3DG64126V-D2 Datasheet
239Kb / 9P
   1GB - 2x64Mx64, SDRAM UNBUFFERED
WV3DG64127V-D2 WEDC-WV3DG64127V-D2 Datasheet
244Kb / 8P
   1GB - 2x64Mx64, SDRAM UNBUFFERED
WV3EG264M64EFSU-D4 WEDC-WV3EG264M64EFSU-D4 Datasheet
149Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
W3EG64128S-D3 WEDC-W3EG64128S-D3 Datasheet
233Kb / 12P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
W3EG264M64EFSU-D4 WEDC-W3EG264M64EFSU-D4 Datasheet
190Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM, UNBUFFERED, FBGA
W3DG64128V-D1 WEDC-W3DG64128V-D1 Datasheet
130Kb / 7P
   1GB - 2x64Mx64 SDRAM, UNBUFFERED w/PLL
WV3HG264M72EEU-D6 WEDC-WV3HG264M72EEU-D6 Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
logo
Elpida Memory
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com