Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WV3HG264M72EER534D7MG Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WV3HG264M72EER534D7MG
Description  1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG264M72EER534D7MG Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WV3HG264M72EER534D7MG Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG264M72EER534D7MG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG264M72EER534D7MG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG264M72EER534D7MG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG264M72EER534D7MG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG264M72EER534D7MG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG264M72EER534D7MG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG264M72EER534D7MG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG264M72EER534D7MG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
WV3HG264M72EER-D7
August 2006
Rev. 3
ADVANCED
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
FUNCTIONAL BLOCK DIAGRAM
CS#
DM/
RDQS
RCS1#
RCS0#
DQS0
DQS0#
DM0
DQS1
DQS1#
DM1
DQS2
DQS2#
DM2
DQS3
DQS3#
DM3
DQS7
DQS7#
DM7
DQS6
DQS6#
DM6
DQS5
DQS5#
DM5
DQS4
DQS4#
DM4
DQS8
DQS8#
DM8
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
CB0
CB1
CB2
CB3
CB4
CB5
CB6
CB7
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
1:2
R
E
G
I
S
T
E
R
P
L
L
CS0#
CS1#
BA0-BA1
A0-A13
RAS#
CAS#
WE#
CKE0
CKE1
ODT0
ODT1
RESET#**
CK#**
CK**
RST#
** RESET#, CK AND CK# connects to both Registers. Other signals connct to one of two Registers.
RCS0# -> CS# : DDR2 SDRAMs
RCS1 -> CS# : DDR2 SDRAMs
RBA0 - RBA1 -> BA0-BA1 : DDR2 SDRAMs
RA0-RA13 -> A0-A13 : DDR2 SDRAMs
RRAS# -> RAS# DDR2 SDRAMs
RCAS# -> CAS# DDR2 SDRAMs
RWE# -> WE# : DDR2 SDRAMs
RCKE0 -> CKE : DDR2 SDRAMs
RCKE1 -> CKE : DDR2 SDRAMs
RODT0 -> ODT : DDR2 SDRAMs
RODT1 -> ODT : DDR2 SDRAMs
CK0
CK0#
RESET#
OE
Serial PD
PCK0-PCK6, PCK8, PCK9 -> CK : DDR2 SDRAMs
PCK0# -> PCK6#, PCK8#, PCK9# -> CK# : DDR2 SDRAMs
PCK7 -> CK : Register
PCK7 -> CK# : Register
SA0 SA1 SA2
A0
WP
A1
A2
SDA
SCL
VCCSPD
VCC/VCCQ
VREF
VSS
Serial PD
DDR2 SDRAMs
DDR2 SDRAMs
DDR2 SDRAMs
NOTE: All resistor values are 22 ohms ±5% unless otherwise specified.


Similar Part No. - WV3HG264M72EER534D7MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG264M72EER534PD4IMG WEDC-WV3HG264M72EER534PD4IMG Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG264M72EER534PD4IMG WEDC-WV3HG264M72EER534PD4IMG Datasheet
213Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG264M72EER534PD4ISG WEDC-WV3HG264M72EER534PD4ISG Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG264M72EER534PD4ISG WEDC-WV3HG264M72EER534PD4ISG Datasheet
213Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG264M72EER534PD4MG WEDC-WV3HG264M72EER534PD4MG Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
More results

Similar Description - WV3HG264M72EER534D7MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3HG264M72EER-AD7 WEDC-W3HG264M72EER-AD7 Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
WV3HG264M72EER-PD4 WEDC-WV3HG264M72EER-PD4 Datasheet
213Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG264M72EEU-D7 WEDC-WV3HG264M72EEU-D7 Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
WV3HG128M72EER-D7 WEDC-WV3HG128M72EER-D7 Datasheet
185Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG264M72EEU-PD4 WEDC-WV3HG264M72EEU-PD4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UDIMM, SO-DIMM w/PLL
W3EG72129S-JD3 WEDC-W3EG72129S-JD3 Datasheet
171Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED w/PLL
WV3EG264M72ESFR-D4 WEDC-WV3EG264M72ESFR-D4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED, w/PLL
logo
List of Unclassifed Man...
SEH01G72A1BH1MT-30[W]R ETC2-SEH01G72A1BH1MT-30[W]R Datasheet
1Mb / 14P
   1GB DDR2 ??SDRAM Registered Mini-DIMM
logo
White Electronic Design...
W3EG72125S-D3 WEDC-W3EG72125S-D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
WV3HG128M72AER-D6 WEDC-WV3HG128M72AER-D6 Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com