Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSF512K16-120H2CA Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WSF512K16-120H2CA
Description  512KX16 SRAM/FLASH MODULE, SMD 5962-96901
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WSF512K16-120H2CA Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button WSF512K16-120H2CA Datasheet HTML 2Page - White Electronic Designs Corporation WSF512K16-120H2CA Datasheet HTML 3Page - White Electronic Designs Corporation WSF512K16-120H2CA Datasheet HTML 4Page - White Electronic Designs Corporation WSF512K16-120H2CA Datasheet HTML 5Page - White Electronic Designs Corporation WSF512K16-120H2CA Datasheet HTML 6Page - White Electronic Designs Corporation WSF512K16-120H2CA Datasheet HTML 7Page - White Electronic Designs Corporation WSF512K16-120H2CA Datasheet HTML 8Page - White Electronic Designs Corporation WSF512K16-120H2CA Datasheet HTML 9Page - White Electronic Designs Corporation WSF512K16-120H2CA Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WSF512K16-XXX
May 2006
Rev. 6
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
FLASH AC CHARACTERISTICS – WRITE/ERASE/PROGRAM OPERATIONS, FWE# CONTROLLED
VCC = 5.0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
-90
-120
Unit
Min
Max
Min
Max
Write Cycle Time
tAVAV
tWC
90
120
ns
Chip Select Setup Time
tELWL
tCS
00
ns
Write Enable Pulse Width
tWLWH
tWP
45
50
ns
Address Setup Time
tAVWL
tAS
00
ns
Data Setup Time
tDVWH
tDS
45
50
ns
Data Hold Time
tWHDX
tDH
00
ns
Address Hold Time
tWLAX
tAH
45
50
ns
Write Enable Pulse Width High
tWHWL
tWPH
20
20
ns
Duration of Byte Programming Operation (1)
tWHWH1
300
300
µs
Sector Erase Time (2)
tWHWH2
15
15
sec
Read Recovery Time Before Write
tGHWL
00
µs
VCC Set-up Time
tVCS
50
50
µs
Chip Programming Time
11
11
sec
Chip Select Hold Time
tOEH
10
10
ns
Chip Erase Time (3)
64
64
sec
NOTES:
1. Typical value for tWHWH1 is 7ns.
2. Typical value for tWHWH2 is 1sec.
3. Typical value for Chip Erase Time is 8sec.
FLASH AC CHARACTERISTICS – READ ONLY OPERATIONS
VCC = 5.0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
-90
-120
Unit
Min
Max
Min
Max
Read Cycle Time
tAVAV
tRC
90
120
ns
Address Access Time
tAVQV
tACC
90
120
ns
Chip Select Access Time
tELQV
tCE
90
120
ns
OE# to Output Valid
tGLQV
tOE
35
50
ns
Chip Select to Output High Z (1)
tEHQZ
tDF
20
30
ns
OE# High to Output High Z (1)
tGHQZ
tDF
20
30
ns
Output Hold from Address, CS# or OE# Change, whichever is first
tAXQX
tOH
00
ns
1. Guaranteed by design, not tested.


Similar Part No. - WSF512K16-120H2CA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSF512K32-29G2TC WEDC-WSF512K32-29G2TC Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
WSF512K32-29G2TCA WEDC-WSF512K32-29G2TCA Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
WSF512K32-29G2TI WEDC-WSF512K32-29G2TI Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
WSF512K32-29G2TIA WEDC-WSF512K32-29G2TIA Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
WSF512K32-29G2TM WEDC-WSF512K32-29G2TM Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
More results

Similar Description - WSF512K16-120H2CA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSF2816-39XX WEDC-WSF2816-39XX Datasheet
607Kb / 15P
   128KX16 SRAM/512KX16 FLASH MODULE
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
logo
List of Unclassifed Man...
WSF128K16 ETC-WSF128K16 Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WS512K16-XXX WEDC-WS512K16-XXX Datasheet
321Kb / 6P
   512Kx16 SRAM MODULE
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com