Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WV3HG128M72AER534AD6IEG Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WV3HG128M72AER534AD6IEG
Description  1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG128M72AER534AD6IEG Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WV3HG128M72AER534AD6IEG Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG128M72AER534AD6IEG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG128M72AER534AD6IEG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG128M72AER534AD6IEG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG128M72AER534AD6IEG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG128M72AER534AD6IEG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG128M72AER534AD6IEG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG128M72AER534AD6IEG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG128M72AER534AD6IEG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
WV3HG128M72AER-AD6
ADVANCED
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
March 2005
Rev. 1
FUNCTIONAL BLOCK DIAGRAM
A0
Serial PD
A1
A2
SA0 SA1 SA2
SCL
SDA
VCCSPD
VCC/VCCQ
VREF
VSS
Serial PD
DDR2 SDRAMs
DDR2 SDRAMs
DDR2 SDRAMs
WP
1:2
R
E
G
I
S
T
E
R
RST#
S0#
BA0 - BA1
A0 - A13
RAS#
CAS#
WE#
CKE0
ODT0
RESET#
PCK7
PCK7#
P
L
L
OE
CK0
CK0#
RESET#
PCK0-PCK6, PCK8, PCK9
CK : DDR2 SDRAMs
PCK0#-PCK6#, PCK8#, PCK9#
CK# : DDR2 SDRAMs
PCK7
CK : Register
PCK7#
CK# : Register
RS0# : DDR2 SDRAMs
RBA0 - RBA1 : DDR2 SDRAMs
RA0 - RA13 : DDR2 SDRAMs
RRAS# : DDR2 SDRAMs
RCAS# : DDR2 SDRAMs
RWE# : DDR2 SDRAMs
RCKE0 : DDR2 SDRAMs
RODT0 : DDR2 SDRAMs
VSS
RS0#
DQ0
DQ1
DQ2
DQ3
I/O 0
I/O 1
I/O 2
I/O 3
DM
CS# DQS DQS#
DQS0
DQS0#
DQS1
DQS1#
DQ8
DQ9
DQ10
DQ11
I/O 0
I/O 1
I/O 2
I/O 3
DM
CS# DQS DQS#
DQS2
DQS2#
DQ16
DQ17
DQ18
DQ19
I/O 0
I/O 1
I/O 2
I/O 3
DM
CS# DQS DQS#
DQS3
DQS3#
DQ24
DQ25
DQ26
DQ27
I/O 0
I/O 1
I/O 2
I/O 3
DM
CS# DQS DQS#
DQS4
DQS4#
DQ32
DQ33
DQ34
DQ35
I/O 0
I/O 1
I/O 2
I/O 3
DM
CS# DQS DQS#
DQS5
DQS5#
DQ40
DQ41
DQ42
DQ43
I/O 0
I/O 1
I/O 2
I/O 3
DM
CS# DQS DQS#
DQS6
DQS6#
DQ48
DQ49
DQ50
DQ51
I/O 0
I/O 1
I/O 2
I/O 3
DM
CS# DQS DQS#
DQS7
DQS7#
DQ56
DQ57
DQ58
DQ59
I/O 0
I/O 1
I/O 2
I/O 3
DM
CS# DQS DQS#
DQS8
DQS8#
CB0
CB1
CB2
CB3
I/O 0
I/O 1
I/O 2
I/O 3
DM
CS# DQS DQS#
DQ4
DQ5
DQ6
DQ7
I/O 0
I/O 1
I/O 2
I/O 3
DM
CS# DQS DQS#
DM0/DQS9
NC/DQS9#
DM1/DQS10
NC/DQS10#
DQ12
DQ13
DQ14
DQ15
I/O 0
I/O 1
I/O 2
I/O 3
DM
CS# DQS DQS#
DM2/DQS11
NC/DQS11#
DQ20
DQ21
DQ22
DQ23
I/O 0
I/O 1
I/O 2
I/O 3
DM
CS# DQS DQS#
DM3/DQS12
NC/DQS12#
DQ28
DQ29
DQ30
DQ31
I/O 0
I/O 1
I/O 2
I/O 3
DM
CS# DQS DQS#
DM4/DQS13
NC/DQS13#
DQ36
DQ37
DQ38
DQ39
I/O 0
I/O 1
I/O 2
I/O 3
DM
CS# DQS DQS#
DM5/DQS14
NC/DQS14#
DQ44
DQ45
DQ46
DQ47
I/O 0
I/O 1
I/O 2
I/O 3
DM
CS# DQS DQS#
DM6/DQS15
NC/DQS15#
DQ52
DQ53
DQ54
DQ55
I/O 0
I/O 1
I/O 2
I/O 3
DM
CS# DQS DQS#
DM7/DQS16
NC/DQS16#
DQ60
DQ61
DQ62
DQ63
I/O 0
I/O 1
I/O 2
I/O 3
DM
CS# DQS DQS#
DM8/DQS17
NC/DQS17#
CB4
CB5
CB6
CB7
I/O 0
I/O 1
I/O 2
I/O 3
DM
CS# DQS DQS#
NOTE: All resistor values are 22 ohms unless otherwise specified.


Similar Part No. - WV3HG128M72AER534AD6IEG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG128M72AER534D6MG WEDC-WV3HG128M72AER534D6MG Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG128M72AER534D6SG WEDC-WV3HG128M72AER534D6SG Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
More results

Similar Description - WV3HG128M72AER534AD6IEG

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9HVF12872KY MICRON-MT9HVF12872KY Datasheet
239Kb / 17P
   DDR2 SDRAM VLP Mini-RDIMM
logo
White Electronic Design...
WV3HG128M72AER-D6 WEDC-WV3HG128M72AER-D6 Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
logo
Micron Technology
MT18HVF12872Y MICRON-MT18HVF12872Y Datasheet
291Kb / 15P
   DDR2 VLP Registered DIMM (RDIMM)
MT18HVF6472Y MICRON-MT18HVF6472Y Datasheet
291Kb / 15P
   DDR2 VLP Registered DIMM (RDIMM)
logo
White Electronic Design...
WV3HG128M72EER-D7 WEDC-WV3HG128M72EER-D7 Datasheet
185Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG128M72EEU-PD4 WEDC-WV3HG128M72EEU-PD4 Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
logo
Hynix Semiconductor
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
   1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU128M8GE NANYA-NT5TU128M8GE Datasheet
2Mb / 92P
   1Gb DDR2 SDRAM
REV 2.0 02/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com