Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WV3HG128M72AER403AD6EG Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WV3HG128M72AER403AD6EG
Description  1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG128M72AER403AD6EG Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WV3HG128M72AER403AD6EG Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG128M72AER403AD6EG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG128M72AER403AD6EG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG128M72AER403AD6EG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG128M72AER403AD6EG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG128M72AER403AD6EG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG128M72AER403AD6EG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG128M72AER403AD6EG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG128M72AER403AD6EG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
WV3HG128M72AER-AD6
ADVANCED
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
March 2005
Rev. 1
DC OPERATING CONDITIONS
All voltages referenced to VSS
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Supply Voltage
VCC
1.7
1.8
1.9
V
3
I/O Reference Voltage
VREF
0.49 x VCC
0.50 x VCC
0.51 x VCC
V1
I/O Termination Voltage
VTT
VREF-0.04
VREF
VREF+0.04
V
2
SPD Supply Voltage
VCCSPD
1.7
-
3.6
V
Notes:
1
VREF is expected to equal VCC/2 of the transmitting device and to track variations in the DC level of the same. Peak-to-peak noise on VREF may not exceed +/-1 percent of the
DC value. Peak-to-peak AC noise on VREF may not exceed +/-2 percent of VREF. This measurement is to be taken at the nearest VREF bypass capacitor.
2. VTT is not applied directly to the device. VTT is a system supply for signal termination resistors, is expected to be set equal to VREF and must track variations in the DC level of VREF.
3. VCCQ of all IC's are tied to VCC.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min
Max
Units
VCC
Voltage on VCC pin relative to VSS
-0.5
2.3
V
VIN, VOUT
Voltage on any pin relative to VSS
-0.5
2.3
V
TSTG
Storage Temperature
-55
100
°C
IL
Input leakage current; Any input 0V<VIN<VCC; VREF input
0V,VIN,0.95V; Other pins not under test = 0V
Command/Address,
RAS#, CAS#, WE#,
-5
5
µA
CK, CK#
-10
10
µA
DM
-2
2
µA
IOZ
Output leakage current; 0V<VIN<VCC; DQs and ODT are disable
DQ, DQS, DQS#
-5
5
µA
IVREF
VREF leakage current; VREF = Valid VREF level
-36
36
µA
PD
Power dissipaion
18
W
CAPACITANCE
TA = 25°C, f = 100MHz, VCC = VCCQ = 1.8V
Parameter
Symbol
Max
Units
Input Capacitance: CK, CK#
CCK
11
pF
Input Capacitance: CKE, CS#
CI1
12
pF
Input Capacitance: Addr. RAS#, CAS#, WE#
CI2
12
pF
Input/Output Capacitance: DQ, DQS, DM, DQS#
CIO
10
pF
Note: Based on SAMSUNG components


Similar Part No. - WV3HG128M72AER403AD6EG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG128M72AER403D6MG WEDC-WV3HG128M72AER403D6MG Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG128M72AER403D6SG WEDC-WV3HG128M72AER403D6SG Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
More results

Similar Description - WV3HG128M72AER403AD6EG

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9HVF12872KY MICRON-MT9HVF12872KY Datasheet
239Kb / 17P
   DDR2 SDRAM VLP Mini-RDIMM
logo
White Electronic Design...
WV3HG128M72AER-D6 WEDC-WV3HG128M72AER-D6 Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
logo
Micron Technology
MT18HVF12872Y MICRON-MT18HVF12872Y Datasheet
291Kb / 15P
   DDR2 VLP Registered DIMM (RDIMM)
MT18HVF6472Y MICRON-MT18HVF6472Y Datasheet
291Kb / 15P
   DDR2 VLP Registered DIMM (RDIMM)
logo
White Electronic Design...
WV3HG128M72EER-D7 WEDC-WV3HG128M72EER-D7 Datasheet
185Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG128M72EEU-PD4 WEDC-WV3HG128M72EEU-PD4 Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
logo
Hynix Semiconductor
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
   1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU128M8GE NANYA-NT5TU128M8GE Datasheet
2Mb / 92P
   1Gb DDR2 SDRAM
REV 2.0 02/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com