Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5941B Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N5941B
Description  Axial-Leaded 1.5 Watt Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5941B Datasheet(HTML) 1 Page - Microsemi Corporation

  1N5941B Datasheet HTML 1Page - Microsemi Corporation 1N5941B Datasheet HTML 2Page - Microsemi Corporation 1N5941B Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Axial-Leaded 1.5 Watt Zener Diodes
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2003
10-13-2003 REV B
SCOTTSD A L E DIVISION
1N5913BP thru 1N5956BP (Plastic)
DESCRIPTION
APPEARANCE
The 1N5913-5956B series of 1.5 watt Zeners provides voltage regulation in a
selection from 3.3 to 200 volts with different tolerances as identified by suffix
letter on the part.
These plastic encapsulated Zeners have moisture
classification of Level 1 with no dry pack required. They are also available in
various military screening levels by adding a prefix identifier as described in
the Features below. The plastic molded Zeners with a P suffix provide a
lower thermal resistance (junction to lead) compared to the optional glass
body (G suffix) for these same JEDEC part numbers. Both package options
are available by Microsemi. Microsemi also offers numerous other Zener
products to meet higher or lower power and test-current applications.
DO-41 or
DO-204AL
(Plastic)
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
JEDEC registered 1N5913 to 1N5956B
Zener voltage available 3.3V to 200V
Standard voltage tolerances are plus/minus 5% with
B suffix and 10 % with A suffix identification
Tight tolerances available in plus or minus 2% or 1%
with C or D suffix respectively
Options for screening in accordance with MIL-PRF-
19500 for JAN, JANTX, JANTXV, and JANS are
available by adding MQ, MX, MV, or MSP prefixes
respectively to part numbers.
Surface mount equivalents available as SMBJ5913 to
SMBJ5956B or SMBG5913 to SMBG5956B
Optional glass body axial-leaded Zeners available as
1N5913BG to 1N5956BG (see separate data sheet)
Regulates voltage over a broad operating current
and temperature range
Wide selection from 3.3 to 200 V
Flexible axial-lead mounting terminals
Nonsensitive to ESD
Moisture classification is Level 1 per IPC/JEDEC
J-STD-020B with no dry pack required
Specified capacitance (see Figure 3)
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
Power dissipation at 25
ºC: 1.5 watts (also see
derating in Figure 1).
Operating and Storage temperature: -65
ºC to +150ºC
Thermal Resistance: 45
ºC/W junction to lead at 3/8
(10 mm) lead length from body, or 105
ºC/W junction
to ambient when mounted on FR4 PC board (1 oz
Cu) with 4 mm
2 copper pads and track width 1 mm,
length 25 mm
Steady-State Power: 1.5 watts at TL < 82.5
oC 3/8
inch (10 mm) from body, or 1.19 watts at TA = 25
ºC
when mounted on FR4 PC board as described for
thermal resistance (also see Figure 1)
Forward voltage @200 mA: 1.2 volts (maximum)
Solder Temperatures: 260
ºC for 10 s (max)
CASE: Void-free transfer molded thermosetting
epoxy body meeting UL94V-0
TERMINALS: Leads, tin-lead plated solderable per
MIL-STD-750, method 2026
POLARITY: Cathode indicated by band. Diode to
be operated with the banded end positive with
respect to the opposite end for Zener regulation
MARKING: Part number
TAPE & REEL optional: Standard per EIA-296
(add “TR” suffix to part number)
WEIGHT: 0.7 grams
See package dimensions on last page


Similar Part No. - 1N5941B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5941B PANJIT-1N5941B Datasheet
81Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
logo
EIC discrete Semiconduc...
1N5941B EIC-1N5941B Datasheet
105Kb / 4P
   SILICON ZENER DIODES
logo
Transys Electronics
1N5941B TRSYS-1N5941B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
1N5941B PANJIT-1N5941B Datasheet
56Kb / 4P
   SILICON ZENER DIODES
logo
Jinan Gude Electronic D...
1N5941B JGD-1N5941B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
More results

Similar Description - 1N5941B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5913BG MICROSEMI-1N5913BG Datasheet
227Kb / 3P
   Axial-Leaded 1.5 Watt Zener Diodes
logo
Inchange Semiconductor ...
1N5915B ISC-1N5915B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
logo
American Microsemicondu...
1N5936B AMMSEMI-1N5936B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
1N5944B AMMSEMI-1N5944B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
1N5950B AMMSEMI-1N5950B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
logo
Inchange Semiconductor ...
1N5917B ISC-1N5917B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
1N5919B ISC-1N5919B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
logo
American Microsemicondu...
1N5922B AMMSEMI-1N5922B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
1N5932B AMMSEMI-1N5932B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
1N5933B AMMSEMI-1N5933B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com