Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS128K32N-120G2UMA Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # WS128K32N-120G2UMA
Description  128Kx32 SRAM MODULE, SMD 5962-93187
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WS128K32N-120G2UMA Datasheet(HTML) 7 Page - White Electronic Designs Corporation

  WS128K32N-120G2UMA Datasheet HTML 1Page - White Electronic Designs Corporation WS128K32N-120G2UMA Datasheet HTML 2Page - White Electronic Designs Corporation WS128K32N-120G2UMA Datasheet HTML 3Page - White Electronic Designs Corporation WS128K32N-120G2UMA Datasheet HTML 4Page - White Electronic Designs Corporation WS128K32N-120G2UMA Datasheet HTML 5Page - White Electronic Designs Corporation WS128K32N-120G2UMA Datasheet HTML 6Page - White Electronic Designs Corporation WS128K32N-120G2UMA Datasheet HTML 7Page - White Electronic Designs Corporation WS128K32N-120G2UMA Datasheet HTML 8Page - White Electronic Designs Corporation WS128K32N-120G2UMA Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WS128K32-XXX
June 2004
Rev. 4
PACKAGE 510: 68 LEAD, CERAMIC QUAD FLAT PACK, CQFP (G2U)
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES
The White 68 lead G2U
CQFP fills the same fit and
function as the JEDEC 68
lead CQFJ or 68 PLCC.
But the G2U has the TCE
and lead inspection advan-
tage of the CQFP form.


Similar Part No. - WS128K32N-120G2UMA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS128K32N-35G2TCE WEDC-WS128K32N-35G2TCE Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
WS128K32N-35G2TCEA WEDC-WS128K32N-35G2TCEA Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
WS128K32N-35G2TIE WEDC-WS128K32N-35G2TIE Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
WS128K32N-35G2TIEA WEDC-WS128K32N-35G2TIEA Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
WS128K32N-35G2TME WEDC-WS128K32N-35G2TME Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
More results

Similar Description - WS128K32N-120G2UMA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WE128K32-XXX WEDC-WE128K32-XXX Datasheet
620Kb / 14P
   128Kx32 EEPROM MODULE, SMD 5962-94585
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WSF128K32-XH2X WEDC-WSF128K32-XH2X Datasheet
441Kb / 12P
   128KX32 SRAM/FLASH MODULE
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
logo
List of Unclassifed Man...
WS512K32-15G1 ETC-WS512K32-15G1 Datasheet
614Kb / 11P
   512K X 32 SRAM MODULE SMD 5962-94611
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com