Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M470L1714BT0-CLB0 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # M470L1714BT0-CLB0
Description  128MB DDR SDRAM MODULE(16Mx64 based on 8Mx16 DDR SDRAM)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M470L1714BT0-CLB0 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button M470L1714BT0-CLB0 Datasheet HTML 4Page - Samsung semiconductor M470L1714BT0-CLB0 Datasheet HTML 5Page - Samsung semiconductor M470L1714BT0-CLB0 Datasheet HTML 6Page - Samsung semiconductor M470L1714BT0-CLB0 Datasheet HTML 7Page - Samsung semiconductor M470L1714BT0-CLB0 Datasheet HTML 8Page - Samsung semiconductor M470L1714BT0-CLB0 Datasheet HTML 9Page - Samsung semiconductor M470L1714BT0-CLB0 Datasheet HTML 10Page - Samsung semiconductor M470L1714BT0-CLB0 Datasheet HTML 11Page - Samsung semiconductor M470L1714BT0-CLB0 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
200pin DDR SDRAM SODIMM
M470L1714BT0
Rev. 0.1 June. 2001
I
DD7A : Operating current: Four bank operation
1. Typical Case : Vdd = 2.5V, T=25’C
2. Worst Case : Vdd = 2.7V, T= 10’C
3. Four banks are being interleaved with tRC(min), Burst Mode, Address and Control inputs on NOP edge are not
changing. lout = 0mA
4. Timing patterns
- DDR200(100Mhz, CL=2) : tCK = 10ns, CL2, BL=4, tRRD = 2*tCK, tRCD= 3*tCK, Read with autoprecharge
Read : A0 N A1 R0 A2 R1 A3 R2 A0 R3 A1 R0 - repeat the same timing with random address changing
*100% of data changing at every burst
- DDR266B(133Mhz, CL=2.5) : tCK = 7.5ns, CL=2.5, BL=4, tRRD = 2*tCK, tRCD = 3*tCK
Read with autoprecharge
Read : A0 N A1 R0 A2 R1 A3 R2 N R3 A0 N A1 R0 - repeat the same timing with random address changing
*100% of data changing at every burst
- DDR266A (133Mhz, CL=2) : tCK = 7.5ns, CL2=2, BL=4, tRRD = 2*tCK, tRCD = 3*tCK
Read : A0 N A1 R0 A2 R1 A3 R2 N R3 A0 N A1 R0 - repeat the same timing with random address changing
*100% of data changing at every burst
Legend : A=Activate, R=Read, W=Write, P=Precharge, N=NOP
AC Operating Conditions
Parameter/Condition
Symbol
Min
Max
Unit
Note
Input High (Logic 1) Voltage, DQ, DQS and DM signals
VIH(AC)
VREF + 0.31
V
3
Input Low (Logic 0) Voltage, DQ, DQS and DM signals.
VIL(AC)
VREF - 0.31
V
3
Input Differential Voltage, CK and CK inputs
VID(AC)
0.7
VDDQ+0.6
V
1
Input Crossing Point Voltage, CK and CK inputs
VIX(AC)
0.5*VDDQ-0.2
0.5*VDDQ+0.2
V
2
Note 1. VID is the magnitude of the difference between the input level on CK and the input on CK.
2. The value of VIX is expected to equal 0.5*VDDQ of the transmitting device and must track variations in the DC level of the same.
3. These parameters should be tested at the pim on actual components and may be checked at either the pin or the pad in simula-
tion. the AC and DC input specificatims are refation to a Vref envelope that has been bandwidth limited 20MHz.


Similar Part No. - M470L1714BT0-CLB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L1624FT0 SAMSUNG-M470L1624FT0 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
M470L1624FT0-CA2 SAMSUNG-M470L1624FT0-CA2 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
M470L1624FT0-CB0 SAMSUNG-M470L1624FT0-CB0 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
M470L1624FT0-CB3 SAMSUNG-M470L1624FT0-CB3 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
M470L1624FU0-CA2 SAMSUNG-M470L1624FU0-CA2 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
More results

Similar Description - M470L1714BT0-CLB0

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6418S-D3 WEDC-W3EG6418S-D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
logo
Samsung semiconductor
M368L3313DTL SAMSUNG-M368L3313DTL Datasheet
87Kb / 12P
   256MB DDR SDRAM MODULE (32Mx64(16Mx64*2 bank) based on 16Mx8 DDR SDRAM)
M368L1713CTL SAMSUNG-M368L1713CTL Datasheet
83Kb / 12P
   128MB DDR SDRAM MODULE (16Mx64 based on 16Mx8 DDR SDRAM) Unbuffered 184pin DIMM 64-bit Non-ECC/Parity
logo
White Electronic Design...
W3E16M64S-XBX WEDC-W3E16M64S-XBX Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
WED3EG6418S-D4 WEDC-WED3EG6418S-D4 Datasheet
81Kb / 7P
   128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
logo
Samsung semiconductor
M368L1624DTL SAMSUNG-M368L1624DTL Datasheet
81Kb / 12P
   16Mx64 DDR SDRAM 184pin DIMM based on 16Mx16
logo
Hynix Semiconductor
HY5DU28422ETP HYNIX-HY5DU28422ETP Datasheet
831Kb / 35P
   128Mb DDR SDRAM
HY5DU28422ET HYNIX-HY5DU28422ET Datasheet
829Kb / 35P
   128Mb DDR SDRAM
logo
Samsung semiconductor
K4H280438B-TCA0 SAMSUNG-K4H280438B-TCA0 Datasheet
669Kb / 53P
   128Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com