Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M470L1714BT0 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # M470L1714BT0
Description  128MB DDR SDRAM MODULE(16Mx64 based on 8Mx16 DDR SDRAM)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M470L1714BT0 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button M470L1714BT0 Datasheet HTML 2Page - Samsung semiconductor M470L1714BT0 Datasheet HTML 3Page - Samsung semiconductor M470L1714BT0 Datasheet HTML 4Page - Samsung semiconductor M470L1714BT0 Datasheet HTML 5Page - Samsung semiconductor M470L1714BT0 Datasheet HTML 6Page - Samsung semiconductor M470L1714BT0 Datasheet HTML 7Page - Samsung semiconductor M470L1714BT0 Datasheet HTML 8Page - Samsung semiconductor M470L1714BT0 Datasheet HTML 9Page - Samsung semiconductor M470L1714BT0 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
200pin DDR SDRAM SODIMM
M470L1714BT0
Rev. 0.1 June. 2001
Recommended operating conditions Unless Otherwise Noted, TA=0 to 70
°C)
Typical case: VDD = 2.5V, T = 25’C
Worst case : VDD = 2.7V, T = 10’C
Conditions
Symbol
Typical
Worst
Operating current - One bank Active-Precharge;
tRC=tRCmin;tCK=100Mhz for DDR200, 133Mhz for DDR266A & DDR266B;
DQ,DM and DQS inputs changing twice per clock cycle;
address and control inputs changing once per clock cycle
IDD0
-
-
Operating current - One bank operation ; One bank open, BL=4, Reads
- Refer to the following page for detailed test condition
IDD1
-
-
Percharge power-down standby current; All banks idle; power - down mode;
CKE = <VIL(max); tCK=100Mhz for DDR200, 133Mhz for DDR266A & DDR266B;
Vin = Vref for DQ,DQS and DM
IDD2P
-
-
Precharge Floating standby current; CS# > =VIH(min);All banks idle;
CKE > = VIH(min); tCK=100Mhz for DDR200, 133Mhz for DDR266A & DDR266B;
Address and other control inputs changing once per clock cycle;
Vin = Vref for DQ,DQS and DM
IDD2F
-
-
Precharge Quiet standby current; CS# > = VIH(min); All banks idle;
CKE > = VIH(min); tCK = 100Mhz for DDR200, 133Mhz for DDR266A & DDR266B;
Address and other control inputs stable with keeping >= VIH(min) or =<VIL(max);
Vin = Vref for DQ ,DQS and DM
IDD2Q
-
-
Active power - down standby current ; one bank active; power-down mode;
CKE=< VIL (max); tCK = 100Mhz for DDR200, 133Mhz for DDR266A & DDR266B;
Vin = Vref for DQ,DQS and DM
IDD3P
-
-
Active standby current; CS# >= VIH(min); CKE>=VIH(min);
one bank active; active - precharge; tRC=tRASmax; tCK = 100Mhz for DDR200,
133Mhz for DDR266A & DDR266B; DQ, DQS and DM inputs changing twice
per clock cycle; address and other control inputs changing once
per clock cycle
IDD3N
-
-
Operating current - burst read; Burst length = 2; reads; continguous burst;
One bank active; address and control inputs changing once per clock cycle;
CL=2 at tCK = 100Mhz for DDR200, CL=2 at tCK = 133Mhz for DDR266A, CL=2.5 at tCK =
133Mhz for DDR266B ; 50% of data changing at every burst; lout = 0 m A
IDD4R
-
-
Operating current - burst write; Burst length = 2; writes; continuous burst;
One bank active address and control inputs changing once per clock cycle;
CL=2 at tCK = 100Mhz for DDR200, CL=2 at tCK = 133Mhz for DDR266A,
CL=2.5 at tCK = 133Mhz for DDR266B ; DQ, DM and DQS inputs changing twice
per clock cycle, 50% of input data changing at every burst
IDD4W
-
-
Auto refresh current; tRC = tRFC(min) - 8*tCK for DDR200 at 100Mhz,
10*tCK for DDR266A & DDR266B at 133Mhz; distributed refresh
IDD5
-
-
Self refresh current; CKE =< 0.2V; External clock should be on;
tCK = 100Mhz for DDR200, 133Mhz for DDR266A & DDR266B
IDD6
-
-
Orerating current - Four bank operation ; Four bank interleaving with BL=4
-Refer to the following page for detailed test condition
IDD7A
-
-
DDR SDRAM SPEC Items and Test Conditions


Similar Part No. - M470L1714BT0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L1624FT0 SAMSUNG-M470L1624FT0 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
M470L1624FT0-CA2 SAMSUNG-M470L1624FT0-CA2 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
M470L1624FT0-CB0 SAMSUNG-M470L1624FT0-CB0 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
M470L1624FT0-CB3 SAMSUNG-M470L1624FT0-CB3 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
M470L1624FU0-CA2 SAMSUNG-M470L1624FU0-CA2 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
More results

Similar Description - M470L1714BT0

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6418S-D3 WEDC-W3EG6418S-D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
logo
Samsung semiconductor
M368L3313DTL SAMSUNG-M368L3313DTL Datasheet
87Kb / 12P
   256MB DDR SDRAM MODULE (32Mx64(16Mx64*2 bank) based on 16Mx8 DDR SDRAM)
M368L1713CTL SAMSUNG-M368L1713CTL Datasheet
83Kb / 12P
   128MB DDR SDRAM MODULE (16Mx64 based on 16Mx8 DDR SDRAM) Unbuffered 184pin DIMM 64-bit Non-ECC/Parity
logo
White Electronic Design...
W3E16M64S-XBX WEDC-W3E16M64S-XBX Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
WED3EG6418S-D4 WEDC-WED3EG6418S-D4 Datasheet
81Kb / 7P
   128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
logo
Samsung semiconductor
M368L1624DTL SAMSUNG-M368L1624DTL Datasheet
81Kb / 12P
   16Mx64 DDR SDRAM 184pin DIMM based on 16Mx16
logo
Hynix Semiconductor
HY5DU28422ETP HYNIX-HY5DU28422ETP Datasheet
831Kb / 35P
   128Mb DDR SDRAM
HY5DU28422ET HYNIX-HY5DU28422ET Datasheet
829Kb / 35P
   128Mb DDR SDRAM
logo
Samsung semiconductor
K4H280438B-TCA0 SAMSUNG-K4H280438B-TCA0 Datasheet
669Kb / 53P
   128Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com