Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WV3EG265M72EFSU262D4IM Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WV3EG265M72EFSU262D4IM
Description  1GB - 2x64Mx72 DDR SDRAM, UNBUFFERED, PLL, FBGA
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3EG265M72EFSU262D4IM Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button WV3EG265M72EFSU262D4IM Datasheet HTML 2Page - White Electronic Designs Corporation WV3EG265M72EFSU262D4IM Datasheet HTML 3Page - White Electronic Designs Corporation WV3EG265M72EFSU262D4IM Datasheet HTML 4Page - White Electronic Designs Corporation WV3EG265M72EFSU262D4IM Datasheet HTML 5Page - White Electronic Designs Corporation WV3EG265M72EFSU262D4IM Datasheet HTML 6Page - White Electronic Designs Corporation WV3EG265M72EFSU262D4IM Datasheet HTML 7Page - White Electronic Designs Corporation WV3EG265M72EFSU262D4IM Datasheet HTML 8Page - White Electronic Designs Corporation WV3EG265M72EFSU262D4IM Datasheet HTML 9Page - White Electronic Designs Corporation WV3EG265M72EFSU262D4IM Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
WV3EG265M72EFSU-D4
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
May 2006
Rev. 0
ADVANCED
ICC SPECIFICATIONS AND CONDITIONS
VCC, VCCQ = +2.5V ±0.2V
SYM
PARAMETER/CONDITION
MAX
UNITS
DDR333
@CL=2.5
DDR266
@CL=2
DDR266
@CL=2.5
ICC0*
OPERATING CURRENT: One device bank; Active-Precharge; tRC = tRC (MIN); tCK = tCK (MIN);
DQ, DM and DQS inputs changing once per clock cycle; Address and control inputs changing
once every two clock cycles
1,270
1,180
1,180
mA
ICC1*
OPERATING CURRENT: One device bank; Active-Read-Precharge; Burst = 4; tRC = tRC (MIN);
tCK = tCK (MIN); IOUT = 0mA; Address and control inputs changing once per clock cycle
1,540
1,450
1,450
mA
ICC2P**
PRECHARGE POWER-DOWN STANDBY CURRENT: All device banks idle; Power-down
mode; tCK = tCK (MIN); CKE = (LOW)
370
370
370
mA
ICC2F**
IDLE STANDBY CURRENT: CS# = HIGH; All device banks are idle; tCK = tCK (MIN); CKE =
HIGH; Address and other control inputs changing once per clock cycle. VIN = VREF for DQ,
DQS, and DM
820
820
820
mA
ICC3P**
ACTIVE POWER-DOWN STANDBY CURRENT: One device bank active; Power-down mode;
tCK = tCK (MIN); CKE = LOW
820
820
820
mA
ICC3N**
ACTIVE STANDBY CURRENT: CS# = HIGH; CKE = HIGH; One device bank active; tRC = tRAS
(MAX); tCK = tCK (MIN); DQ, DM and DQS inputs changing twice per clock cycle; Address and
other control inputs changing once per clock cycle
1,090
1,090
1,090
mA
ICC4R*
OPERATING CURRENT: Burst = 2; Reads; Continuous burst; One device bank active;
Address and control inputs changing once per clock cycle; tCK = tCK (MIN); IOUT = 0mA
1,585
1,450
1,450
mA
ICC4W*
OPERATING CURRENT: Burst = 2; Writes; Continuous burst; One device bank active;
Address and control inputs changing once per clock cycle; tCK = tCK (MIN); DQ, DM, and DQS
inputs changing twice per clock cycle
1,675
1,495
1,495
mA
ICC5**
AUTO REFRESH BURST CURRENT:
tREFC = tRFC (MIN)
3,970
3,790
3,790
mA
ICC6**
SELF REFRESH CURRENT: CKE ≤ 0.2V
370
370
370
mA
ICC7*
OPERATING CURRENT: Four device bank interleaving READs (Burst = 4) with auto
precharge, tRC = minimum tRC allowed; tCK = tCK (MIN); Address and control inputs change only
during Active READ, or WRITE commands
3,565
3,250
3,250
mA
Note: ICC specification is based on SAMSUNG components. Other DRAM Manufacturers specification may be different.
*: Value calculated as one module rank in this operating condition, and all other module ranks in ICC2P (CKE LOW) mode.
**: Value calculated reflects all module ranks in this operating condition.


Similar Part No. - WV3EG265M72EFSU262D4IM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG265M64EFSU-D4 WEDC-WV3EG265M64EFSU-D4 Datasheet
149Kb / 10P
   1GB- 2x64Mx64 DDR SDRAM UNBUFFERED, w/PLL
More results

Similar Description - WV3EG265M72EFSU262D4IM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG264M72EFSUXXXD4 WEDC-W3EG264M72EFSUXXXD4 Datasheet
197Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM, UNBUFFERED, FBGA
W3EG264M72AFSRXXXD3 WEDC-W3EG264M72AFSRXXXD3 Datasheet
227Kb / 13P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL, FBGA
W3EG72128S-D3 WEDC-W3EG72128S-D3 Datasheet
232Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG264M64EFSU-D4 WEDC-W3EG264M64EFSU-D4 Datasheet
190Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM, UNBUFFERED, FBGA
W3EG72129S-JD3 WEDC-W3EG72129S-JD3 Datasheet
171Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED w/PLL
WV3EG264M72ESFR-D4 WEDC-WV3EG264M72ESFR-D4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED, w/PLL
WV3HG264M72EEU-D6 WEDC-WV3HG264M72EEU-D6 Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
W3EG72125S-D3 WEDC-W3EG72125S-D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
WV3EG128M72EFSR-D3 WEDC-WV3EG128M72EFSR-D3 Datasheet
321Kb / 13P
   1GB - 128Mx72 DDR SDRAM REGISTERED w/PLL, FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com