Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WV3EG265M72EFSU262D4M Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WV3EG265M72EFSU262D4M
Description  1GB - 2x64Mx72 DDR SDRAM, UNBUFFERED, PLL, FBGA
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3EG265M72EFSU262D4M Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WV3EG265M72EFSU262D4M Datasheet HTML 1Page - White Electronic Designs Corporation WV3EG265M72EFSU262D4M Datasheet HTML 2Page - White Electronic Designs Corporation WV3EG265M72EFSU262D4M Datasheet HTML 3Page - White Electronic Designs Corporation WV3EG265M72EFSU262D4M Datasheet HTML 4Page - White Electronic Designs Corporation WV3EG265M72EFSU262D4M Datasheet HTML 5Page - White Electronic Designs Corporation WV3EG265M72EFSU262D4M Datasheet HTML 6Page - White Electronic Designs Corporation WV3EG265M72EFSU262D4M Datasheet HTML 7Page - White Electronic Designs Corporation WV3EG265M72EFSU262D4M Datasheet HTML 8Page - White Electronic Designs Corporation WV3EG265M72EFSU262D4M Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
WV3EG265M72EFSU-D4
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
May 2006
Rev. 0
ADVANCED
DC ELECTRICAL CHARACTERISTICS
PARAMETER/CONDITION
SYMBOL
MIN
MAX
UNITS
Notes
Supply Voltage DRR266/DDR333 (nominal VCC 2.5V)
VCC
2.3
2.7
V
I/O Supply Voltage DRR266/DDR333 (nominal VCC 2.5V
VCCQ
2.3
2.7
V
I/O Reference Voltage
VREF
0.49 × VCC
0.51 × VCC
V1
I/O Termination Voltage
VTT
VREF - 0.04
VREF + 0.04
V
2
Input Logic High Voltage
VIH(DC)
VREF + 0.15
VCC + 0.30
V
Input Logic Low Voltage
VIL(DC)
-0.3
VREF - 0.15
V
Input voltage level, CK and CK#
VIN(DC)
-0.3
VREF + 0.30
V
Input differential voltage, CK and CK#
VID(DC)
0.3
VREF + 0.60
V
3
Input crossing point voltage, CK and CK#
VIX(DC)
0.3
VREF - 0.60
V
Input leakage current
Addr CAS#,
RAS#, WE#
II
-36
36
µA
CS#, CKE
-18
18
µA
CK, CK#
-10
10
µA
DM
-4
4
µA
Output leakage current
IOZ
-10
10
µA
Output high current (normal strength) VOUT = v +0.84V
IOH
-16.8
mA
Output high current (normal strength) VOUT = VTT - 0.84V
IOL
16.8
mA
Output high current (half strength) VOUT = VTT - 0.45V
IOH
-9
mA
Output high current (half strength) VOUT = VTT - 0.45V
IOL
9mA
Notes:
1
VREF is expected to equal to 0.5*VCCQ of the transmitting device and to track variations in the DC level of the same. Peak-to-peak noise on VREF may not exceed +/-2 percent of the
DC value.
2. VTT is not applied directly to the device. VTT is a system supply for signal termination resistors, is expected to be set equal to VREF and must track variations in the DC level of VREF.
3. VID is the magnitude of the difference between the input level on CK and the input level of CK#.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Units
VIN, VOUT
Voltage on VCC pin relative to VSS
-0.5 ~ 3.6
V
VCC, VCCQ
Voltage on VCC & VCCQ supply relative to VSS
-1.0 ~ 3.6
V
VREF
Voltage of VREF supply relative to VSS
-1.0 ~ 3.6
V
TSTG
Storage Temperature
-55 ~ +150
°C
TA
Operating temperature
0 ~ 70
°C
PD
Power dissipation
18
W
IOS
Short circuit output current
50
mA
Notes:
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceed.
Functional ioeration should be restricted to recommended operation conditions.
Exposing to higher than recommended voltage for extended periods of time could affect device reliability.


Similar Part No. - WV3EG265M72EFSU262D4M

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG265M64EFSU-D4 WEDC-WV3EG265M64EFSU-D4 Datasheet
149Kb / 10P
   1GB- 2x64Mx64 DDR SDRAM UNBUFFERED, w/PLL
More results

Similar Description - WV3EG265M72EFSU262D4M

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG264M72EFSUXXXD4 WEDC-W3EG264M72EFSUXXXD4 Datasheet
197Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM, UNBUFFERED, FBGA
W3EG264M72AFSRXXXD3 WEDC-W3EG264M72AFSRXXXD3 Datasheet
227Kb / 13P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL, FBGA
W3EG72128S-D3 WEDC-W3EG72128S-D3 Datasheet
232Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG264M64EFSU-D4 WEDC-W3EG264M64EFSU-D4 Datasheet
190Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM, UNBUFFERED, FBGA
W3EG72129S-JD3 WEDC-W3EG72129S-JD3 Datasheet
171Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED w/PLL
WV3EG264M72ESFR-D4 WEDC-WV3EG264M72ESFR-D4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED, w/PLL
WV3HG264M72EEU-D6 WEDC-WV3HG264M72EEU-D6 Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
W3EG72125S-D3 WEDC-W3EG72125S-D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
WV3EG128M72EFSR-D3 WEDC-WV3EG128M72EFSR-D3 Datasheet
321Kb / 13P
   1GB - 128Mx72 DDR SDRAM REGISTERED w/PLL, FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com