Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A977W Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PT8A977W
Description  5-Function Remote Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A977W Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PT8A977W Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A977W Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A977W Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A977W Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A977W Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A977W Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A977W Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A977W Datasheet HTML 8Page - Pericom Semiconductor Corporation PT8A977W Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Data Sheet
PT8A977P/977W/978P/978LW
5-Function Remote Controller
PT0074(10/01)
Ver:1
2
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
Block Diagram of 978P/978LW
OSCI
OSCO
Right
Turbo
Forward
Backward
Oscillator
Timing
Generator
Decoding
Circuit
Latch
Output
Circuit
Signal Sample &
Fault-Tolerant
Amp.
Amp.
Amp.
SI
VI1
VI2
VO1
VO2
Left
LD
RD
Control
Logic
Check
Pin Configuration
Block Diagram
Block Diagram of 977P/977W
OSCI
OSCO
Right
Left
Turbo
Forward
Backward
Oscillator
Input
Circuit
Timing
Generator
Encoding
Circuit
4 Minutes
Counter
Output
Circuit
PC
SO
SC
OFF
Top View
VI2
Backward
GND
Forward
Turbo
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Right
Left
OSCI
OSCO
LD
V
CC
15
16
RD
VO2
SI
VO1
VI1
PT8A978P/978LW
16-Pin DIP/16-pin SOIC
OFF
Backward
GND
Forward
Turbo
Test
SC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Right
Left
OSCI
OSCO
PC
V
CC
SO
PT8A977P/977W
14-Pin DIP/14-Pin SOIC


Similar Part No. - PT8A977W

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A977B PERICOM-PT8A977B Datasheet
156Kb / 11P
   PT8A977B/9781 5-Function Remote Controller for 1V Micro Cars
PT8A977BDE PERICOM-PT8A977BDE Datasheet
156Kb / 11P
   PT8A977B/9781 5-Function Remote Controller for 1V Micro Cars
PT8A977BP PERICOM-PT8A977BP Datasheet
156Kb / 11P
   PT8A977B/9781 5-Function Remote Controller for 1V Micro Cars
PT8A977BW PERICOM-PT8A977BW Datasheet
156Kb / 11P
   PT8A977B/9781 5-Function Remote Controller for 1V Micro Cars
More results

Similar Description - PT8A977W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT8A971AP ETC1-PT8A971AP Datasheet
65Kb / 10P
   5-Function Remote Controller
logo
Pericom Semiconductor C...
PT8A973 PERICOM-PT8A973 Datasheet
75Kb / 13P
   7-Function Remote Controller
PT8A974LP PERICOM-PT8A974LP Datasheet
70Kb / 12P
   8-Function Remote Controller
PT8A990A PERICOM-PT8A990A Datasheet
326Kb / 9P
   9-Function Remote Controller
PT8A992A PERICOM-PT8A992A Datasheet
325Kb / 9P
   10-Function Remote Controller
logo
SamHop Microelectronics...
SM-T2 SAMHOP-SM-T2 Datasheet
55Kb / 8P
   REMOTE CONTROLLER WITH FIVE FUNCTION
logo
Pericom Semiconductor C...
PT8A977B PERICOM-PT8A977B Datasheet
156Kb / 11P
   PT8A977B/9781 5-Function Remote Controller for 1V Micro Cars
logo
Unisonic Technologies
RCR03 UTC-RCR03 Datasheet
138Kb / 9P
   3 FUNCTION DECODER FOR REMOTE CONTROLLER
logo
List of Unclassifed Man...
SPRC205A ETC1-SPRC205A Datasheet
1Mb / 19P
   5-FUNCTION REMOTE CONTROL ENCODER / DECODER
logo
AAEON Technology
ACG-204 AAEON-ACG-204 Datasheet
121Kb / 1P
   Supports Remote Display Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com