Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WMF512K8-150CM5A Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # WMF512K8-150CM5A
Description  512Kx8 MONOLITHIC FLASH, SMD 5962-96692
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WMF512K8-150CM5A Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button WMF512K8-150CM5A Datasheet HTML 5Page - White Electronic Designs Corporation WMF512K8-150CM5A Datasheet HTML 6Page - White Electronic Designs Corporation WMF512K8-150CM5A Datasheet HTML 7Page - White Electronic Designs Corporation WMF512K8-150CM5A Datasheet HTML 8Page - White Electronic Designs Corporation WMF512K8-150CM5A Datasheet HTML 9Page - White Electronic Designs Corporation WMF512K8-150CM5A Datasheet HTML 10Page - White Electronic Designs Corporation WMF512K8-150CM5A Datasheet HTML 11Page - White Electronic Designs Corporation WMF512K8-150CM5A Datasheet HTML 12Page - White Electronic Designs Corporation WMF512K8-150CM5A Datasheet HTML 13Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WMF512K8-XXX5
November 2005
Rev. 6
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ORDERING INFORMATION
WHITE ELECTRONIC DESIGNS CORP.
MONOLITHIC
Flash
ORGANIZATION, 512K x 8
ACCESS TIME (ns)
PACKAGE TYPE:
C = 32 Pin Ceramic DIP (Package 300)
CL = 32 Pin Rectangular Ceramic Leadless Chip Carrier (Package 601)
DE = 32 Lead Ceramic SOJ (Package 101)
FE = 32 Lead Flatpack (Package 220)
DEVICE GRADE:
M = Military Screened
-55°C to +125°C
I = Industrial
-40°C to +85°C
C = Commercial
0°C to +70°C
VPP PROGRAMMING VOLTAGE
5 = 5V
LEAD FINISH:
Blank = Gold plated leads
A = Solder dip leads
W M F 512K 8 - XXX X X 5 X


Similar Part No. - WMF512K8-150CM5A

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
WMF CDE-WMF Datasheet
316Kb / 4P
   Film/Foil, Axial Leads - Commercial, Industrial Applications
WMF CDE-WMF Datasheet
270Kb / 4P
   Polyester Film Capacitors
WMF05P12K-F CDE-WMF05P12K-F Datasheet
316Kb / 4P
   Film/Foil, Axial Leads - Commercial, Industrial Applications
WMF05P12K-F CDE-WMF05P12K-F Datasheet
270Kb / 4P
   Polyester Film Capacitors
logo
List of Unclassifed Man...
WMF05P15K-F ETC2-WMF05P15K-F Datasheet
185Kb / 2P
   Commercial, Industrial Applications
More results

Similar Description - WMF512K8-150CM5A

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
logo
List of Unclassifed Man...
WMF128K8 ETC1-WMF128K8 Datasheet
142Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WMF2M8-XXX5 WEDC-WMF2M8-XXX5 Datasheet
277Kb / 14P
   2Mx8 MONOLITHIC FLASH, SMD 5962-97609
WMF128K8-XXX5 WEDC-WMF128K8-XXX5 Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WE512K8 WEDC-WE512K8 Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com