Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WMF128K8-50CI5 Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WMF128K8-50CI5
Description  128Kx8 MONOLITHIC FLASH, SMD 5962-96690
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WMF128K8-50CI5 Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WMF128K8-50CI5 Datasheet HTML 1Page - White Electronic Designs Corporation WMF128K8-50CI5 Datasheet HTML 2Page - White Electronic Designs Corporation WMF128K8-50CI5 Datasheet HTML 3Page - White Electronic Designs Corporation WMF128K8-50CI5 Datasheet HTML 4Page - White Electronic Designs Corporation WMF128K8-50CI5 Datasheet HTML 5Page - White Electronic Designs Corporation WMF128K8-50CI5 Datasheet HTML 6Page - White Electronic Designs Corporation WMF128K8-50CI5 Datasheet HTML 7Page - White Electronic Designs Corporation WMF128K8-50CI5 Datasheet HTML 8Page - White Electronic Designs Corporation WMF128K8-50CI5 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WMF128K8-XXX5
April 2001
Rev. 5
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
AC CHARACTERISTICS – WRITE/ERASE/PROGRAM OPERATIONS,CS# CONTROLLED
VCC = 5.0V, VSS = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
-50
-60
-70
-90
-120
-150
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Write Cycle Time
tAVAV
tWC
50
60
70
90
120
150
ns
WE# Setup Time
tWLEL
tWS
000000
ns
CS# Pulse Width
tELEH
tCP
25
30
35
45
50
50
ns
Address Setup Time
tAVEL
tAS
000000
ns
Data Setup Time
tDVEH
tDS
25
30
30
45
50
50
ns
Data Hold Time
tEHDX
tDH
000000
ns
Address Hold Time
tELAX
tAH
40
45
45
45
50
50
ns
WE# Hold from WE# High
tEHWH
tWH
0000
00
ns
CS# Pulse Width High
tEHEL
tCPH
20
20
20
20
20
20
ns
Duration of Programming Operation
tWHWH1
14
14
14
14
14
14
µs
Duration of Erase Operation
tWHWH2
2.2
60
2.2
60
2.2
60
2.2
60
2.2
60
2.2
60
sec
Read Recovery before Write
tGHEL
000000
ns
Chip Programming Time
12.5
12.5
12.5
12.5
12.5
12.5
sec


Similar Part No. - WMF128K8-50CI5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMF128K8-50CI5 ETC1-WMF128K8-50CI5 Datasheet
142Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
More results

Similar Description - WMF128K8-50CI5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMF128K8 ETC1-WMF128K8 Datasheet
142Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
logo
White Electronic Design...
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
WMS128K8-XXX WEDC-WMS128K8-XXX Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
WMF2M8-XXX5 WEDC-WMF2M8-XXX5 Datasheet
277Kb / 14P
   2Mx8 MONOLITHIC FLASH, SMD 5962-97609
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com