Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WV3EG6437S335D4ING Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # WV3EG6437S335D4ING
Description  256MB - 2x16Mx64 DDR SDRAM SO-DIMM, UNBUFFERED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3EG6437S335D4ING Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  WV3EG6437S335D4ING Datasheet HTML 1Page - White Electronic Designs Corporation WV3EG6437S335D4ING Datasheet HTML 2Page - White Electronic Designs Corporation WV3EG6437S335D4ING Datasheet HTML 3Page - White Electronic Designs Corporation WV3EG6437S335D4ING Datasheet HTML 4Page - White Electronic Designs Corporation WV3EG6437S335D4ING Datasheet HTML 5Page - White Electronic Designs Corporation WV3EG6437S335D4ING Datasheet HTML 6Page - White Electronic Designs Corporation WV3EG6437S335D4ING Datasheet HTML 7Page - White Electronic Designs Corporation WV3EG6437S335D4ING Datasheet HTML 8Page - White Electronic Designs Corporation WV3EG6437S335D4ING Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
June 2006
Rev. 0
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ADVANCED
WV3EG6437S-D4
AC OPERATING CONDITIONS
All voltages referenced to VSS
Parameter
Symbol
Min.
Max.
Units
Notes
Input High (Logic1) Voltage
VIH(AC)
VREF + 0.31
V
1
Input Low (Logic0) Voltage
VIL(AC)
VREF - 0.31
V
1
Input Differential Voltage, CK and CK# input
VID(AC)
0.7
VCCQ + 0.6
V
Input Crossing Point Voltage, CK and CK# input
VIX(AC)
0.5*VCC - 0.2
0.5*VCC + 0.2
V
Notes:
1.
VIH overshoot: VIN = VCC + 1.5V for a pulse width ≤ 3ns and the pulse can not be greater than 1/3 of the cycle rate.
VIL undershoot: VIL = -1.5V for a pulse width ≤ 3ns and the pulse can not be greater than 1/3 of the cycle rate.
INPUT/OUTPUT CAPACITANCE
TA = 25°C, f = 100MHz
Parameter
Symbol
Min
Max
Units
Input Capacitance (A0~A12, BA0~BA1, RAS#, CAS#, WE#)
CIN1
20
28
pF
Input Capacitance (CKE0, CKE1)
CIN2
12
16
pF
Input Capacitance (CS0#, CS1#)
CIN3
12
16
pF
Input Capacitance CK, CK0#, CK1, CK1#)
CIN4
12
16
pF
Input Capacitance (DM0 ~ DM7), (DQS0 ~ DQS7)
CIN5
12
14
pF
Input Capacitance (DQ0 ~ DQ63)
COUT1
12
14
pF


Similar Part No. - WV3EG6437S335D4ING

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG6434S-BD4 WEDC-WV3EG6434S-BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3EG6434S262BD4 WEDC-WV3EG6434S262BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3EG6434S265BD4 WEDC-WV3EG6434S265BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3EG6434S335BD4 WEDC-WV3EG6434S335BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
More results

Similar Description - WV3EG6437S335D4ING

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG216M64STSU-D4 WEDC-WV3EG216M64STSU-D4 Datasheet
264Kb / 11P
   256MB - 2x16Mx64 DDR SDRAM UNBUFFERED
W3EG6433S-D3 WEDC-W3EG6433S-D3 Datasheet
234Kb / 12P
   256MB - 2x16Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
EBD25UC8AMFA ELPIDA-EBD25UC8AMFA Datasheet
152Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA-6B ELPIDA-EBD25UC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBD25EC8AAFA-6B ELPIDA-EBD25EC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA ELPIDA-EBD25UC8AAFA Datasheet
176Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
logo
List of Unclassifed Man...
java.util.regex.PatternSyntaxException: Unclosed character class near index 18 SDN03264G1CJ1SA-60[ ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com