Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WF2M32I-090HQ5A Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WF2M32I-090HQ5A
Description  2Mx32 5V Flash Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WF2M32I-090HQ5A Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WF2M32I-090HQ5A Datasheet HTML 1Page - White Electronic Designs Corporation WF2M32I-090HQ5A Datasheet HTML 2Page - White Electronic Designs Corporation WF2M32I-090HQ5A Datasheet HTML 3Page - White Electronic Designs Corporation WF2M32I-090HQ5A Datasheet HTML 4Page - White Electronic Designs Corporation WF2M32I-090HQ5A Datasheet HTML 5Page - White Electronic Designs Corporation WF2M32I-090HQ5A Datasheet HTML 6Page - White Electronic Designs Corporation WF2M32I-090HQ5A Datasheet HTML 7Page - White Electronic Designs Corporation WF2M32I-090HQ5A Datasheet HTML 8Page - White Electronic Designs Corporation WF2M32I-090HQ5A Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WF2M32-XXX5
October 2004
Rev. 5
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Voltage on Any Pin Relative to VSS
VT
-2.0 to +7.0
V
Power Dissipation
PT
8W
Storage Temperature
Tstg
-65 to +125
°C
Short Circuit Output Current
IOS
100
mA
Endurance – Write/Erase Cycles
(Extended Temp)
100,000 min
cycles
Data Retention
20
years
RECOMMENDED DC OPERATING CONDITIONS
Parameter
Symbol Min
Typ
Max
Unit
Supply Voltage
VCC
4.5
5.0
5.5
V
Ground
VSS
00
0
V
Input High Voltage
VIH
2.0
-
VCC + 0.5
V
Input Low Voltage
VIL
-0.5
-
+0.8
V
Operating Temperature (Mil.)
TA
-55
-
+125
°C
Operating Temperature (Ind.)
TA
-40
-
+85
°C
NOTES:
1.
The ICC current listed includes both the DC operating current and the frequency
dependent component (@ 5MHz). The frequency component typically is less than
2mA/MHz, with OE# at VIH.
2.
ICC active while Embedded Algorithm (program or erase) is in progress.
3.
DC test conditions VIL = 0.3V, VIH = VCC - 0.3V
CAPACITANCE
TA = +25°C, f = 1.0MHz
Parameter
Symbol
Max
Unit
OE# capacitance
COE
50
pF
WE1-4# capacitance
HIP (PGA)
CWE
20
pF
HIP (Alternate pinout)
CWE
50
pF
CQFP G4T
CWE
50
pF
CQFP G2U
CWE
20
pF
G2U (Alternate pinout)
CWE
50
pF
CS1-4# capacitance
CCS
20
pF
Data I/O capacitance
CI/O
20
pF
Address input capacitance
CAD
50
pF
This parameter is guaranteed by design but not tested.
DC CHARACTERISTICS – CMOS COMPATIBLE
VCC = 5.0V, VSS = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
Conditions
Min
Max
Unit
Input Leakage Current
ILI
VCC = 5.5, VIN = GND to VCC
10
µA
Output Leakage Current
ILOx32
VCC = 5.5, VIN = GND to VCC
10
µA
VCC Active Current for Read (1)
ICC1
CS# = VIL, OE# = VIH, f = 5MHz
160
mA
VCC Active Current for Program or Erase (2)
ICC2
CS# = VIL, OE# = VIH
240
mA
VCC Standby Current
ICC3
VCC = 5.5, CS# = VIH, f = 5MHz, RESET# = VCC ± 0.3V
8.0
mA
Output Low Voltage
VOL
IOL = 12.0 mA, VCC = 4.5
0.45
V
Output High Voltage
VOH
IOH = -2.5 mA, VCC = 4.5
0.85xVCC
V
Low VCC Lock-Out Voltage
VLKO
3.2
4.2
V


Similar Part No. - WF2M32I-090HQ5A

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WF2M16W-120C5 WEDC-WF2M16W-120C5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WF2M16W-120C5A WEDC-WF2M16W-120C5A Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WF2M16W-120I5 WEDC-WF2M16W-120I5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WF2M16W-120I5A WEDC-WF2M16W-120I5A Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
More results

Similar Description - WF2M32I-090HQ5A

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI7F342MC WEDC-EDI7F342MC Datasheet
306Kb / 3P
   2Mx32 FLASH MODULE
EDI7F342MV WEDC-EDI7F342MV Datasheet
305Kb / 3P
   2Mx32 FLASH MODULE
EDI7F332MC WEDC-EDI7F332MC Datasheet
263Kb / 3P
   2Mx32 FLASH MODULE
EDI7F332MV WEDC-EDI7F332MV Datasheet
121Kb / 3P
   2Mx32 FLASH MODULE
logo
List of Unclassifed Man...
WF128K16 ETC1-WF128K16 Datasheet
189Kb / 11P
   5V FLASH MODULE
logo
White Electronic Design...
WF512K64-XG4WX5 WEDC-WF512K64-XG4WX5 Datasheet
210Kb / 10P
   512Kx64 5V FLASH MODULE
WEDF1M32B-XXX5 WEDC-WEDF1M32B-XXX5 Datasheet
341Kb / 8P
   1Mx32 5V Flash Module
WF4M16-XDTX5 WEDC-WF4M16-XDTX5 Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
WF8M32-XG4DX5 WEDC-WF8M32-XG4DX5 Datasheet
350Kb / 10P
   8Mx32 5V FLASH MODULE
logo
List of Unclassifed Man...
WF128K64-XG4WX5 ETC1-WF128K64-XG4WX5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com