Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WF2M32U-150G2UC5 Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # WF2M32U-150G2UC5
Description  2Mx32 5V Flash Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WF2M32U-150G2UC5 Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  WF2M32U-150G2UC5 Datasheet HTML 1Page - White Electronic Designs Corporation WF2M32U-150G2UC5 Datasheet HTML 2Page - White Electronic Designs Corporation WF2M32U-150G2UC5 Datasheet HTML 3Page - White Electronic Designs Corporation WF2M32U-150G2UC5 Datasheet HTML 4Page - White Electronic Designs Corporation WF2M32U-150G2UC5 Datasheet HTML 5Page - White Electronic Designs Corporation WF2M32U-150G2UC5 Datasheet HTML 6Page - White Electronic Designs Corporation WF2M32U-150G2UC5 Datasheet HTML 7Page - White Electronic Designs Corporation WF2M32U-150G2UC5 Datasheet HTML 8Page - White Electronic Designs Corporation WF2M32U-150G2UC5 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WF2M32-XXX5
October 2004
Rev. 5
FIGURE 3 – AC TEST CIRCUIT
Notes:
VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75 ý.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.
AC TEST CONDITIONS
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 3.0
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V
Current Source
Current Source
IOL
IOH
Ceff = 50 pf
D.U.T.
VZ
1.5V
(Bipolar Supply)
AC CHARACTERISTICS – WRITE/ERASE/PROGRAM OPERATIONS,CS# CONTROLLED
VCC = 5.0V, VSS = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
-90
-120
-150
Unit
Min
Max
Min
Max
Min
Max
Write Cycle Time
tAVAV
tWC
90
120
150
ns
Write Enable Setup Time
tWLEL
tWS
000
ns
Chip Select Pulse Width
tELEH
tCP
45
50
50
ns
Address Setup Time
tAVEL
tAS
000
ns
Data Setup Time
tDVEH
tDS
45
50
50
ns
Data Hold Time
tEHDX
tDH
000
ns
Address Hold Time
tELAX
tAH
45
50
50
ns
Chip Select Pulse Width High
tEHEL
tCPH
20
20
20
ns
Duration of Byte Programming Operation (1)
tWHWH1
300
300
300
µs
Sector Erase Time (2)
tWHWH2
15
15
15
sec
Read Recovery Time
tGHEL
000
µs
Chip Programming Time
44
44
44
sec
Chip Erase Time (3)
256
256
256
sec
Output Enable Hold Time (4)
tOEH
10
10
10
ns
NOTES:
1.
Typical value for tWHWH1 is 7µs.
2.
Typical value for tWHWH2 is 1sec.
3.
Typical value for Chip Erase Time is 32sec.
4.
For Toggle and Data Polling.
FIGURE 4 – RESET TIMING DIAGRAM
RESET#
tRP
tReady


Similar Part No. - WF2M32U-150G2UC5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WF2M16W-120C5 WEDC-WF2M16W-120C5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WF2M16W-120C5A WEDC-WF2M16W-120C5A Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WF2M16W-120I5 WEDC-WF2M16W-120I5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WF2M16W-120I5A WEDC-WF2M16W-120I5A Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
More results

Similar Description - WF2M32U-150G2UC5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI7F342MC WEDC-EDI7F342MC Datasheet
306Kb / 3P
   2Mx32 FLASH MODULE
EDI7F342MV WEDC-EDI7F342MV Datasheet
305Kb / 3P
   2Mx32 FLASH MODULE
EDI7F332MC WEDC-EDI7F332MC Datasheet
263Kb / 3P
   2Mx32 FLASH MODULE
EDI7F332MV WEDC-EDI7F332MV Datasheet
121Kb / 3P
   2Mx32 FLASH MODULE
logo
List of Unclassifed Man...
WF128K16 ETC1-WF128K16 Datasheet
189Kb / 11P
   5V FLASH MODULE
logo
White Electronic Design...
WF512K64-XG4WX5 WEDC-WF512K64-XG4WX5 Datasheet
210Kb / 10P
   512Kx64 5V FLASH MODULE
WEDF1M32B-XXX5 WEDC-WEDF1M32B-XXX5 Datasheet
341Kb / 8P
   1Mx32 5V Flash Module
WF4M16-XDTX5 WEDC-WF4M16-XDTX5 Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
WF8M32-XG4DX5 WEDC-WF8M32-XG4DX5 Datasheet
350Kb / 10P
   8Mx32 5V FLASH MODULE
logo
List of Unclassifed Man...
WF128K64-XG4WX5 ETC1-WF128K64-XG4WX5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com