Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WMS256K16L-35DLMA Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WMS256K16L-35DLMA
Description  256Kx16 MONOLITHIC SRAM, SMD 5962-96902
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WMS256K16L-35DLMA Datasheet(HTML) 6 Page - White Electronic Designs Corporation

  WMS256K16L-35DLMA Datasheet HTML 1Page - White Electronic Designs Corporation WMS256K16L-35DLMA Datasheet HTML 2Page - White Electronic Designs Corporation WMS256K16L-35DLMA Datasheet HTML 3Page - White Electronic Designs Corporation WMS256K16L-35DLMA Datasheet HTML 4Page - White Electronic Designs Corporation WMS256K16L-35DLMA Datasheet HTML 5Page - White Electronic Designs Corporation WMS256K16L-35DLMA Datasheet HTML 6Page - White Electronic Designs Corporation WMS256K16L-35DLMA Datasheet HTML 7Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
WMS256K16-XXX
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
August 2004
Rev. 6
ORDERING INFORMATION
PACKAGE 211: 44 LEAD FORMED, CERAMIC FLAT PACK
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES
12.95 (0.510)
± 0.13 (0.005)
3.81 (0.150)
MAX
0.14 (0.006)
± 0.05 (0.002)
PIN 1
IDENTIFIER
1.27 (0.050) TYP
26.67 (1.050) TYP
1.52 (0.060) TYP
0.43 (0.017)
± 0.05 (0.002)
+
+
1.90 (0.075) TYP
28.45 (1.120)
± 0.26 (0.010)
0.46 (0.030) TYP
16.76 (0.660)
± 0.13 (0.005)
W M S 256K16 X - XXX X X X
LEAD FINISH:
Blank = Gold plated leads
A = Solder dip leads
DEVICE GRADE:
M = Military Screened
-55°C to +125°C
I = Industrial
-40°C to +85°C
C = Commercial
0°C to +70°C
PACKAGE:
DL = 44 Lead Ceramic SOJ (Package 102)
FL = 44 Lead Ceramic Flatpack (Package 225)
FG = 44 Lead Formed Ceramic Flatpack
ACCESS TIME (ns)
IMPROVEMENT MARK:
Blank = Standard Power
L = Low Power Data Retention
ORGANIZATION, 256K x 16
SRAM
MONOLITHIC
WHITE ELECTRONIC DESIGNS CORP.


Similar Part No. - WMS256K16L-35DLMA

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
WMS2 MSYSTEM-WMS2 Datasheet
103Kb / 3P
   Dual Output Plug-in Signal Conditioners W-UNIT
WMS2-01-B MSYSTEM-WMS2-01-B Datasheet
103Kb / 3P
   Dual Output Plug-in Signal Conditioners W-UNIT
WMS2-01-B/K MSYSTEM-WMS2-01-B/K Datasheet
103Kb / 3P
   Dual Output Plug-in Signal Conditioners W-UNIT
WMS2-01-B/Q MSYSTEM-WMS2-01-B/Q Datasheet
103Kb / 3P
   Dual Output Plug-in Signal Conditioners W-UNIT
WMS2-01-C MSYSTEM-WMS2-01-C Datasheet
103Kb / 3P
   Dual Output Plug-in Signal Conditioners W-UNIT
More results

Similar Description - WMS256K16L-35DLMA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI816256CA WEDC-EDI816256CA Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
WMS128K8-XXX WEDC-WMS128K8-XXX Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
Eorex Corporation
EM6156K600V EOREX-EM6156K600V Datasheet
239Kb / 12P
   256Kx16 LP SRAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com