Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WV3EG6437S403D4MG Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WV3EG6437S403D4MG
Description  256MB - 2x16Mx64 DDR SDRAM SO-DIMM, UNBUFFERED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3EG6437S403D4MG Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WV3EG6437S403D4MG Datasheet HTML 1Page - White Electronic Designs Corporation WV3EG6437S403D4MG Datasheet HTML 2Page - White Electronic Designs Corporation WV3EG6437S403D4MG Datasheet HTML 3Page - White Electronic Designs Corporation WV3EG6437S403D4MG Datasheet HTML 4Page - White Electronic Designs Corporation WV3EG6437S403D4MG Datasheet HTML 5Page - White Electronic Designs Corporation WV3EG6437S403D4MG Datasheet HTML 6Page - White Electronic Designs Corporation WV3EG6437S403D4MG Datasheet HTML 7Page - White Electronic Designs Corporation WV3EG6437S403D4MG Datasheet HTML 8Page - White Electronic Designs Corporation WV3EG6437S403D4MG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
ADVANCED*
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
June 2006
Rev. 0
WV3EG6437S-D4
256MB – 2x16Mx64 DDR SDRAM SO-DIMM, UNBUFFERED
DESCRIPTION
The WV3EG6437S is a 2x16Mx64 Double Data Rate
SDRAM memory module based on 256Mb DDR SDRAM
components. The module consists of eight 16Mx16 DDR
SDRAMs in 66 pin TSOP package mounted on a 200 Pin
FR4 substrate.
* This product is under development, is not qualified or characterized and is subject to
change without notice.
FEATURES
Unbuffered Double-data-rate architecture
DDR300 and DDR400
• JEDEC design specifications
Bi-directional data strobes (DQS)
Differential clock inputs (CK & CK#)
Programmable Read Latency 2.5, 3
Programmable Burst Length (2,4,8)
Programmable Burst type (sequential & interleave)
Edge aligned data output, center aligned data input
Auto and self refresh, (8K/64ms Refresh)
Serial presence detect with EEPROM
Dual Rank
Power Supply: VCC = VCC: 2.5V ± 0.2V (DDR300)
VCC = VCCQ: 2.6V ± 0.1V (DDR400)
JEDEC standard 200 pin SO-DIMM package
• Package height options:
D4: 31.75mm (1.25") TYP
NOTE: Consult factory for availability of:
• RoHS compliant products
• Vendor source control options
• Industrial temperature option
OPERATING FREQUENCIES
DDR400@CL=3
DDR333@CL=2.5
Clock Speed
200MHz
166MHz
CL-tRCD-tRP
3-3-3
2.5-3-3


Similar Part No. - WV3EG6437S403D4MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG6434S-BD4 WEDC-WV3EG6434S-BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3EG6434S262BD4 WEDC-WV3EG6434S262BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3EG6434S265BD4 WEDC-WV3EG6434S265BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3EG6434S335BD4 WEDC-WV3EG6434S335BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
More results

Similar Description - WV3EG6437S403D4MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG216M64STSU-D4 WEDC-WV3EG216M64STSU-D4 Datasheet
264Kb / 11P
   256MB - 2x16Mx64 DDR SDRAM UNBUFFERED
W3EG6433S-D3 WEDC-W3EG6433S-D3 Datasheet
234Kb / 12P
   256MB - 2x16Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
EBD25UC8AMFA ELPIDA-EBD25UC8AMFA Datasheet
152Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA-6B ELPIDA-EBD25UC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBD25EC8AAFA-6B ELPIDA-EBD25EC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA ELPIDA-EBD25UC8AAFA Datasheet
176Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
logo
List of Unclassifed Man...
java.util.regex.PatternSyntaxException: Unclosed character class near index 18 SDN03264G1CJ1SA-60[ ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com