Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WV3EG6437S-D4 Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # WV3EG6437S-D4
Description  256MB - 2x16Mx64 DDR SDRAM SO-DIMM, UNBUFFERED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3EG6437S-D4 Datasheet(HTML) 9 Page - White Electronic Designs Corporation

Back Button WV3EG6437S-D4 Datasheet HTML 3Page - White Electronic Designs Corporation WV3EG6437S-D4 Datasheet HTML 4Page - White Electronic Designs Corporation WV3EG6437S-D4 Datasheet HTML 5Page - White Electronic Designs Corporation WV3EG6437S-D4 Datasheet HTML 6Page - White Electronic Designs Corporation WV3EG6437S-D4 Datasheet HTML 7Page - White Electronic Designs Corporation WV3EG6437S-D4 Datasheet HTML 8Page - White Electronic Designs Corporation WV3EG6437S-D4 Datasheet HTML 9Page - White Electronic Designs Corporation WV3EG6437S-D4 Datasheet HTML 10Page - White Electronic Designs Corporation WV3EG6437S-D4 Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
June 2006
Rev. 0
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ADVANCED
WV3EG6437S-D4
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
PACKAGE DIMENSIONS FOR D4
3.81 (0.150)
MAX
1.10 (0.043)
0.90 (0.035)
PIN 1
67.75 (2.667)
67.45 (2.656)
20.00 (0.787)
TYP
1.80 (0.071)
(2X)
0.60 (0.024)
TYP
0.45 (0.018)
TYP
(2X)
PIN 199
PIN 200
PIN 2
FRONT VIEW
2.15 (0.085)
6.00 (0.240)
2.504 (63.60)
2.55 (0.100)
1.00 (0.039)
TYP
TYP
BACK VIEW
31.90 (1.256)
31.60 (1.244)
47.40 (1.866)
TYP
11.40 (0.449)
TYP
4.2 (0.165)
TYP
3.90(0.154)
4.10(0.161)
4.06 (0.160)
1.80 (0.071)
1.50 (0.059)
ORDERING INFORMATION FOR D4
Part Number
Speed/Data Rate Frequency
Height*
WV3EG6437S403D4xxG
200MHz/400Mbps, CL=3
31.75 (1.25") TYP
WV3EG6437S335D4xxG
166MHz/333Mbps, CL=2.5
31.75 (1.25") TYP
NOTES:
• Consult Factory for availability of RoHS compliant products. (G = RoHS Compliant)
• Vendor specific part numbers are used to provide memory components source control. The place holder for this is shown as lower case “x” in the part numbers above and is to
be replaced with the respective vendors code. Consult factory for qualified sourcing options. (M = Micron, S = Samsung & consult factory for others)
• Consult factory for availability of industrial temperature (-40°C to 85°C) option


Similar Part No. - WV3EG6437S-D4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG6434S-BD4 WEDC-WV3EG6434S-BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3EG6434S262BD4 WEDC-WV3EG6434S262BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3EG6434S265BD4 WEDC-WV3EG6434S265BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3EG6434S335BD4 WEDC-WV3EG6434S335BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
More results

Similar Description - WV3EG6437S-D4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG216M64STSU-D4 WEDC-WV3EG216M64STSU-D4 Datasheet
264Kb / 11P
   256MB - 2x16Mx64 DDR SDRAM UNBUFFERED
W3EG6433S-D3 WEDC-W3EG6433S-D3 Datasheet
234Kb / 12P
   256MB - 2x16Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
EBD25UC8AMFA ELPIDA-EBD25UC8AMFA Datasheet
152Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA-6B ELPIDA-EBD25UC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBD25EC8AAFA-6B ELPIDA-EBD25EC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA ELPIDA-EBD25UC8AAFA Datasheet
176Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
logo
List of Unclassifed Man...
java.util.regex.PatternSyntaxException: Unclosed character class near index 18 SDN03264G1CJ1SA-60[ ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com