Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSF128K32-27H2CA Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WSF128K32-27H2CA
Description  128KX32 SRAM/FLASH MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WSF128K32-27H2CA Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WSF128K32-27H2CA Datasheet HTML 1Page - White Electronic Designs Corporation WSF128K32-27H2CA Datasheet HTML 2Page - White Electronic Designs Corporation WSF128K32-27H2CA Datasheet HTML 3Page - White Electronic Designs Corporation WSF128K32-27H2CA Datasheet HTML 4Page - White Electronic Designs Corporation WSF128K32-27H2CA Datasheet HTML 5Page - White Electronic Designs Corporation WSF128K32-27H2CA Datasheet HTML 6Page - White Electronic Designs Corporation WSF128K32-27H2CA Datasheet HTML 7Page - White Electronic Designs Corporation WSF128K32-27H2CA Datasheet HTML 8Page - White Electronic Designs Corporation WSF128K32-27H2CA Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WSF128K32-XH2X
October 2004
Rev. 4
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
PRELIMINARY
ADDRESS
DATA I/O
tAW
tAS
tCW
tAH
tWP
tDH
tDW
tWC
SCS#
SWE#
DATA VALID
FIGURE 3 – SRAM TIMING WAVEFORM - READ CYCLE
FIGURE 4 – SRAM WRITE CYCLE - SWE# CONTROLLED
FIGURE 5 – SRAM WRITE CYCLE - SCS# CONTROLLED
ADDRESS
DATA I/O
tAA
tOH
tRC
DATA VALID
PREVIOUS DATA VALID
READ CYCLE 1, (SCS# = OE# = VIL, SWE# = FCS# = VIH)
READ CYCLE 2, (SWE# = FCS# = VIH)
WRITE CYCLE 2, SCS# CONTROLLED (FCS# = VIH)
WRITE CYCLE 1, SWE# CONTROLLED (FCS# = VIH)
ADDRESS
DATA I/O
tAA
tACS
tOE
tCLZ
tOLZ
tOHZ
tRC
DATA VALID
HIGH IMPEDANCE
SCS#
SOE#
tCHZ
ADDRESS
DATA I/O
tAW
tCW
tAH
tWP
tDW
tWHZ
tAS
tOW
tDH
tWC
DATA VALID
SCS#
SWE#


Similar Part No. - WSF128K32-27H2CA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSF128K32-27H2CA ETC1-WSF128K32-27H2CA Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
More results

Similar Description - WSF128K32-27H2CA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSF41632-22XX WEDC-WSF41632-22XX Datasheet
526Kb / 14P
   128KX32 SRAM & 512Kx32 FLASH MIXED MODULE
logo
Aeroflex Circuit Techno...
ACT-SF128K32 AEROFLEX-ACT-SF128K32 Datasheet
168Kb / 10P
   ACT-SF128K32 High Speed 128Kx32 SRAM / 128Kx32 Flash Multichip Module
ACT-SF41632 AEROFLEX-ACT-SF41632 Datasheet
182Kb / 11P
   ACT-SF41632 High Speed 128Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
White Electronic Design...
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
logo
Samsung semiconductor
KM732V787 SAMSUNG-KM732V787 Datasheet
524Kb / 16P
   128Kx32 Synchronous SRAM
KM732V789 SAMSUNG-KM732V789 Datasheet
487Kb / 15P
   128Kx32 Synchronous SRAM
logo
White Electronic Design...
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
List of Unclassifed Man...
WS128K32V ETC1-WS128K32V Datasheet
98Kb / 8P
   128Kx32 3.3V SRAM MULTICHIP PACKAGE
logo
White Electronic Design...
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com